Part Number Hot Search : 
SI2305 Z1SMA11 SMP5461 C4096AHG VA033TS G7N60 ADC121 CC1150
Product Description
Full Text Search
 

To Download B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thermal Cutout
Temperature Protection for Coils/Windings
FEATURES - broad product range for all types of application and load - small size - maximum switch load - good heat transfer - high temperature sensitivity - minimal contact resistance - many approvals
F Type B Type
DESCRIPTION This thermostat operates as a thermal cutout. A thermally sensitive bimetal snap-element with double contacts (single contacts for type F 11) either opens or closes an electrical circuit by switching at a pre-set response temperature. Reset follows automatically after a considerable drop in temperature. Heat transfer occurs from all sides through convection, radiation or conduction in gaseous or solid media. The circular base plate conducts heat onto the bimetal snap-element, thus also allowing its use as a surface temperature cutout. APPLICATIONS Thermal protection and- under certain conditions - temperature control of electrical machinery and equipment. Examples Single phase motors Generators Convertors Transformers Pumps DIMENSIONS F 11 B 11/B 12
Heating elements Signal transmitters Fire detectors Magnets Relays
Chokes Coils Power supplies Inverters
03-04-01 1000-Y132
CANTHERM
8415 Mountain Sights Avenue * Montreal (Quebec), H4P 2B8, Canada Tel: (514) 739-3274 * 1-800-561-7207 * Fax: (514) 739-290 E-mail : sales@cantherm.com * Website: www.cantherm.com
Microtherm International Cooperation
TECHNICAL DATA
Type Voltage rating 50 - 60 Hz* Current rating at cos j = 1,0* Current rating at cos j = 0,6* max. load 48 h** at cos j = 1.0 Normally closed N-C Contact arrangement Normally open N-O Switch operations at rated current* Contact resistance*** Response temperature range E I (10 000) < 40 m1/2 +70 C to +160 C 343 K to 433 K 5 K 10 K 15 K T 175 silver-plated steel hard epoxy E I (10 000) 35 E2 (3500) < 40 m1/2 +70 C to +160 C 343 K to 433 K 5 K 10 K 15 K T 175 silver-plated steel hard epoxy E I (10 000) < 40 m1/2 +50 C to +160 C 323 K to 433 K 5 K 10 K 15 K T175 nickel-plated steel Duroplast E I (10 000) < 40 m1/2 +50 C to +160 C 323 K to 433 K 5 K 10 K 15 K T 175 nickel-plated steel Duroplast F 11 250 V 2,0 A 1,2 A 3,0 A F 11U 250 V 2,0 A 1,2 A 4,0 A B 11 250 V 6,3 A 4,0 A 8,0 A B 12 250 V 6,3 A 4,0 A 10,0 A
Tolerance (minimum) Max. permanent temperature of switch mechanism* Housing material Protection Strength of shape without permanent deformation Vacuum tightness AE Rate of leak
sealed against ingress of dust, lacquer, oil, resin etc. 800 N/mm2 standard Ref. P102 0.133-0.0133 bar cm3/s 800 N/mm2 standard Ref. P102 0.133-0.0133 bar cm3/s Standard P301 P302 P303 P304 10,0 (1,2) A 10,0 A 0.8 6.0 1.0 1.2 1.8 A A A A A 10,0 A 0.8 6.0 1.0 1.2 1.8 A A A A A 36,0 A 2.0 12.0 3.0 4.2 5.5 A A A A A 900 N/mm2 standard Ref. P102 0.133-0.0133 bar cm3/s 1250 V 50-60 Hz 2000 V 50-60 Hz 2750 V 50-60 Hz 3750 V 50-60 Hz 4000 V 50-60 Hz 16,0 (8,0) A 36,0 A 2.0 12.0 3.0 4.2 5.5 A A A A A 900 N/mm2 standard Ref. P102 0.133-0.0133 bar cm3/s
Insulation resistance/ dielectric strength Execution according to U Overheat protector UHS Short circuit proof Max. load 500 V AC 110 V AC 60 V DC 42 V DC 6/12/ 24 V DC Min. load
50 m A
.
50 m A
50 m A
50 m A
Note: *** Approved ratings- other specific values on request. *** Cycling rate 72/h
*** Contact resistance in standard version. AE On request.
CURRENT SENSITIVITY The thermostats are not current sensitive at rated currents. At loads above the rated values, upto maximum loading there is self-heating of the current-carrying contacts. If current sensitive cutouts are required, please refer to the data sheet Thermal cutouts - current sensitive thermal protection for coils/windings (Nr. 395). INSULATION RESISTANCE Housing (with insulation) to earth 2750Veff. AC P 302 On request, in special housing, upto 4000Veff. AC P 304 Across open contacts, dependent on response temperature 500Veff. AC P304 Voltage of coil depending on application, please ask.
03-04-01 1000-Y132
RESPONSE TEMPERATURES, TOLERANCE Temperature stepped in 5 C intervals, and tolerance in K from 50 C to 160 C. Special switch-off and reset temperatures available on request. Rate of temperature rise from 0.1 K/min. to max. 1.0 K/min. Insulation of the housing will slow down the cutout's response. Standard reset temperature between 5 K and 50 K, depending on response temperature.
CONNECTIONS Flexible leads or solid wire in different lengths and cross-sections are available - please ask. 2
QUALITY ASSURANCE Production item testing Voltage test, switch function Nominal switching temperature Random sample quality testing Life expectancy to VDE 0631/EN 60730 Function test to AQL 1.0 Nominal response temperature AQL 1.0 Measurement tolerance 2 C AQL 4.0 Other values AQL 4.0
CONNECTIONS (Standard)
Type Lead length standard 100-20 mm Code L510 L517 L515 L520 L531 L528 L540 Temperature Class (VDE) B F C B F H C Cross section 0.25 mm2 0.25 mm2 0.24 mm2 0.5 0.5 0.5 0.62 mm2 mm2 mm2 mm2 Coating/ Insulation Textil/Lack Polyolefine PTFE Textil/Lack Polyolefine FEP PTFE Conductor tinned copper tinned copper silvered copper tinned copper tinned copper tinned copper silvered copper Colour black blue white yellow blue white white
F 11
B 11/ B 12
100-20 mm
Lead stripping: standard 6 1 mm a = ends stripped b = half insulated c = stripped and lead end tinned INSULATION Standard versions of the thermostats are un-insulated. If insulation is desired, the standard insulation (class) should be selected for the appropriate response temperature or max. operating temperature.
The temperature resistance of the connecting leads allows for the nominal response temperature of the cutout. The leads used are consistent with insulation class and dielectric strength stated.
Type
Version
Description
Insulation Class (VDE)
F 11 F 11
U 102 U 104
Example:
F 11
U 106
F 11
U 116
U10 2 ( F11 )
F 11 U 112
Standard SHB transparent shrink material SSB radiation cross-linked heat-shrink sleeve black for normally closed SSH radiation cross-linked heat-shrink sleeve transparent Standard shrink sleeve PTFE UWF coating hard epoxy
B B
F
H
F
U112 ( F11 )
F 11 F 11
U 185 U 180
Standard Insulation cap ST Insulation cap PET
B H
U18 5 ( F11 )
B 11/B 12 U 103 B 11/B 12 U 105
U 109 B 11/B 12 U 107
U10 5 ( B11 / B12 )
Standard SHB transparent shrink material SSB radiation cross-linked heat-shrink sleeve black for normally closed red for normally open SSH radiation cross-linked heat-shrink sleeve transparent
B B
F
B 11/B 12 U 139 B 11/B 12 U 112
shrink sleeve PTFE UWF coating hard epoxy
H F
U112 ( B11 / B1 2 )
B 11/B 12 U 186 B 11/B 12 U 181
B H
Insulation cap PET
3
03-04-01 1000-Y132
U18 6 ( B11 / B1 2 )
Standard Insulation cap ST
SPECIAL VERSIONS INSULATION Special versions are available, please ask. MOUNTINGS Single screw fixing bracket (CuBe) for use on flat surfaces with full insulation or cap.
INSTALLATION TIPS When installing thermal cutouts, it is important to ensure good heat transfer. The heat sensitive surface (base) should be placed on/near to the heat source. Heat conducting paste or paint will improve heat transfer. It should be noted that standard version thermal cutouts have a current-carrying housing, and that with electrically insulated cutouts the impaired heat transfer can alter the effective switching temperature. This should be borne in mind when selecting the nominal response temperature. With single-phase motors, the cutout should switch the mains supply. It will then switch the motor off if there is any undesirable heating. The motor short circuit current will then be safely interrupted, if this is larger than the current rating of the cutout. For three-phase motors, the motor current will not be interrupted direct from the mains supply. The cutout installed in the windings should switch in series with the magnetic coil of the contactor. The electrical supply to the cutouts should lead either singly or together from the motor terminals so that connection with the control circuit is possible.
PRODUCT MARKING Example: B12V Type, version 12510 Nominal response temperature (3 digits), Tolerance in K (2 digits) 074E Month (2 digits), Year (1 digit), Country code
MARKING Normally closed = blue epoxy, Code No. 2 Normally open = red epoxy, Code No. 1 Special markings on request.
ORDERING EXAMPLE Quantity APPROVALS Life expectancy, voltage rating, current rating to VDE 0631 or EN 60730, see page 2. Additional approvals apply for many countries. Information on request. 800 Type B 12 Temperature 125 C 10 K Version U 103
We reserve the right to change specifications without prior notice.
CANTHERM
8415 Mountain Sights Avenue * Montreal (Quebec), H4P 2B8, Canada Tel: (514) 739-3274 * 1-800-561-7207 * Fax: (514) 739-290 E-mail : sales@cantherm.com * Website: www.cantherm.com


▲Up To Search▲   

 
Price & Availability of B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X