Part Number Hot Search : 
L5122 PRS28G LM40X21A L5122 RBA5104 FFCKS3L2 41E2406 SI9979
Product Description
Full Text Search
 

To Download AZ980 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ980
80 AMP MINI-ISO AUTOMOTIVE RELAY
FEATURES 80 Amp contact rating - "Super ISO" High momentary carry current (500 A) High operating temperature (85C) SPST - N.O. (1 Form A), SPDT (1 Form C) SPST - N.C. (1 Form B) * Quick connect terminals * ISO/TS 16949, ISO14001 * Tested in accordance with SAEJ2544 * * * *
CONTACTS
Arrangement Ratings SPST - N.O. (1 Form A), SPST - N.C. (1 Form B), SPDT (1 Form C) Resistive load: Max. switched power: 1120 W (SPST) Form A 840 W (N.O.) Form C 840 W (N.C.) Form C, Form B Max. switched current: 80 A (SPST) Form A 60 A (N.O.) Form C 60 A (N.C.) Form C, Form B Max. switched voltage: 30 VDC
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 80 A 14 VDC Res. 7 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 500 Vrms coil to contact (at sea level for 1 min.) 500 Vrms contact to contact Insulation Resistance 100 megohms min. at 500 VDC, 20C 50% RH Greater than 10% of nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (211F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Copper alloy Quick Connect
Note: Allow suitable slack on leads when wiring, and do not subject the terminals to excessive force.
Material Resistance
Silver tin oxide < 50 milliohms initially (24 V, 1 A voltage drop method) Dropout Ambient Temperature Operating Storage
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 0.76 W 3.0 W at 20C (68F) 56C (101F) at nominal coil voltage Max. 155C (311F)
Vibration Shock Enclosure Terminals
Weight
46 grams
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
5/22/07W
AZ980
RELAY ORDERING DATA
COIL SPECIFICATIONS ORDER NUMBER*
Nominal Coil Must Operate Max. Continuous Coil Resistance SPST SPDT VDC VDC VDC 10% 6 3.9 7.8 20 AZ980-1A-6D AZ980-1C-6D 12 7.8 19.0 90 AZ980-1A-12D AZ980-1C-12D 24 15.6 37.9 360 AZ980-1A-24D AZ980-1C-24D * For SPST (N.C.) (1 Form B) relay, substitute "-1B" for "-1A". Add suffix "R" for resistor in parallel with coil. Resistor values: 6V: 180 ohms, 12V: 680 ohms, 24V: 2700 ohms. Add suffix "D" for diode across coil (anode (+) on terminal #86). Add suffix "E" for epoxy sealed version.
HARDWARE ORDERING DATA
DESCRIPTION
Socket
ORDER NUMBER
ST980
MECHANICAL DATA
O u tlin e D im e n s io n s
1.142 Max [29 ] 1.142 Max [29]
W irin g D ia g ra m s
SPDT
30
30
85
87A
86
1.043 Max [26.5]
.7 0 5 [1 7 .9 ]
85
87A
86
.3 1 1 [7 .9 ]
87
87
.3 2 7 [8 .3 ]
S P S T (N .O .)
3 x .5 9 8 [1 5 .2 ] 2 x .4 4 1 [1 1 .2 ]
85 30
.6 6 1 [1 6 .8 ]
86
2 x .0 3 1 [.8 ]
3 x .0 4 7 [1 .2 ]
3 x .3 7 4 [9 .5 ]
2 x .2 4 8 [6 .3 ]
87
S o c k e t, S P S T - S T 9 8 0
.292 [7.43]
.761 [19.33] .206 [5.23]
1.265 [32.13]
.697 [17.72]
1.147 [29.12]
.319 [8.12] .632 [16.05] .729 [18.53] .967 [24.56]
.903 [22.94]
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
5/22/07W


▲Up To Search▲   

 
Price & Availability of AZ980

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X