Part Number Hot Search : 
SW50N06 BSOZA403 AX3011 NTE60 M3501 ILA19002 DTC12 06100
Product Description
Full Text Search
 

To Download AZ977-1C-12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ977
20 AMP MICRO-ISO AUTOMOTIVE RELAY
FEATURES * * * * * * * * * Up to 20 Amp switching capability in a compact size Coils to 24 VDC Small footprint 1 Form A and C contacts available Vibration and shock resistant ISO/TS 16949, ISO14001 Tested in accordance with SAE J2544 Cost effective Designed for high in-rush applications
CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load:
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (max.) Max. switched power: 280 W Max. switched current: 20 A Max. switched voltage: 150 VDC* Rated load: 20 A at 14 VDC
* If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Minimum operations 1 x 106 1 x 105 at 20 A 14 VDC Res. 10 ms max. at nominal coil voltage 7 ms max. at nominal coil voltage (with no coil suppression)
Release Time (max.)
Dielectric Strength 1000 VDC coil to contact (at sea level for 1 min.) 500 VDC between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock 100 megohms min. at 20C, 500 VDC 50% RH Greater than 8.3% of nominal coil voltage At nominal coil voltage -40C (-40F) to 115C (239F) -40C (-40F) to 155C (311F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Quick connects
Note: Allow suitable slack on leads when wiring, and do not subject the terminals to excessive force.
Material Resistance
Silver tin oxide < 50 milliohms initially (6 V, 1 A voltage drop method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max Temperature 534 mW (Standard) 421 mW (Sensitive) 2.6 W at 20C (68F) ambient 60C (108F) at nominal coil voltage 155C (311F)
Enclosure Terminals
Weight
18.5 grams
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
5/23/07W
AZ977
RELAY ORDERING DATA
STANDARD RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.6 7.2 14.4 Max. Continuous VDC 7.8 15.6 31.2 Coil Resistance 10% 25 97 384
ORDER NUMBER*
Form A (SPST) AZ977-1A-6D AZ977-1A-12D AZ977-1A-24D Form C (SPDT) AZ977-1C-6D AZ977-1C-12D AZ977-1C-24D
SENSITIVE RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.6 7.2 14.4 Max. Continuous VDC 7.8 15.6 31.2 Coil Resistance 10% 32 123 483
ORDER NUMBER*
Form A (SPST) AZ977-1A-6DS AZ977-1A-12DS AZ977-1A-24DS Form C (SPDT) AZ977-1C-6DS AZ977-1C-12DS AZ977-1C-24DS
*Add suffix "R" for resistor in parallel with coil. Resistor values: 6V: 180 W, 12V:680 W, 24V:2700 W
MECHANICAL DATA
.906 [23.0] .610 [15.5]
WIRING DIAGRAMS
VIEWED TOWARDS TERMINALS
1.02 [26.0] 85 (2)
*
87a (4) 87 (5) .453 [11.5] 86 (1) FORM C 30 (8)
3X .189 [4.8] .315 [8.0] 85 .354 [9.0] .177 [4.5] 87a 86 87 30
5X.031 [0.8]
2X.248 [6.3]
85
*
87 86 FORM A 30
.554 [14.1]
.099 [2.6]
*Optional resistor
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
5/23/07W


▲Up To Search▲   

 
Price & Availability of AZ977-1C-12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X