Part Number Hot Search : 
CS12104 CKFIAAAA LTM4601A LBS11003 FLU011 CHDTA ZMT32TA MR7H5
Product Description
Full Text Search
 

To Download AZ960-1C-48D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ960
MINIATURE POWER RELAY
FEATURES * * * * * * 1 Form A or 1 Form C Standard and sensitive coils High in-rush capability All plastics rated 94V-0 UL, CUR file E44211 Epoxy sealed version available
CONTACTS
Arrangement Ratings SPST NO (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 150 W or 1250 VA Max. switched current: 5 A Max. switched voltage: 30 VDC or 250 VAC UL, CUR 5 A at 250 VAC
1/10
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at rated load 10 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
HP 125, 250 VAC
Dielectric Strength 2000 Vrms coil to contact (at sea level for 1 min.) 750 Vrms contact to contact Insulation Resistance Dropout 1000 megohms min. at 500 VDC, 20C, 50% RH Greater than 5% of nominal coil voltage
Minimum Load Material Resistance
5 VDC, 0.1 A Silver alloy < 100 milliohms initially (24 V, 1 A voltage drop method)
Ambient Temperature Operating Standard: 40C (-40F) to 75C (167F) Sensitive: 40C (-40F) to 80C (176F) Storage Vibration 40C (-40F) to 105C (221F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 250C (482F) 5 seconds 80C (176F) 30 seconds 8 grams
COIL
Power At Pickup Voltage (typical) Max Continuous Dissipation Temperature Rise Standard coil: 176 mW Sensitive coil: 129 mW 1.3 W at 20C (68F) 0.9 W at 40C (104F) At nominal coil voltage: Standard coil: 31C (56F) Sensitive coil: 23C (41F) 105C (221F)
Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time
Max. Temperature
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
Weight
Rev. 7/10/97
AZ960
RELAY ORDERING DATA
STANDARD RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 14 18 24 48 Must Operate VDC 3.5 4.2 6.3 8.4 9.8 12.6 16.8 33.6 Max. Continuous VDC 9.5 11.4 17.1 22.8 26.6 34.2 45.6 91.2 Coil Resistance 10% 69 100 225 400 544 900 1600 6400
ORDER NUMBER*
AZ960-1C-5D AZ960-1C-6D AZ960-1C-9D AZ960-1C-12D AZ960-1C-14D AZ960-1C-18D AZ960-1C-24D AZ960-1C-48D
SENSITIVE RELAYS COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 14 18 24 48 Must Operate VDC 3.6 4.3 6.5 8.6 10.1 13.0 17.3 34.7 Max. Continuous VDC 11.4 13.7 20.6 27.3 32.0 41.1 54.3 109.5 Coil Resistance 10% 100 145 325 575 790 1300 2310 9220
ORDER NUMBER*
AZ960-1C-5DS AZ960-1C-6DS AZ960-1C-9DS AZ960-1C-12DS AZ960-1C-14DS AZ960-1C-18DS AZ960-1C-24DS AZ960-1C-48DS
*Add suffix "E" for epoxy sealed version. Substitute "1A" in place of the "1C" to indicate 1 Form A.
MECHANICAL DATA
.807 (20.5) .413 (10.5) Term. No. Dimensions Tol.: 0.005(0.13) 2, 3 .807 (20.5) 1, 4 5 .134 (3.4) .20 .50 (5.08) (12.70) .54 (1.36) .54 (1.36) .20 (5.08) .10 (2.54) 0.024 X 0.024 (0.6 X 0.6) 0.016 X 0.024 (0.4 X 0.6) 0.010 X 0.032 (0.25 X 0.8 ) .20 (5.08) .10 (2.54) .10 (2.54) .10 (2.54) .50 (12.7) .30 (7.62) .0571 (1.44) .054 (1.36)
PC BOARD LAYOUT
.047 (1.2) 3 places
.039 (1.0) 2 places
.039 (1.0) 2 places
WIRING DIAGRAM
1 NC COM NO 4 3 4 2 1 COM NO 3 .047 (1.2) 2 places .20 (5.08) 2 .30 (7.62) .10 (2.54) .50 (12.7) .057 (1.44) .054 (1.36)
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
Viewed toward terminals
Rev. 7/10/97


▲Up To Search▲   

 
Price & Availability of AZ960-1C-48D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X