Part Number Hot Search : 
SDR4430 SDR4430 AT24LC02 MH205 M35101 ILA19002 NSR2N M3501
Product Description
Full Text Search
 

To Download AZ951-1CM-15DSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ951/AZ952
SUBMINIATURE POWER RELAY
FEATURES * * * * * * * * Subminiature size for high density packaging Coil sensitivity to 116 mW Extremely low cost Coils to 24 VDC Epoxy sealed for automatic wave soldering 1 Amp, 3 Amp & 5 Amp contacts Life expectancy to 10 million operations UL, CUR file E43203 GENERAL DATA CONTACTS
Arrangement Ratings Light Duty SPDT (1 Form C) Resistive load: Max. switched power: 30 W or 125 VA Max. switched current: 1 A Max. switched voltage: 150 VDC or 300 VAC UL Rating: 1 A at 30 VDC 1 A at 125 VAC Max. switched power: 90 W or 375 VA Max. switched current: 3 A Max. switched voltage: 150 VDC or 300 VAC UL Rating: 3 A at 30 VDC 3 A at 125 VAC Max. switched power: 150 W or 625 VA Max. switched current: 5 A Max. switched voltage: 150 VDC or 300 VAC UL Rating: 5 A at 30 VDC 5 A at 125 VAC 270 VA, 120 VAC Pilot Duty N.O. 30k cycles, N.C. 6k cycles Light and Medium Duty: Silver, gold plated Heavy Duty: Silver nickel gold plated < 100 milliohms initially Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 3 A 120 VAC Res. 5 ms at nominal coil voltage 1 ms at nominal coil voltage (with no coil suppressions)
Medium Duty
Dielectric Strength 1250 Vrms coil to contact (at sea level for 1 min.) 750 Vrms between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time 100 megohms min. at 20C, 500 VDC Greater than 10% of nominal coil voltage At nominal coil voltage Standard: -25C (-13F) to 55C (131F) Sensitive: -25C (-13F) to 75C (167F) Both: -25C (-13F) to 105C (221F) 0.062" DA at 10-55Hz 15 g P.B.T. polyester Tinned copper alloy 270C (518F) 5 seconds 80C (176F) 30 seconds 3.5 grams
Heavy Duty
Material Resistance
COIL
Power At Pickup Voltage (typical) Max Continuous Dissipation Temperature Rise Standard Coil: 253 mW Sensitive coil: 116 mW 0.8 W at 20C (68F) ambient 0.6 W at 40C (104F) ambient At nominal coil voltage: Standard: 54C (97F) Sensitive: 30C (54F) 105C (221F)
Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Other coil resistances and sensitivities available upon request. 4. Specifications subject to change without notice.
Max. Temperature
2/20/08W
AZ951/AZ952
RELAY ORDERING DATA
STANDARD RELAYS -- Light Duty Type COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 Max. Continuous VDC 6.7 8.0 16.0 32.0 Coil Resistance 10% 56 80 320 1280 Must Operate VDC 3.75 4.50 9.00 18.00
ORDER NUMBER
AZ951-1C-5DE AZ951-1C-6DE AZ951-1C-12DE AZ951-1C-24DE AZ952-1C-5DE AZ952-1C-6DE AZ952-1C-12DE AZ952-1C-24DE
SENSITIVE RELAYS -- Light Duty Type COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 24 Max. Continuous VDC 8.5 10.4 15.3 20.5 41.0 Coil Resistance 10% 120 180 400 700 2800 Must Operate VDC 3.75 4.50 6.75 9.00 18.00
ORDER NUMBER
AZ951-1C-5DSE AZ951-1C-6DSE AZ951-1C-9DSE AZ951-1C-12DSE AZ951-1C-24DSE AZ952-1C-5DSE AZ952-1C-6DSE AZ952-1C-9DSE AZ952-1C-12DSE AZ952-1C-24DSE
STANDARD RELAYS -- Medium Duty Type COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 Max. Continuous VDC 6.7 8.0 16.0 32.0 Coil Resistance 10% 56 80 320 1280 Must Operate VDC 3.75 4.50 9.00 18.00
ORDER NUMBER
AZ951-1CM-5DE AZ951-1CM-6DE AZ951-1CM-12DE AZ951-1CM-24DE AZ952-1CM-5DE AZ952-1CM-6DE AZ952-1CM-12DE AZ952-1CM-24DE
SENSITIVE RELAYS -- Medium Duty Type COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 15 18 24 Max. Continuous VDC 8.5 10.4 15.3 20.5 25.6 30.8 41.0 Coil Resistance 10% 120 180 400 700 1093 1575 2800 Must Operate VDC 3.75 4.50 6.75 9.00 11.30 13.50 18.00
ORDER NUMBER
AZ951-1CM-5DSE AZ951-1CM-6DSE AZ951-1CM-9DSE AZ951-1CM-12DSE AZ951-1CM-15DSE AZ951-1CM-18DSE AZ951-1CM-24DSE AZ952-1CM-5DSE AZ952-1CM-6DSE AZ952-1CM-9DSE AZ952-1CM-12DSE AZ952-1CM-15DSE AZ952-1CM-18DSE AZ952-1CM-24DSE
STANDARD RELAYS -- Heavy Duty Type COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 Max. Continuous VDC 6.7 8.0 16.0 32.0 Coil Resistance 10% 56 80 320 1280 Must Operate VDC 3.75 4.50 9.00 18.00
ORDER NUMBER
AZ951-1CH-5DE AZ951-1CH-6DE AZ951-1CH-12DE AZ951-1CH-24DE AZ952-1CH-5DE AZ952-1CH-6DE AZ952-1CH-12DE AZ952-1CH-24DE
2/20/08W
AZ951/AZ952
MECHANICAL DATA
AZ951 PC Board Layout
.620 Max [15.75]
.423 Max [10.75]
.400 [10.16]
.062 [1.56]
.465 Max [11.81]
5x .039 .005 [1.0]
.300 [7.62]
.060 [1.52] .100 [2.54] .125 [3.18] .300 [7.62]
.100 [2.54] VIEWED TOWARD TERMINALS AZ952 PC Board Layout
12
12
6
.400 [10.16]
.062 [1.56]
7
7
6x .039 .005 [1.0]
.300 [7.62]
12 11
12 11 .060 [1.52] .100 [2.54]
AZ951 Wiring Diagram VIEWED TOWARD TERMINALS
AZ952 Wiring Diagram VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
2/20/08W


▲Up To Search▲   

 
Price & Availability of AZ951-1CM-15DSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X