Part Number Hot Search : 
A1512 M38026M5 S3540 FAN8060 FAN8060 BY9416 HUN2114 C1500
Product Description
Full Text Search
 

To Download AT91SAM7S32-MU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Incorporates the ARM7TDMI(R) ARM(R) Thumb(R) Processor
- High-performance 32-bit RISC Architecture - High-density 16-bit Instruction Set - Leader in MIPS/Watt - EmbeddedICETM In-circuit Emulation, Debug Communication Channel Support Internal High-speed Flash - 512 Kbytes (AT91SAM7S512) Organized in Two Contiguous Banks of 1024 Pages of 256 Bytes (Dual Plane) - 256 Kbytes (AT91SAM7S256) Organized in 1024 Pages of 256 Bytes (Single Plane) - 128 Kbytes (AT91SAM7S128) Organized in 512 Pages of 256 Bytes (Single Plane) - 64 Kbytes (AT91SAM7S64) Organized in 512 Pages of 128 Bytes (Single Plane) - 32 Kbytes (AT91SAM7S321/32) Organized in 256 Pages of 128 Bytes (Single Plane) - 16 Kbytes (AT91SAM7S161/16 Organized in 256 Pages of 64 Bytes (Single Plane) - Single Cycle Access at Up to 30 MHz in Worst Case Conditions - Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed - Page Programming Time: 6 ms, Including Page Auto-erase, Full Erase Time: 15 ms - 10,000 Write Cycles, 10-year Data Retention Capability, Sector Lock Capabilities, Flash Security Bit - Fast Flash Programming Interface for High Volume Production Internal High-speed SRAM, Single-cycle Access at Maximum Speed - 64 Kbytes (AT91SAM7S512/256) - 32 Kbytes (AT91SAM7S128) - 16 Kbytes (AT91SAM7S64) - 8 Kbytes (AT91SAM7S321/32) - 4 Kbytes (AT91SAM7S161/16) Memory Controller (MC) - Embedded Flash Controller, Abort Status and Misalignment Detection Reset Controller (RSTC) - Based on Power-on Reset and Low-power Factory-calibrated Brown-out Detector - Provides External Reset Signal Shaping and Reset Source Status Clock Generator (CKGR) - Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and one PLL Power Management Controller (PMC) - Software Power Optimization Capabilities, Including Slow Clock Mode (Down to 500 Hz) and Idle Mode - Three Programmable External Clock Signals Advanced Interrupt Controller (AIC) - Individually Maskable, Eight-level Priority, Vectored Interrupt Sources - Two (AT91SAM7S512/256/128/64/321/161) or One (AT91SAM7S32/16) External Interrupt Source(s) and One Fast Interrupt Source, Spurious Interrupt Protected Debug Unit (DBGU) - 2-wire UART and Support for Debug Communication Channel interrupt, Programmable ICE Access Prevention - Mode for General Purpose 2-wire UART Serial Communication Periodic Interval Timer (PIT) - 20-bit Programmable Counter plus 12-bit Interval Counter Windowed Watchdog (WDT) - 12-bit key-protected Programmable Counter - Provides Reset or Interrupt Signals to the System
*
AT91 ARM Thumb-based Microcontrollers AT91SAM7S512 AT91SAM7S256 AT91SAM7S128 AT91SAM7S64 AT91SAM7S321 AT91SAM7S32 AT91SAM7S161 AT91SAM7S16 Summary
*
* *
* *
*
*
* *
NOTE: This is a summary document. The complete document is available on the Atmel website at www.atmel.com.
6175GS-ATARM-24-Dec-08
- Counter May Be Stopped While the Processor is in Debug State or in Idle Mode
* Real-time Timer (RTT)
- 32-bit Free-running Counter with Alarm - Runs Off the Internal RC Oscillator One Parallel Input/Output Controller (PIOA) - Thirty-two (AT91SAM7S512/256/128/64/321/161) or twenty-one (AT91SAM7S32/16) Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os - Input Change Interrupt Capability on Each I/O Line - Individually Programmable Open-drain, Pull-up resistor and Synchronous Output Eleven (AT91SAM7S512/256/128/64/321/161) or Nine (AT91SAM7S32/16) Peripheral DMA Controller (PDC) Channels One USB 2.0 Full Speed (12 Mbits per Second) Device Port (Except for the AT91SAM7S32/16). - On-chip Transceiver, 328-byte Configurable Integrated FIFOs One Synchronous Serial Controller (SSC) - Independent Clock and Frame Sync Signals for Each Receiver and Transmitter - IS Analog Interface Support, Time Division Multiplex Support - High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer Two (AT91SAM7S512/256/128/64/321/161) or One (AT91SAM7S32/16) Universal Synchronous/Asynchronous Receiver Transmitters (USART) - Individual Baud Rate Generator, IrDA(R) Infrared Modulation/Demodulation - Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support - Full Modem Line Support on USART1 (AT91SAM7S512/256/128/64/321/161) One Master/Slave Serial Peripheral Interface (SPI) - 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects One Three-channel 16-bit Timer/Counter (TC) - Three External Clock Input and Two Multi-purpose I/O Pins per Channel (AT91SAM7S512/256/128/64/321/161) - One External Clock Input and Two Multi-purpose I/O Pins for the first Two Channels Only (AT91SAM7S32/16) - Double PWM Generation, Capture/Waveform Mode, Up/Down Capability One Four-channel 16-bit PWM Controller (PWMC) One Two-wire Interface (TWI) - Master Mode Support Only, All Two-wire Atmel EEPROMs and I2C Compatible Devices Supported (AT91SAM7S512/256/128/64/321/32) - Master, Multi-Master and Slave Mode Support, All Two-wire Atmel EEPROMs and I2C Compatible Devices Supported (AT91SAM7S161/16) One 8-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os SAM-BATM Boot Assistant - Default Boot program - Interface with SAM-BA Graphic User Interface IEEE(R) 1149.1 JTAG Boundary Scan on All Digital Pins 5V-tolerant I/Os, including Four High-current Drive I/O lines, Up to 16 mA Each (AT91SAM7S161/16 I/Os Not 5V-tolerant) Power Supplies - Embedded 1.8V Regulator, Drawing up to 100 mA for the Core and External Components - 3.3V or 1.8V VDDIO I/O Lines Power Supply, Independent 3.3V VDDFLASH Flash Power Supply - 1.8V VDDCORE Core Power Supply with Brown-out Detector Fully Static Operation: Up to 55 MHz at 1.65V and 85 C Worst Case Conditions Available in 64-lead LQFP Green or 64-pad QFN Green Package (AT91SAM7S512/256/128/64/321/161) and 48-lead LQFP Green or 48-pad QFN Green Package (AT91SAM7S32/16)
*
* * *
*
* *
* *
* *
* * *
* *
2
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
1. Description
Atmel's AT91SAM7S is a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. It features a high-speed Flash and an SRAM, a large set of peripherals, including a USB 2.0 device (except for the AT91SAM7S32 and AT91SAM7S16), and a complete set of system functions minimizing the number of external components. The device is an ideal migration path for 8-bit microcontroller users looking for additional performance and extended memory. The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via a parallel interface on a production programmer prior to mounting. Built-in lock bits and a security bit protect the firmware from accidental overwrite and preserves its confidentiality. The AT91SAM7S Series system controller includes a reset controller capable of managing the power-on sequence of the microcontroller and the complete system. Correct device operation can be monitored by a built-in brownout detector and a watchdog running off an integrated RC oscillator. The AT91SAM7S Series are general-purpose microcontrollers. Their integrated USB Device port makes them ideal devices for peripheral applications requiring connectivity to a PC or cellular phone. Their aggressive price point and high level of integration pushes their scope of use far into the cost-sensitive, high-volume consumer market.
1.1
Configuration Summary of the AT91SAM7S512, AT91SAM7S256, AT91SAM7S128, AT91SAM7S64, AT91SAM7S321, AT91SAM7S32, AT91SAM7S161 and AT91SAM7S16
The AT91SAM7S512, AT91SAM7S256, AT91SAM7S128, AT91SAM7S64, AT91SAM7S321, AT91SAM7S32, AT91SAM7S161 and AT91SAM7S16 differ in memory size, peripheral set and package. Table 1-1 summarizes the configuration of the six devices. Except for the AT91SAM7S32/16, all other AT91SAM7S devices are package and pinout compatible.
Table 1-1.
Configuration Summary
Flash Organization SRAM dual plane single plane single plane single plane single plane single plane single plane single plane External USB Interrupt PDC TC I/O 5V I/O Device Channels Channels Tolerant Lines Port USART Source 2(1) (2) 2(1) (2) 2(1) (2) 2(2) 2(2) 2 2 2 2 2 1 2 1 11 11 11 11 11 9 11 9 3 3 3 3 3 3(3) 3 3(3) Yes Yes Yes Yes Yes Yes No No 32 32 32 32 32 21 32 21
Device
Flash
TWI
Package LQFP/ QFN 64 LQFP/ QFN 64 LQFP/ QFN 64 LQFP/ QFN 64 LQFP/ QFN 64 LQFP/ QFN 48 LQFP LQFP/ QFN 48
AT91SAM7S512 512 Kbytes Master AT91SAM7S256 256 Kbytes Master AT91SAM7S128 128 Kbytes Master AT91SAM7S64 64 Kbytes AT91SAM7S321 32 Kbytes AT91SAM7S32 32 Kbytes AT91SAM7S161 16 Kbytes AT91SAM7S16 16 Kbytes Master Master Master Master/ Slave Master/ Slave
64 Kbytes 1 64 Kbytes 1 32 Kbytes 1 16 Kbytes 1 8 Kbytes 8 Kbytes 4 Kbytes 4 Kbytes 1
not 1 present 1 2(2)
not 1 present
Notes:
1. Fractional Baud Rate. 2. Full modem line support on USART1. 3. Only two TC channels are accessible through the PIO.
3
6175GS-ATARM-24-Dec-08
2. Block Diagram
Figure 2-1. AT91SAM7S512/256/128/64/321/161 Block Diagram
TDI TDO TMS TCK JTAGSEL
JTAG SCAN
ICE
ARM7TDMI Processor
1.8 V Voltage Regulator
VDDIN GND VDDOUT VDDCORE
TST FIQ
System Controller
AIC
PIO
IRQ0-IRQ1
Memory Controller Embedded Flash Controller Address Decoder Misalignment Detection
VDDIO
SRAM
64/32/16/8/4 Kbytes
PCK0-PCK2 PLLRC XIN XOUT
PLL OSC RCOSC
PMC
Abort Status
VDDFLASH
Flash
512/256/ 128/64/32/16 Kbytes
ERASE
VDDCORE
BOD POR Reset Controller
Peripheral Bridge
VDDCORE NRST
Peripheral Data Controller
11 Channels
ROM
Fast Flash Programming Interface
PIT WDT RTT
DRXD DTXD
APB
PGMRDY PGMNVALID PGMNOE PGMCK PGMM0-PGMM3 PGMD0-PGMD15 PGMNCMD PGMEN0-PGMEN2
SAM-BA
PDC PDC FIFO
Transceiver
PIO
DBGU
USB Device
DDM DDP
PIOA
RXD0 TXD0 SCK0 RTS0 CTS0 RXD1 TXD1 SCK1 RTS1 CTS1 DCD1 DSR1 DTR1 RI1 NPCS0 NPCS1 NPCS2 NPCS3 MISO MOSI SPCK ADTRG AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 ADVREF PDC
PWMC
PDC
USART0
PDC PDC
SSC
PDC
USART1
Timer Counter
PIO
PDC PDC
TC0 TC1
SPI
PDC PDC
TC2 TWI
PWM0 PWM1 PWM2 PWM3 TF TK TD RD RK RF TCLK0 TCLK1 TCLK2 TIOA0 TIOB0 TIOA1 TIOB1 TIOA2 TIOB2 TWD TWCK
ADC
4
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
PIO
AT91SAM7S Series Summary
Figure 2-2. AT91SAM7S32/16 Block Diagram
TDI TDO TMS TCK JTAGSEL
JTAG SCAN
ICE
ARM7TDMI Processor
1.8 V Voltage Regulator
VDDIN GND VDDOUT
TST FIQ
System Controller
PIO
IRQ0
AIC Memory Controller Embedded Flash Controller PLL PMC OSC Abort Status Misalignment Detection Address Decoder
VDDCORE VDDIO
SRAM 8/4 Kbytes
PCK0-PCK2 PLLRC XIN XOUT
VDDFLASH
RCOSC
Flash 32/16 Kbytes
Peripheral Bridge
ERASE
VDDCORE
BOD POR Reset Controller
VDDCORE
NRST
Peripheral DMA Controller
9 Channels
ROM
Fast Flash Programming Interface
PGMRDY PGMNVALID PGMNOE PGMCK PGMM0-PGMM3 PGMD0-PGMD7 PGMNCMD PGMEN0-PGMEN2
PIT
APB
WDT RTT
DRXD DTXD
PIO
PDC DBGU PDC PIOA
SAM-BA
PWMC
RXD0 TXD0 SCK0 RTS0 CTS0 NPCS0 NPCS1 NPCS2 NPCS3 MISO MOSI SPCK ADTRG AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 ADVREF
PDC USART0 PDC PDC PDC PDC SPI Timer Counter PDC PDC TC0 TC1 ADC TC2 TWI SSC
PIO
PWM0 PWM1 PWM2 PWM3 TF TK TD RD RK RF TCLK0
PIO
TIOA0 TIOB0 TIOA1 TIOB1
TWD TWCK
5
6175GS-ATARM-24-Dec-08
3. Signal Description
Table 3-1.
Signal Name
Signal Description List
Function Power Type Active Level Comments
VDDIN VDDOUT VDDFLASH VDDIO VDDCORE VDDPLL GND
Voltage and ADC Regulator Power Supply Input Voltage Regulator Output Flash Power Supply I/O Lines Power Supply Core Power Supply PLL Ground
Power Power Power Power Power Power Ground
3.0 to 3.6V 1.85V nominal 3.0V to 3.6V 3.0V to 3.6V or 1.65V to 1.95V 1.65V to 1.95V 1.65V to 1.95V
Clocks, Oscillators and PLLs XIN XOUT PLLRC PCK0 - PCK2 Main Oscillator Input Main Oscillator Output PLL Filter Programmable Clock Output Input Output Input Output ICE and JTAG TCK TDI TDO TMS JTAGSEL Test Clock Test Data In Test Data Out Test Mode Select JTAG Selection Input Input Output Input Input Flash Memory ERASE Flash and NVM Configuration Bits Erase Command Input High Pull-down resistor(1) No pull-up resistor Pull-down resistor(1) No pull-up resistor No pull-up resistor
Reset/Test NRST TST Microcontroller Reset Test Mode Select I/O Input Debug Unit DRXD DTXD Debug Receive Data Debug Transmit Data AIC IRQ0 - IRQ1 FIQ External Interrupt Inputs Fast Interrupt Input PIO PA0 - PA31 Parallel IO Controller A I/O Pulled-up input at reset PA0 - PA20 only on AT91SAM7S32/16 Input Input IRQ1 not present on AT91SAM7S32/16 Input Output Low High Open-drain with pull-Up resistor Pull-down resistor(1)
6
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 3-1.
Signal Name
Signal Description List (Continued)
Function Type USB Device Port Active Level Comments
DDM DDP
USB Device Port Data USB Device Port Data +
Analog Analog USART
not present on AT91SAM7S32/16 not present on AT91SAM7S32/16
SCK0 - SCK1 TXD0 - TXD1 RXD0 - RXD1 RTS0 - RTS1 CTS0 - CTS1 DCD1 DTR1 DSR1 RI1
Serial Clock Transmit Data Receive Data Request To Send Clear To Send Data Carrier Detect Data Terminal Ready Data Set Ready Ring Indicator
I/O I/O Input Output Input Input Output Input Input Synchronous Serial Controller
SCK1 not present on AT91SAM7S32/16 TXD1 not present on AT91SAM7S32/16 RXD1 not present on AT91SAM7S32/16 RTS1 not present on AT91SAM7S32/16 CTS1 not present on AT91SAM7S32/16 not present on AT91SAM7S32/16 not present on AT91SAM7S32/16 not present on AT91SAM7S32/16 not present on AT91SAM7S32/16
TD RD TK RK TF RF
Transmit Data Receive Data Transmit Clock Receive Clock Transmit Frame Sync Receive Frame Sync
Output Input I/O I/O I/O I/O Timer/Counter
TCLK0 - TCLK2 TIOA0 - TIOA2 TIOB0 - TIOB2
External Clock Inputs I/O Line A I/O Line B
Input I/O I/O PWM Controller
TCLK1 and TCLK2 not present on AT91SAM7S32/16 TIOA2 not present on AT91SAM7S32/16 TIOB2 not present on AT91SAM7S32/16
PWM0 - PWM3
PWM Channels SPI
Output
MISO MOSI SPCK NPCS0 NPCS1-NPCS3
Master In Slave Out Master Out Slave In SPI Serial Clock SPI Peripheral Chip Select 0 SPI Peripheral Chip Select 1 to 3
I/O I/O I/O I/O Output Low Low
7
6175GS-ATARM-24-Dec-08
Table 3-1.
Signal Name
Signal Description List (Continued)
Function Type Two-Wire Interface Active Level Comments
TWD TWCK
Two-wire Serial Data Two-wire Serial Clock
I/O I/O Analog-to-Digital Converter
AD0-AD3 AD4-AD7 ADTRG ADVREF
Analog Inputs Analog Inputs ADC Trigger ADC Reference
Analog Analog Input Analog Fast Flash Programming Interface
Digital pulled-up inputs at reset Analog Inputs
PGMEN0-PGMEN2 PGMM0-PGMM3 PGMD0-PGMD15 PGMRDY PGMNVALID PGMNOE PGMCK PGMNCMD Note:
Programming Enabling Programming Mode Programming Data Programming Ready Data Direction Programming Read Programming Clock Programming Command
Input Input I/O Output Output Input Input Input Low High Low Low PGMD0-PGMD7 only on AT91SAM7S32/16
1. Refer to Section 6. "I/O Lines Considerations" on page 14.
8
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
4. Package and Pinout
The AT91SAM7S512/256/128/64/321 are available in a 64-lead LQFP or 64-pad QFN package. The AT91SAM7S161 is available in a 64-Lead LQFP package. The AT91SAM7S32/16 are available in a 48-lead LQFP or 48-pad QFN package.
4.1
64-lead LQFP and 64-pad QFN Package Outlines
Figure 4-1 and Figure 4-2 show the orientation of the 64-lead LQFP and the 64-pad QFN package. A detailed mechanical description is given in the section Mechanical Characteristics of the full datasheet. Figure 4-1. 64-lead LQFP Package (Top View)
48 49 33 32
64 1 16
17
Figure 4-2.
64-pad QFN Package (Top View)
48 49 33 32
64 1 16
17
9
6175GS-ATARM-24-Dec-08
4.2
64-lead LQFP and 64-pad QFN Pinout
AT91SAM7S512/256/128/64/321/161 Pinout(1)
ADVREF GND AD4 AD5 AD6 AD7 VDDIN VDDOUT PA17/PGMD5/AD0 PA18/PGMD6/AD1 PA21/PGMD9 VDDCORE PA19/PGMD7/AD2 PA22/PGMD10 PA23/PGMD11 PA20/PGMD8/AD3 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 GND VDDIO PA16/PGMD4 PA15/PGMD3 PA14/PGMD2 PA13/PGMD1 PA24/PGMD12 VDDCORE PA25/PGMD13 PA26/PGMD14 PA12/PGMD0 PA11/PGMM3 PA10/PGMM2 PA9/PGMM1 PA8/PGMM0 PA7/PGMNVALID 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 TDI PA6/PGMNOE PA5/PGMRDY PA4/PGMNCMD PA27/PGMD15 PA28 NRST TST PA29 PA30 PA3 PA2/PGMEN2 VDDIO GND PA1/PGMEN1 PA0/PGMEN0 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 TDO JTAGSEL TMS PA31 TCK VDDCORE ERASE DDM DDP VDDIO VDDFLASH GND XOUT XIN/PGMCK PLLRC VDDPLL
Table 4-1.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Note:
1. The bottom pad of the QFN package must be connected to ground.
10
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
4.3 48-lead LQFP and 48-pad QFN Package Outlines
Figure 4-3 and Figure 4-4 show the orientation of the 48-lead LQFP and the 48-pad QFN package. A detailed mechanical description is given in the section Mechanical Characteristics of the full datasheet. Figure 4-3. 48-lead LQFP Package (Top View)
36 37 25 24
48 1 12
13
Figure 4-4.
48-pad QFN Package (Top View)
36 37 25 24
48 1 12
13
4.4
48-lead LQFP and 48-pad QFN Pinout
AT91SAM7S32/16 Pinout(1)
ADVREF GND AD4 AD5 AD6 AD7 VDDIN VDDOUT PA17/PGMD5/AD0 PA18/PGMD6/AD1 PA19/PGMD7/AD2 PA20/AD3 13 14 15 16 17 18 19 20 21 22 23 24 VDDIO PA16/PGMD4 PA15/PGMD3 PA14/PGMD2 PA13/PGMD1 VDDCORE PA12/PGMD0 PA11/PGMM3 PA10/PGMM2 PA9/PGMM1 PA8/PGMM0 PA7/PGMNVALID 25 26 27 28 29 30 31 32 33 34 35 36 TDI PA6/PGMNOE PA5/PGMRDY PA4/PGMNCMD NRST TST PA3 PA2/PGMEN2 VDDIO GND PA1/PGMEN1 PA0/PGMEN0 37 38 39 40 41 42 43 44 45 46 47 48 TDO JTAGSEL TMS TCK VDDCORE ERASE VDDFLASH GND XOUT XIN/PGMCK PLLRC VDDPLL
Table 4-2.
1 2 3 4 5 6 7 8 9 10 11 12 Note:
1. The bottom pad of the QFN package must be connected to ground.
11
6175GS-ATARM-24-Dec-08
5. Power Considerations
5.1 Power Supplies
The AT91SAM7S Series has six types of power supply pins and integrates a voltage regulator, allowing the device to be supplied with only one voltage. The six power supply pin types are: * VDDIN pin. It powers the voltage regulator and the ADC; voltage ranges from 3.0V to 3.6V, 3.3V nominal. * VDDOUT pin. It is the output of the 1.8V voltage regulator. * VDDIO pin. It powers the I/O lines and the USB transceivers; dual voltage range is supported. Ranges from 3.0V to 3.6V, 3.3V nominal or from 1.65V to 1.95V, 1.8V nominal. Note that supplying less than 3.0V to VDDIO prevents any use of the USB transceivers. * VDDFLASH pin. It powers a part of the Flash and is required for the Flash to operate correctly; voltage ranges from 3.0V to 3.6V, 3.3V nominal. * VDDCORE pins. They power the logic of the device; voltage ranges from 1.65V to 1.95V, 1.8V typical. It can be connected to the VDDOUT pin with decoupling capacitor. VDDCORE is required for the device, including its embedded Flash, to operate correctly. During startup, core supply voltage (VDDCORE) slope must be superior or equal to 6V/ms. * VDDPLL pin. It powers the oscillator and the PLL. It can be connected directly to the VDDOUT pin. No separate ground pins are provided for the different power supplies. Only GND pins are provided and should be connected as shortly as possible to the system ground plane. In order to decrease current consumption, if the voltage regulator and the ADC are not used, VDDIN, ADVREF, AD4, AD5, AD6 and AD7 should be connected to GND. In this case VDDOUT should be left unconnected.
5.2
Power Consumption
The AT91SAM7S Series has a static current of less than 60 A on VDDCORE at 25C, including the RC oscillator, the voltage regulator and the power-on reset. When the brown-out detector is activated, 20 A static current is added. The dynamic power consumption on VDDCORE is less than 50 mA at full speed when running out of the Flash. Under the same conditions, the power consumption on VDDFLASH does not exceed 10 mA.
5.3
Voltage Regulator
The AT91SAM7S Series embeds a voltage regulator that is managed by the System Controller. In Normal Mode, the voltage regulator consumes less than 100 A static current and draws 100 mA of output current. The voltage regulator also has a Low-power Mode. In this mode, it consumes less than 25 A static current and draws 1 mA of output current. Adequate output supply decoupling is mandatory for VDDOUT to reduce ripple and avoid oscillations. The best way to achieve this is to use two capacitors in parallel: one external 470 pF (or 1 nF) NPO capacitor must be connected between VDDOUT and GND as close to the chip as possible. One external 2.2 F (or 3.3 F) X7R capacitor must be connected between VDDOUT and GND.
12
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Adequate input supply decoupling is mandatory for VDDIN in order to improve startup stability and reduce source voltage drop. The input decoupling capacitor should be placed close to the chip. For example, two capacitors can be used in parallel: 100 nF NPO and 4.7 F X7R.
5.4
Typical Powering Schematics
The AT91SAM7S Series supports a 3.3V single supply mode. The internal regulator is connected to the 3.3V source and its output feeds VDDCORE and the VDDPLL. Figure 5-1 shows the power schematics to be used for USB bus-powered systems. Figure 5-1. 3.3V System Single Power Supply Schematic
VDDFLASH Power Source ranges from 4.5V (USB) to 18V
DC/DC Converter
VDDIO
VDDIN 3.3V VDDOUT Voltage Regulator
VDDCORE
VDDPLL
13
6175GS-ATARM-24-Dec-08
6. I/O Lines Considerations
6.1 JTAG Port Pins
TMS, TDI and TCK are schmitt trigger inputs. TMS and TCK are 5-V tolerant, TDI is not. TMS, TDI and TCK do not integrate a pull-up resistor. TDO is an output, driven at up to VDDIO, and has no pull-up resistor. The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level. The JTAGSEL pin integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations.
6.2
Test Pin
The TST pin is used for manufacturing test, fast programming mode or SAM-BA Boot Recovery of the AT91SAM7S Series when asserted high. The TST pin integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations. To enter fast programming mode, the TST pin and the PA0 and PA1 pins should be tied high and PA2 tied to low. To enter SAM-BA Boot Recovery, the TST pin and the PA0, PA1 and PA2 pins should be tied high fo at least 10 seconds. Driving the TST pin at a high level while PA0 or PA1 is driven at 0 leads to unpredictable results.
6.3
Reset Pin
The NRST pin is bidirectional with an open drain output buffer. It is handled by the on-chip reset controller and can be driven low to provide a reset signal to the external components or asserted low externally to reset the microcontroller. There is no constraint on the length of the reset pulse, and the reset controller can guarantee a minimum pulse length. This allows connection of a simple push-button on the pin NRST as system user reset, and the use of the signal NRST to reset all the components of the system. The NRST pin integrates a permanent pull-up resistor to VDDIO.
6.4
ERASE Pin
The ERASE pin is used to re-initialize the Flash content and some of its NVM bits. It integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations.
6.5
PIO Controller A Lines
* All the I/O lines PA0 to PA31on AT91SAM7S512/256/128/64/321 (PA0 to PA20 on AT91SAM7S32) are 5V-tolerant and all integrate a programmable pull-up resistor. * All the I/O lines PA0 to PA31 on AT91SAM7S161 (PA0 to PA20 on AT91SAM7S16) are not 5V-tolerant and all integrate a programmable pull-up resistor. Programming of this pull-up resistor is performed independently for each I/O line through the PIO controllers. 5V-tolerant means that the I/O lines can drive voltage level according to VDDIO, but can be driven with a voltage of up to 5.5V. However, driving an I/O line with a voltage over VDDIO while the programmable pull-up resistor is enabled will create a current path through the pull-up resis-
14
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
tor from the I/O line to VDDIO. Care should be taken, in particular at reset, as all the I/O lines default to input with the pull-up resistor enabled at reset.
6.6
I/O Line Drive Levels
The PIO lines PA0 to PA3 are high-drive current capable. Each of these I/O lines can drive up to 16 mA permanently. The remaining I/O lines can draw only 8 mA. However, the total current drawn by all the I/O lines cannot exceed 150 mA (100 mA for AT91SAM7S32/16).
15
6175GS-ATARM-24-Dec-08
7. Processor and Architecture
7.1 ARM7TDMI Processor
* RISC processor based on ARMv4T Von Neumann architecture - Runs at up to 55 MHz, providing 0.9 MIPS/MHz * Two instruction sets - ARM(R) high-performance 32-bit instruction set - Thumb(R) high code density 16-bit instruction set * Three-stage pipeline architecture - Instruction Fetch (F) - Instruction Decode (D) - Execute (E)
7.2
Debug and Test Features
* Integrated EmbeddedICETM (embedded in-circuit emulator) - Two watchpoint units - Test access port accessible through a JTAG protocol - Debug communication channel * Debug Unit - Two-pin UART - Debug communication channel interrupt handling - Chip ID Register * IEEE1149.1 JTAG Boundary-scan on all digital pins
7.3
Memory Controller
* Bus Arbiter - Handles requests from the ARM7TDMI and the Peripheral DMA Controller * Address decoder provides selection signals for - Three internal 1 Mbyte memory areas - One 256 Mbyte embedded peripheral area * Abort Status Registers - Source, Type and all parameters of the access leading to an abort are saved - Facilitates debug by detection of bad pointers * Misalignment Detector - Alignment checking of all data accesses - Abort generation in case of misalignment * Remap Command - Remaps the SRAM in place of the embedded non-volatile memory - Allows handling of dynamic exception vectors * Embedded Flash Controller - Embedded Flash interface, up to three programmable wait states
16
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
- Prefetch buffer, buffering and anticipating the 16-bit requests, reducing the required wait states - Key-protected program, erase and lock/unlock sequencer - Single command for erasing, programming and locking operations - Interrupt generation in case of forbidden operation
7.4
Peripheral DMA Controller
* Handles data transfer between peripherals and memories * Eleven channels: AT91SAM7S512/256/128/64/321/161 * Nine channels: AT91SAM7S32/16 - Two for each USART - Two for the Debug Unit - Two for the Serial Synchronous Controller - Two for the Serial Peripheral Interface - One for the Analog-to-digital Converter * Low bus arbitration overhead - One Master Clock cycle needed for a transfer from memory to peripheral - Two Master Clock cycles needed for a transfer from peripheral to memory * Next Pointer management for reducing interrupt latency requirements * Peripheral DMA Controller (PDC) priority is as follows (from the highest priority to the lowest):
Receive Receive Receive Receive Receive Receive Transmit Transmit Transmit Transmit Transmit DBGU USART0 USART1 SSC ADC SPI DBGU USART0 USART1 SSC SPI
17
6175GS-ATARM-24-Dec-08
8. Memories
8.1 AT91SAM7S512
* 512 Kbytes of Flash Memory, dual plane - 2 contiguous banks of 1024 pages of 256 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 32 lock bits, protecting 32 sectors of 64 pages - Protection Mode to secure contents of the Flash * 64 Kbytes of Fast SRAM - Single-cycle access at full speed
8.2
AT91SAM7S256
* 256 Kbytes of Flash Memory, single plane - 1024 pages of 256 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 16 lock bits, protecting 16 sectors of 64 pages - Protection Mode to secure contents of the Flash * 64 Kbytes of Fast SRAM - Single-cycle access at full speed
8.3
AT91SAM7S128
* 128 Kbytes of Flash Memory, single plane - 512 pages of 256 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 8 lock bits, protecting 8 sectors of 64 pages - Protection Mode to secure contents of the Flash * 32 Kbytes of Fast SRAM - Single-cycle access at full speed
18
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
8.4 AT91SAM7S64
* 64 Kbytes of Flash Memory, single plane - 512 pages of 128 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 16 lock bits, protecting 16 sectors of 32 pages - Protection Mode to secure contents of the Flash * 16 Kbytes of Fast SRAM - Single-cycle access at full speed
8.5
AT91SAM7S321/32
* 32 Kbytes of Flash Memory, single plane - 256 pages of 128 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 8 lock bits, protecting 8 sectors of 32 pages - Protection Mode to secure contents of the Flash * 8 Kbytes of Fast SRAM - Single-cycle access at full speed
8.6
AT91SAM7S161/16
* 16 Kbytes of Flash Memory, single plane - 256 pages of 64 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 8 lock bits, protecting 8 sectors of 32 pages - Protection Mode to secure contents of the Flash * 4 Kbytes of Fast SRAM - Single-cycle access at full speed
19
6175GS-ATARM-24-Dec-08
Figure 8-1.
AT91SAM7S512/256/128/64/321/32/161/16 Memory Mapping
Internal Memory Mapping
0x0000 0000
Note: (1) Can be Flash or SRAM depending on REMAP.
(1)
Flash before Remap 1 MBytes SRAM after Remap
0x000F FFF 0x0010 0000
Internal Flash
0x001F FFF 0x0020 0000
1 MBytes
Internal SRAM
0x002F FFF 0x0030 0000
1 MBytes
Address Memory Space 0x0000 0000 Reserved Internal Memories 256 MBytes
253 MBytes
0x0FFF FFFF 0x1000 0000
0x0FFF FFFF
System Controller Mapping 0xFFFF F000 Peripheral Mapping 0xF000 0000 AIC 0xFFFF F1FF 0xFFFF F200 DBGU 0xFFFF F3FF 0xFFFF F400 PIOA 0xFFFF F5FF 0xFFFF F600 16 Kbytes 0xFFFF FBFF 0xFFFF FC00 16 Kbytes 16 Kbytes (Reserved on AT91SAM7S32/16) 0xFFFF FCFF 0xFFFF FD00 0xFFFF FD0F PMC 256 Bytes/ 64 registers 16 Bytes/ 4 registers Reserved 512 Bytes/ 128 registers 512 Bytes/ 128 registers 512 Bytes/ 128 registers
Undefined (Abort)
14 x 256 MBytes 3,584 MBytes
Reserved 0xFFF9 FFFF 0xFFFA 0000 0xFFFA 3FFF 0xFFFA 4000 0xFFFA FFFF 0xFFFB 0000 0xFFFB 3FFF 0xFFFB 4000 Reserved 0xFFFB 7FFF 0xFFFB 8000 TWI Reserved USART0 USART1 Reserved TC0, TC1, TC2 16 Kbytes Reserved UDP 16 Kbytes (Reserved on AT91SAM7S32/16)
0xEFFF FFFF 0xF000 0000
0xFFFB BFFF 0xFFFB C000 0xFFFB FFFF 0xFFFC 0000
Internal Peripherals
256M Bytes
0xFFFC 3FFF 0xFFFC 4000 0xFFFC 7FFF 0xFFFC 8000
RSTC Reserved
0xFFFF FFFF
0xFFFC BFFF 0xFFFC C000 0xFFFC FFFF 0xFFFD 0000 0xFFFD 3FFF 0xFFFD 4000 0xFFFD 7FFF 0xFFFD 8000 0xFFFD BFFF 0xFFFD C000 0xFFFD FFFF 0xFFFE 0000 0xFFFE 3FFF 0xFFFE 4000 0xFFFF EFFF 0xFFFF F000 0xFFFF FFFF
PWMC Reserved SSC ADC Reserved SPI Reserved SYSC
16 Kbytes
16 Kbytes 16 Kbytes
0xFFFF FD20 0xFFFF FC2F 0xFFFF FD30 0xFFFF FC3F 0xFFFF FD40 0xFFFF FD4F 0xFFFF FD60 0xFFFF FC6F 0xFFFF FD70 0xFFFF FEFF 0xFFFF FF00
RTT PIT WDT Reserved VREG Reserved
16 Bytes/ 4 registers 16 Bytes/ 4 registers 16 Bytes/ 4 registers
4 Bytes/ 1 register
16 Kbytes
MC 0xFFFF FFFF
256 Bytes/ 64 registers
20
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
8.7
8.7.1
Memory Mapping
Internal SRAM * The AT91SAM7S512 embeds a high-speed 64-Kbyte SRAM bank. * The AT91SAM7S256 embeds a high-speed 64-Kbyte SRAM bank. * The AT91SAM7S128 embeds a high-speed 32-Kbyte SRAM bank. * The AT91SAM7S64 embeds a high-speed 16-Kbyte SRAM bank. * The AT91SAM7S321 embeds a high-speed 8-Kbyte SRAM bank. * The AT91SAM7S32 embeds a high-speed 8-Kbyte SRAM bank. * The AT91SAM7S161 embeds a high-speed 4-Kbyte SRAM bank. * The AT91SAM7S16 embeds a high-speed 4-Kbyte SRAM bank After reset and until the Remap Command is performed, the SRAM is only accessible at address 0x0020 0000. After Remap, the SRAM also becomes available at address 0x0.
8.7.2
Internal ROM The AT91SAM7S Series embeds an Internal ROM. The ROM contains the FFPI and the SAM-BA program. The internal ROM is not mapped by default.
8.7.3
Internal Flash * The AT91SAM7S512 features two contiguous banks (dual plane) of 256 Kbytes of Flash. * The AT91SAM7S256 features one bank (single plane) of 256 Kbytes of Flash. * The AT91SAM7S128 features one bank (single plane) of 128 Kbytes of Flash. * The AT91SAM7S64 features one bank (single plane) of 64 Kbytes of Flash. * The AT91SAM7S321/32 features one bank (single plane) of 32 Kbytes of Flash. * The AT91SAM7S161/16 features one bank (single plane) of 16 Kbytes of Flash. At any time, the Flash is mapped to address 0x0010 0000. It is also accessible at address 0x0 after the reset and before the Remap Command. Figure 8-2. Internal Memory Mapping
0x0000 0000
0x000F FFFF
Flash Before Remap SRAM After Remap Internal Flash
1 MBytes
0x0010 0000 1 MBytes
0x001F FFFF
0x0020 0000 256 MBytes
0x002F FFFF 0x0030 0000
Internal SRAM
1 MBytes
Undefined Areas (Abort)
253 MBytes
0x0FFF FFFF
21
6175GS-ATARM-24-Dec-08
8.8
8.8.1
Embedded Flash
Flash Overview * The Flash of the AT91SAM7S512 is organized in two banks (dual plane) of 1024 pages of 256 bytes. The 524,288 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S256 is organized in 1024 pages (single plane) of 256 bytes. The 262,144 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S128 is organized in 512 pages (single plane) of 256 bytes. The 131,072 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S64 is organized in 512 pages (single plane) of 128 bytes. The 65,536 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S321/32 is organized in 256 pages (single plane) of 128 bytes. The 32,768 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S161/16 is organized in 256 pages (single plane) of 64 bytes. The 16,384 bytes are organized in 32-bit words. * The Flash of the AT91SAM7S512/256/128 contains a 256-byte write buffer, accessible through a 32-bit interface. * The Flash of the AT91SAM7S64/321/32/161/16 contains a 128-byte write buffer, accessible through a 32-bit interface. The Flash benefits from the integration of a power reset cell and from the brownout detector. This prevents code corruption during power supply changes, even in the worst conditions. When Flash is not used (read or write access), it is automatically placed into standby mode.
8.8.2
Embedded Flash Controller The Embedded Flash Controller (EFC) manages accesses performed by the masters of the system. It enables reading the Flash and writing the write buffer. It also contains a User Interface, mapped within the Memory Controller on the APB. The User Interface allows: * programming of the access parameters of the Flash (number of wait states, timings, etc.) * starting commands such as full erase, page erase, page program, NVM bit set, NVM bit clear, etc. * getting the end status of the last command * getting error status * programming interrupts on the end of the last commands or on errors The Embedded Flash Controller also provides a dual 32-bit prefetch buffer that optimizes 16-bit access to the Flash. This is particularly efficient when the processor is running in Thumb mode. Two EFCs are embedded in the SAM7S512 to control each bank of 256 Kbytes. Dual plane organization allows concurrent Read and Program. Read from one memory plane may be performed even while program or erase functions are being executed in the other memory plane. One EFC is embedded in the SAM7S256/128/64/32/321/161/16 to control the single plane 256/128/64/32/16 Kbytes.
22
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
8.8.3 8.8.3.1 Lock Regions AT91SAM7S512 Two Embedded Flash Controllers each manage 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S512 contains 32 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 16 NVM bits (or 32 NVM bits) are software programmable through the corresponding EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.8.3.2 AT91SAM7S256 The Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S256 contains 16 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 16 NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.8.3.3 AT91SAM7S128 The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S128 contains 8 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 8 NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.8.3.4 AT91SAM7S64 The Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S64 contains 16 lock regions and each lock region contains 32 pages of 128 bytes. Each lock region has a size of 4 Kbytes.
23
6175GS-ATARM-24-Dec-08
If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 16 NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.8.3.5 AT91SAM7S321/32 The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S321/32 contains 8 lock regions and each lock region contains 32 pages of 128 bytes. Each lock region has a size of 4 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 8 NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.8.3.6 AT91SAM7S161/16 The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7S161/16 contains 8 lock regions and each lock region contains 32 pages of 64 bytes. Each lock region has a size of 2 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been written at 1 in the MC_FMR register. The 8 NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. Table summarizes the configuration of the eight devices. Flash Configuration Summary
Device AT91SAM7S512 AT91SAM7S256 AT91SAM7S128 AT91SAM7S64 AT91SAM7S321/32 AT91SAM7S161/16 Number of Lock Bits 32 16 8 16 8 8 Number of Pages in the Lock Region 64 64 64 32 32 32 Page Size 256 bytes 256 bytes 256 bytes 128 bytes 128 bytes 64 bytes
24
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
8.8.4 Security Bit Feature The AT91SAM7S Series features a security bit, based on a specific NVM Bit. When the security is enabled, any access to the Flash, either through the ICE interface or through the Fast Flash Programming Interface, is forbidden. This ensures the confidentiality of the code programmed in the Flash. This security bit can only be enabled, through the Command "Set Security Bit" of the EFC User Interface. Disabling the security bit can only be achieved by asserting the ERASE pin at 1, and after a full flash erase is performed. When the security bit is deactivated, all accesses to the flash are permitted. It is important to note that the assertion of the ERASE pin should always be longer than 50 ms. As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal operation. However, it is safer to connect it directly to GND for the final application. 8.8.5 Non-volatile Brownout Detector Control Two general purpose NVM (GPNVM) bits are used for controlling the brownout detector (BOD), so that even after a power loss, the brownout detector operations remain in their state. These two GPNVM bits can be cleared or set respectively through the commands "Clear General-purpose NVM Bit" and "Set General-purpose NVM Bit" of the EFC User Interface. * GPNVM Bit 0 is used as a brownout detector enable bit. Setting the GPNVM Bit 0 enables the BOD, clearing it disables the BOD. Asserting ERASE clears the GPNVM Bit 0 and thus disables the brownout detector by default. * The GPNVM Bit 1 is used as a brownout reset enable signal for the reset controller. Setting the GPNVM Bit 1 enables the brownout reset when a brownout is detected, Clearing the GPNVM Bit 1 disables the brownout reset. Asserting ERASE disables the brownout reset by default. 8.8.6 Calibration Bits Eight NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are factory configured and cannot be changed by the user. The ERASE pin has no effect on the calibration bits.
8.9
Fast Flash Programming Interface
The Fast Flash Programming Interface allows programming the device through either a serial JTAG interface or through a multiplexed fully-handshaked parallel port. It allows gang-programming with market-standard industrial programmers. The FFPI supports read, page program, page erase, full erase, lock, unlock and protect commands. The Fast Flash Programming Interface is enabled and the Fast Programming Mode is entered when the TST pin and the PA0 and PA1 pins are all tied high and PA2 is tied low.
8.10
SAM-BA Boot Assistant
The SAM-BATM Boot Recovery restores the SAM-BA Boot in the first two sectors of the on-chip Flash memory. The SAM-BA Boot recovery is performed when the TST pin and the PA0, PA1 and PA2 pins are all tied high for 10 seconds.
25
6175GS-ATARM-24-Dec-08
The SAM-BA Boot Assistant is a default Boot Program that provides an easy way to program in situ the on-chip Flash memory. The SAM-BA Boot Assistant supports serial communication through the DBGU or through the USB Device Port. (The AT91SAM7S32/16 have no USB Device Port.) * Communication through the DBGU supports a wide range of crystals from 3 to 20 MHz via software auto-detection. * Communication through the USB Device Port is limited to an 18.432 MHz crystal. ( The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI).
9. System Controller
The System Controller manages all vital blocks of the microcontroller: interrupts, clocks, power, time, debug and reset. The System Controller peripherals are all mapped to the highest 4 Kbytes of address space, between addresses 0xFFFF F000 and 0xFFFF FFFF. Figure 9-1 on page 27 and Figure 9-2 on page 28 show the product specific System Controller Block Diagrams. Figure 8-1 on page 20 shows the mapping of the of the User Interface of the System Controller peripherals. Note that the memory controller configuration user interface is also mapped within this address space.
26
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Figure 9-1. System Controller Block Diagram (AT91SAM7S512/256/128/64/321/161)
System Controller
jtag_nreset
Boundary Scan TAP Controller
irq0-irq1 fiq periph_irq[2..14]
nirq
Advanced Interrupt Controller
int
nfiq proc_nreset PCK debug
ARM7TDMI
pit_irq rtt_irq wdt_irq dbgu_irq pmc_irq rstc_irq
power_on_reset force_ntrst
MCK periph_nreset dbgu_rxd MCK debug power_on_reset SLCK power_on_reset SLCK debug idle proc_nreset cal gpnvm[0] en gpnvm[1] flash_wrdis power_on_reset jtag_nreset
Debug Unit
dbgu_irq force_ntrst dbgu_txd security_bit
Periodic Interval Timer Real-Time Timer Watchdog Timer
wdt_fault WDRPROC bod_rst_en
pit_irq
flash_poe rtt_irq flash_wrdis cal wdt_irq gpnvm[0..1]
Embedded Flash
MCK proc_nreset
BOD
Memory Controller
POR
Reset Controller
periph_nreset proc_nreset
flash_poe rstc_irq SLCK
NRST
Voltage Regulator Mode Controller
standby
Voltage Regulator
cal
RCOSC
XIN
SLCK
periph_clk[2..14] pck[0-2]
UDPCK periph_clk[11] periph_nreset periph_irq[11] usb_suspend
OSC
XOUT
MAINCK
Power Management Controller
PCK UDPCK MCK
USB Device Port
PLLRC
PLL
PLLCK pmc_irq int idle periph_clk[4..14] periph_nreset
periph_nreset usb_suspend
periph_nreset periph_clk[2] dbgu_rxd
periph_irq{2] irq0-irq1
Embedded Peripherals
periph_irq[4..14]
PIO Controller
fiq dbgu_txd
in PA0-PA31 out enable
27
6175GS-ATARM-24-Dec-08
Figure 9-2.
System Controller Block Diagram (AT91SAM7S32/16)
System Controller
jtag_nreset
Boundary Scan TAP Controller
irq0 fiq periph_irq[2..14]
nirq
Advanced Interrupt Controller
int
nfiq proc_nreset PCK debug
ARM7TDMI
pit_irq rtt_irq wdt_irq dbgu_irq pmc_irq rstc_irq
power_on_reset
force_ntrst MCK periph_nreset dbgu_rxd MCK debug periph_nreset SLCK
power_on_reset
dbgu_irq
Debug Unit Periodic Interval Timer Real-Time Timer Watchdog Timer
gpnvm[1] bod_rst_en
flash_wrdis power_on_reset
force_ntrst dbgu_txd security_bit pit_irq
flash_poe rtt_irq flash_wrdis cal wdt_irq gpnvm[0..1]
Embedded Flash
SLCK debug idle proc_nreset cal gpnvm[0] en
wdt_fault WDRPROC
MCK proc_nreset
BOD
Memory Controller
POR
jtag_nreset flash_poe
Reset Controller
periph_nreset proc_nreset
NRST SLCK
rstc_irq
Voltage Regulator Mode Controller
standby
Voltage Regulator
cal
RCOSC
XIN
SLCK
periph_clk[2..14] pck[0-2]
OSC
XOUT
MAINCK
Power Management Controller
PCK MCK
PLLRC
PLL
PLLCK pmc_irq int idle periph_clk[4..14] periph_nreset
periph_nreset
periph_nreset periph_clk[2] dbgu_rxd
periph_irq{2] irq0
Embedded Peripherals
periph_irq[4..14]
PIO Controller
fiq dbgu_txd
in PA0-PA20 out enable
28
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
9.1 Reset Controller
The Reset Controller is based on a power-on reset cell and one brownout detector. It gives the status of the last reset, indicating whether it is a power-up reset, a software reset, a user reset, a watchdog reset or a brownout reset. In addition, it controls the internal resets and the NRST pin open-drain output. It allows to shape a signal on the NRST line, guaranteeing that the length of the pulse meets any requirement. Note that if NRST is used as a reset output signal for external devices during power-off, the brownout detector must be activated. 9.1.1 Brownout Detector and Power-on Reset The AT91SAM7S Series embeds a brownout detection circuit and a power-on reset cell. Both are supplied with and monitor VDDCORE. Both signals are provided to the Flash to prevent any code corruption during power-up or power-down sequences or if brownouts occur on the VDDCORE power supply. The power-on reset cell has a limited-accuracy threshold at around 1.5V. Its output remains low during power-up until VDDCORE goes over this voltage level. This signal goes to the reset controller and allows a full re-initialization of the device. The brownout detector monitors the VDDCORE level during operation by comparing it to a fixed trigger level. It secures system operations in the most difficult environments and prevents code corruption in case of brownout on the VDDCORE. Only VDDCORE is monitored. When the brownout detector is enabled and VDDCORE decreases to a value below the trigger level (Vbot-, defined as Vbot - hyst/2), the brownout output is immediately activated. When VDDCORE increases above the trigger level (Vbot+, defined as Vbot + hyst/2), the reset is released. The brownout detector only detects a drop if the voltage on VDDCORE stays below the threshold voltage for longer than about 1s. The threshold voltage has a hysteresis of about 50 mV, to ensure spike free brownout detection. The typical value of the brownout detector threshold is 1.68V with an accuracy of 2% and is factory calibrated. The brownout detector is low-power, as it consumes less than 20 A static current. However, it can be deactivated to save its static current. In this case, it consumes less than 1A. The deactivation is configured through the GPNVM bit 0 of the Flash.
29
6175GS-ATARM-24-Dec-08
9.2
Clock Generator
The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL with the following characteristics: * RC Oscillator ranges between 22 kHz and 42 kHz * Main Oscillator frequency ranges between 3 and 20 MHz * Main Oscillator can be bypassed * PLL output ranges between 80 and 220 MHz It provides SLCK, MAINCK and PLLCK. Figure 9-3. Clock Generator Block Diagram
Clock Generator
Embedded RC Oscillator
Slow Clock SLCK
XIN XOUT
Main Oscillator
Main Clock MAINCK
PLLRC
PLL and Divider
PLL Clock PLLCK
Status
Control
Power Management Controller
9.3
Power Management Controller
The Power Management Controller uses the Clock Generator outputs to provide: * the Processor Clock PCK * the Master Clock MCK * the USB Clock UDPCK (not present on AT91SAM7S32/16) * all the peripheral clocks, independently controllable * three programmable clock outputs The Master Clock (MCK) is programmable from a few hundred Hz to the maximum operating frequency of the device. The Processor Clock (PCK) switches off when entering processor idle mode, thus allowing reduced power consumption while waiting for an interrupt.
30
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Figure 9-4. Power Management Controller Block Diagram
Processor Clock Controller Master Clock Controller SLCK MAINCK PLLCK Prescaler /1,/2,/4,...,/64 Peripherals Clock Controller ON/OFF Idle Mode MCK PCK int
periph_clk[2..14]
Programmable Clock Controller SLCK MAINCK PLLCK Prescaler /1,/2,/4,...,/64
pck[0..2]
USB Clock Controller ON/OFF PLLCK Divider /1,/2,/4
usb_suspend
UDPCK
9.4
Advanced Interrupt Controller
* Controls the interrupt lines (nIRQ and nFIQ) of an ARM Processor * Individually maskable and vectored interrupt sources - Source 0 is reserved for the Fast Interrupt Input (FIQ) - Source 1 is reserved for system peripherals RTT, PIT, EFC, PMC, DBGU, etc.) - Other sources control the peripheral interrupts or external interrupts - Programmable edge-triggered or level-sensitive internal sources - Programmable positive/negative edge-triggered or high/low level-sensitive external sources * 8-level Priority Controller - Drives the normal interrupt of the processor - Handles priority of the interrupt sources - Higher priority interrupts can be served during service of lower priority interrupt * Vectoring - Optimizes interrupt service routine branch and execution - One 32-bit vector register per interrupt source - Interrupt vector register reads the corresponding current interrupt vector * Protect Mode - Easy debugging by preventing automatic operations * Fast Forcing - Permits redirecting any interrupt source on the fast interrupt * General Interrupt Mask - Provides processor synchronization on events without triggering an interrupt
31
6175GS-ATARM-24-Dec-08
9.5
Debug Unit
* Comprises: - One two-pin UART - One Interface for the Debug Communication Channel (DCC) support - One set of Chip ID Registers - One Interface providing ICE Access Prevention * Two-pin UART - Implemented features are compatible with the USART - Programmable Baud Rate Generator - Parity, Framing and Overrun Error - Automatic Echo, Local Loopback and Remote Loopback Channel Modes * Debug Communication Channel Support - Offers visibility of COMMRX and COMMTX signals from the ARM Processor * Chip ID Registers - Identification of the device revision, sizes of the embedded memories, set of peripherals - Chip ID is 0x270B0A40 for AT91SAM7S512 Rev A - Chip ID is 0x270B0940 for AT91SAM7S256 Rev A - Chip ID is 0x270B0941 for AT91SAM7S256 Rev B - Chip ID is 0x270A0740 for AT91SAM7S128 Rev A - Chip ID is 0x270A0741 for AT91SAM7S128 Rev B - Chip ID is 0x27090540 for AT91SAM7S64 Rev A - Chip ID is 0x27090543 for AT91SAM7S64 Rev B - Chip ID is 0x27080342 for AT91SAM7S321 Rev A - Chip ID is 0x27080340 for AT91SAM7S32 Rev A - Chip ID is 0x27080341 for AT91SAM7S32 Rev B - Chip ID is 0x27050241 for AT9SAM7S161 Rev A - Chip ID is 0x27050240 for AT91SAM7S16 Rev A
Note: Refer to the errata section of the datasheet for updates on chip ID.
9.6
Periodic Interval Timer
* 20-bit programmable counter plus 12-bit interval counter
9.7
Watchdog Timer
* 12-bit key-protected Programmable Counter running on prescaled SCLK * Provides reset or interrupt signals to the system * Counter may be stopped while the processor is in debug state or in idle mode
9.8
Real-time Timer
* 32-bit free-running counter with alarm running on prescaled SCLK * Programmable 16-bit prescaler for SLCK accuracy compensation
32
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
9.9
PIO Controller
* One PIO Controller, controlling 32 I/O lines (21 for AT91SAM7S32/16) * Fully programmable through set/clear registers * Multiplexing of two peripheral functions per I/O line * For each I/O line (whether assigned to a peripheral or used as general-purpose I/O) - Input change interrupt - Half a clock period glitch filter - Multi-drive option enables driving in open drain - Programmable pull-up on each I/O line - Pin data status register, supplies visibility of the level on the pin at any time * Synchronous output, provides Set and Clear of several I/O lines in a single write
9.10
Voltage Regulator Controller
The aim of this controller is to select the Power Mode of the Voltage Regulator between Normal Mode (bit 0 is cleared) or Standby Mode (bit 0 is set).
33
6175GS-ATARM-24-Dec-08
10. Peripherals
10.1 User Interface
The User Peripherals are mapped in the 256 MBytes of address space between 0xF000 0000 and 0xFFFF EFFF. Each peripheral is allocated 16 Kbytes of address space. A complete memory map is provided in Figure 8-1 on page 20.
10.2
Peripheral Identifiers
The AT91SAM7S Series embeds a wide range of peripherals. Table 10-1 defines the Peripheral Identifiers of the AT91SAM7S512/256/128/64/321/161. Table 10-2 defines the Peripheral Identifiers of the AT91SAM7S32/16. A peripheral identifier is required for the control of the peripheral interrupt with the Advanced Interrupt Controller and for the control of the peripheral clock with the Power Management Controller.
Table 10-1.
Peripheral ID 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 - 29 30 31 Note:
Peripheral Identifiers (AT91SAM7S512/256/128/64/321/161)
Peripheral Mnemonic AIC SYSC PIOA Reserved ADC(1) SPI US0 US1 SSC TWI PWMC UDP TC0 TC1 TC2 Reserved AIC AIC Advanced Interrupt Controller Advanced Interrupt Controller IRQ0 IRQ1 Analog-to Digital Converter Serial Peripheral Interface USART 0 USART 1 Synchronous Serial Controller Two-wire Interface PWM Controller USB Device Port Timer/Counter 0 Timer/Counter 1 Timer/Counter 2
(1)
Peripheral Name Advanced Interrupt Controller System Parallel I/O Controller A
External Interrupt FIQ
1. Setting SYSC and ADC bits in the clock set/clear registers of the PMC has no effect. The System Controller is continuously clocked. The ADC clock is automatically started for the first conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion.
34
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 10-2.
Peripheral ID 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 - 29 30 31 Note:
Peripheral Identifiers (AT91SAM7S32/16)
Peripheral Mnemonic AIC SYSC PIOA Reserved ADC(1) SPI US Reserved SSC TWI PWMC Reserved TC0 TC1 TC2 Reserved AIC Reserved Advanced Interrupt Controller IRQ0 Timer/Counter 0 Timer/Counter 1 Timer/Counter 2 Synchronous Serial Controller Two-wire Interface PWM Controller Analog-to Digital Converter Serial Peripheral Interface USART
(1)
Peripheral Name Advanced Interrupt Controller System Parallel I/O Controller A
External Interrupt FIQ
1. Setting SYSC and ADC bits in the clock set/clear re gisters of the PMC has no effect. The System Controller is continuously clocked. The ADC clock is automatically started for the first conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion.
10.3
Peripheral Multiplexing on PIO Lines
The AT91SAM7S Series features one PIO controller, PIOA, that multiplexes the I/O lines of the peripheral set. PIO Controller A controls 32 lines (21 lines for AT91SAM7S32/16). Each line can be assigned to one of two peripheral functions, A or B. Some of them can also be multiplexed with the analog inputs of the ADC Controller. Table 10-3, "Multiplexing on PIO Controller A (AT91SAM7S512/256/128/64/321/161)," on page 36 and Table 10-4, "Multiplexing on PIO Controller A (AT91SAM7S32/16)," on page 37 define how the I/O lines of the peripherals A, B or the analog inputs are multiplexed on the PIO Controller A. The two columns "Function" and "Comments" have been inserted for the user's own comments; they may be used to track how pins are defined in an application. Note that some peripheral functions that are output only may be duplicated in the table. All pins reset in their Parallel I/O lines function are configured as input with the programmable pull-up enabled, so that the device is maintained in a static state as soon as a reset is detected.
35
6175GS-ATARM-24-Dec-08
10.4
PIO Controller A Multiplexing
Multiplexing on PIO Controller A (AT91SAM7S512/256/128/64/321/161)
PIO Controller A Application Usage Comments High-Drive High-Drive High-Drive High-Drive Function Comments
Table 10-3.
I/O Line PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PA8 PA9 PA10 PA11 PA12 PA13 PA14 PA15 PA16 PA17 PA18 PA19 PA20 PA21 PA22 PA23 PA24 PA25 PA26 PA27 PA28 PA29 PA30 PA31
Peripheral A PWM0 PWM1 PWM2 TWD TWCK RXD0 TXD0 RTS0 CTS0 DRXD DTXD NPCS0 MISO MOSI SPCK TF TK TD RD RK RF RXD1 TXD1 SCK1 RTS1 CTS1 DCD1 DTR1 DSR1 RI1 IRQ1 NPCS1
Peripheral B TIOA0 TIOB0 SCK0 NPCS3 TCLK0 NPCS3 PCK0 PWM3 ADTRG NPCS1 NPCS2 PWM0 PWM1 PWM2 PWM3 TIOA1 TIOB1 PCK1 PCK2 FIQ IRQ0 PCK1 NPCS3 PWM0 PWM1 PWM2 TIOA2 TIOB2 TCLK1 TCLK2 NPCS2 PCK2
AD0 AD1 AD2 AD3
36
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 10-4. Multiplexing on PIO Controller A (AT91SAM7S32/16)
PIO Controller A I/O Line PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PA8 PA9 PA10 PA11 PA12 PA13 PA14 PA15 PA16 PA17 PA18 PA19 PA20 Peripheral A PWM0 PWM1 PWM2 TWD TWCK RXD0 TXD0 RTS0 CTS0 DRXD DTXD NPCS0 MISO MOSI SPCK TF TK TD RD RK RF Peripheral B TIOA0 TIOB0 SCK0 NPCS3 TCLK0 NPCS3 PCK0 PWM3 ADTRG NPCS1 NPCS2 PWM0 PWM1 PWM2 PWM3 TIOA1 TIOB1 PCK1 PCK2 FIQ IRQ0 AD0 AD1 AD2 AD3 Comments High-Drive High-Drive High-Drive High-Drive Application Usage Function Comments
37
6175GS-ATARM-24-Dec-08
10.5
Serial Peripheral Interface
* Supports communication with external serial devices - Four chip selects with external decoder allow communication with up to 15 peripherals - Serial memories, such as DataFlash(R) and 3-wire EEPROMs - Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors - External co-processors * Master or slave serial peripheral bus interface - 8- to 16-bit programmable data length per chip select - Programmable phase and polarity per chip select - Programmable transfer delays between consecutive transfers and between clock and data per chip select - Programmable delay between consecutive transfers - Selectable mode fault detection - Maximum frequency at up to Master Clock
10.6
Two-wire Interface
* Master Mode only (AT91SAM7S512/256/128/64/321/32) * Master, Multi-Master and Slave Mode support (AT91SAM7S161/16) * General Call supported in Slave Mode (AT91SAM7S161/16) * Compatibility with I2C compatible devices (refer to the TWI sections of the datasheet) * One, two or three bytes internal address registers for easy Serial Memory access * 7-bit or 10-bit slave addressing * Sequential read/write operations
10.7
USART
* Programmable Baud Rate Generator * 5- to 9-bit full-duplex synchronous or asynchronous serial communications - 1, 1.5 or 2 stop bits in Asynchronous Mode - 1 or 2 stop bits in Synchronous Mode - Parity generation and error detection - Framing error detection, overrun error detection - MSB or LSB first - Optional break generation and detection - By 8 or by 16 over-sampling receiver frequency - Hardware handshaking RTS - CTS - Modem Signals Management DTR-DSR-DCD-RI on USART1 (not present on AT91SAM7S32/16) - Receiver time-out and transmitter timeguard - Multi-drop Mode with address generation and detection * RS485 with driver control signal
38
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
* ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards - NACK handling, error counter with repetition and iteration limit * IrDA modulation and demodulation - Communication at up to 115.2 Kbps * Test Modes - Remote Loopback, Local Loopback, Automatic Echo
10.8
Serial Synchronous Controller
* Provides serial synchronous communication links used in audio and telecom applications * Contains an independent receiver and transmitter and a common clock divider * Offers a configurable frame sync and data length * Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal * Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal
10.9
Timer Counter
* Three 16-bit Timer Counter Channels - Two output compare or one input capture per channel (except for AT91SAM7S32/16 which have only two channels connected to the PIO) * Wide range of functions including: - Frequency measurement - Event counting - Interval measurement - Pulse generation - Delay timing - Pulse Width Modulation - Up/down capabilities * Each channel is user-configurable and contains: - Three external clock inputs (The AT91SAM7S32/16 have one) - Five internal clock inputs, as defined in Table 10-5 Table 10-5. Timer Counter Clocks Assignment
Clock MCK/2 MCK/8 MCK/32 MCK/128 MCK/1024
TC Clock Input TIMER_CLOCK1 TIMER_CLOCK2 TIMER_CLOCK3 TIMER_CLOCK4 TIMER_CLOCK5
- Two multi-purpose input/output signals - Two global registers that act on all three TC channels
39
6175GS-ATARM-24-Dec-08
10.10 PWM Controller
* Four channels, one 16-bit counter per channel * Common clock generator, providing thirteen different clocks - One Modulo n counter providing eleven clocks - Two independent linear dividers working on modulo n counter outputs * Independent channel programming - Independent enable/disable commands - Independent clock selection - Independent period and duty cycle, with double buffering - Programmable selection of the output waveform polarity - Programmable center or left aligned output waveform
10.11 USB Device Port (Does not pertain to AT91SAM7S32/16)
* USB V2.0 full-speed compliant, 12 Mbits per second. * Embedded USB V2.0 full-speed transceiver * Embedded 328-byte dual-port RAM for endpoints * Four endpoints - Endpoint 0: 8 bytes - Endpoint 1 and 2: 64 bytes ping-pong - Endpoint 3: 64 bytes - Ping-pong Mode (two memory banks) for isochronous and bulk endpoints * Suspend/resume logic
10.12 Analog-to-digital Converter
* 8-channel ADC * 10-bit 384 Ksamples/sec. or 8-bit 583 Ksamples/sec. Successive Approximation Register ADC * 2 LSB Integral Non Linearity, 1 LSB Differential Non Linearity * Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs * External voltage reference for better accuracy on low voltage inputs * Individual enable and disable of each channel * Multiple trigger source - Hardware or software trigger - External trigger pin - Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger * Sleep Mode and conversion sequencer - Automatic wakeup on trigger and back to sleep mode after conversions of all enabled channels * Four of eight analog inputs shared with digital signals
40
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
11. Package Drawings
The SAM7S series devices are available in LQFP and QFN package types.
11.1
LQFP Packages
Figure 11-1. 48-and 64-lead LQFP Package Drawing
41
6175GS-ATARM-24-Dec-08
Table 11-1.
Symbol
48-lead LQFP Package Dimensions (in mm)
Millimeter Min Nom - - 1.40 9.00 BSC 7.00 BSC 9.00 BSC 7.00 BSC 0.08 0.08 0 0 11 11 0.09 0.45 - - 3.5 - 12 12 - 0.60 1.00 REF 0.20 0.17 - 0.20 0.50 BSC. 5.50 5.50 Tolerances of Form and Position - 0.27 0.008 0.007 0.20 - 7 - 13 13 0.20 0.75 0.003 0.003 0 0 11 11 0.004 0.018 Max 1.60 0.15 1.45 Min - 0.002 0.053 Inch Nom - - 0.055 0.354 BSC 0.276 BSC 0.354 BSC 0.276 BSC - - 3.5 - 12 12 - 0.024 0.039 REF - 0.008 0.020 BSC. 0.217 0.217 - 0.011 0.008 - 7 - 13 13 0.008 0.030 Max 0.063 0.006 0.057
A A1 A2 D D1 E E1 R2 R1 q 1 2 3 c L L1 S b e D2 E2
- 0.05 1.35
aaa bbb ccc ddd
0.20 0.20 0.08 0.08
0.008 0.008 0.003 0.003
42
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 11-2.
Symbol A A1 A2 D D1 E E1 R2 R1 q 1 2 3 c L L1 S b e D2 E2 aaa bbb ccc ddd 0.20 0.17 0.08 0.08 0 0 11 11 0.09 0.45
64-lead LQFP Package Dimensions (in mm)
Millimeter Min - 0.05 1.35 Nom - - 1.40 12.00 BSC 10.00 BSC 12.00 BSC 10.00 BSC - - 3.5 - 12 12 - 0.60 1.00 REF - 0.20 0.50 BSC. 7.50 7.50 Tolerances of Form and Position 0.20 0.20 0.08 0.08 0.008 0.008 0.003 0.003 - 0.27 0.008 0.007 0.20 - 7 - 13 13 0.20 0.75 0.003 0.003 0 0 11 11 0.004 0.018 Max 1.60 0.15 1.45 Min - 0.002 0.053 Inch Nom - - 0.055 0.472 BSC 0.383 BSC 0.472 BSC 0.383 BSC - - 3.5 - 12 12 - 0.024 0.039 REF - 0.008 0.020 BSC. 0.285 0.285 - 0.011 0.008 - 7 - 13 13 0.008 0.030 Max 0.063 0.006 0.057
43
6175GS-ATARM-24-Dec-08
11.2
QFN Packages
Figure 11-2. 48-pad QFN Package
44
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 11-3.
Symbol Min A A1 A2 A3 b D D2 E E2 L e R 0.09 5.45 0.35 5.45 0.18 - - - Nom - - 0.65 0.20 REF 0.20 7.00 bsc 5.60 7.00 bsc 5.60 0.40 0.50 bsc - - 0.004 5.75 0.45 0.215 0.014 5.75 0.215 0.23 0.007 Max 090 0.050 0.70 Min - - - Nom - - 0.026 0.008 REF 0.008 0.276 bsc 0.220 0.276 bsc 0.220 0.016 0.020 bsc - - 0.226 0.018 0.226 0.009 Max 0.035 0.002 0.028
48-pad QFN Package Dimensions (in mm)
Millimeter Inch
Tolerances of Form and Position aaa bbb ccc 0.10 0.10 0.05 0.004 0.004 0.002
45
6175GS-ATARM-24-Dec-08
Figure 11-3. 64-pad QFN Package Drawing
ll dimensions are in mm eference : JEDEC Drawing MO-220
46
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Table 11-4.
Symbol A A1 A2 A3 b D D2 E E2 L e R aaa bbb ccc 0.125 6.95 0.35 6.95 0.23
64-pad QFN Package Dimensions (in mm)
Millimeter Min - - - Nom - - 0.65 0.20 REF 0.25 9.00 bsc 7.10 9.00 bsc 7.10 0.40 0.50 bsc - 0.10 0.10 0.05 - 0.0005 Tolerances of Form and Position 0.004 0.004 0.002 7.25 0.45 0.274 0.014 7.25 0.274 0.28 0.009 Max 090 0.05 0.70 Min - - - Inch Nom - - 0.026 0.008 REF 0.010 0.354 bsc 0.280 0.354 bsc 0.280 0.016 0.020 bsc - - 0.285 0.018 0.285 0.011 Max 0.035 0.001 0.028
47
6175GS-ATARM-24-Dec-08
12. AT91SAM7S Ordering Information
Table 12-1. AT91SAM7S Series Ordering Information
MLR B Ordering Code - - AT91SAM7S32B-AU AT91SAM7S32B-MU - AT91SAM7S64B-AU AT91SAM7S64B-MU AT91SAM7S128-AU-001 AT91SAM7S128-MU AT91SAM7S256-AU-001 AT91SAM7S256-MU - Package LQFP 48 QFN 48 LQFP 64 LQFP 48 QFN 48 LQFP 64 QFN 64 LQFP 64 QFN 64 LQFP 64 QFN 64 LQFP 64 QFN 64 LQFP 64 QFN 64 Package Type Green Green Green Green Green Green Green Green Temperature Operating Range Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C)
MLR A Ordering Code AT91SAM7S16-AU AT91SAM7S16-MU AT91SAM7S161-AU AT91SAM7S32-AU-001 AT91SAM7S32-MU AT91SAM7S321-AU AT91SAM7S321-MU AT91SAM7S64-AU-001 AT91SAM7S64-MU - - AT91SAM7S512-AU AT91SAM7S512-MU
48
AT91SAM7S Series Summary
6175GS-ATARM-24-Dec-08
AT91SAM7S Series Summary
Revision History
Change Request Ref.
Doc. Rev 6175AS 6175BS 6175CS 6175DS 6175ES
Comments First issue - Unqualified on Intranet Corresponds to 6175A full datasheet approval loop. Qualified on Intranet. Section 8. "Memories" on page 18 updated: 2 ms => 3 ms, 10 ms => 15 ms, 4 ms => 6 ms Section 12. "AT91SAM7S Ordering Information" AT91SAM7S321 changed in Table 12-1 on page 48 "Features", Table 1-1, "Configuration Summary," on page 3, Section 4. "Package and Pinout" Section 12. "AT91SAM7S Ordering Information" QFN package information added Section 10.11 on page 40 USB Device port, Ping-pong Mode includes Isochronous endpoints. "Features" on page 1, and global: AT91SAM7S512 added to series. Reference to Manchester Encoder removed from USART. Section 8. "Memories" Reformatted Memories, Consolidated Memory Mapping in Figure 8-1 on page 20 Section 10. "Peripherals" Reordered sub sections. Section 11. "Package Drawings" QFN, LQFP package drawings added. "ice_nreset" signals changed to" power_on_reset" in System Controller block diagrams, Figure 9-1 on page 27 and Figure 9-2 on page 28. Section 4. "Package and Pinout" LQFP and QFN Package Outlines replace Mechanical Overview. Section 10.1 "User Interface", User peripherals are mapped between 0xF000 0000 and 0xFFFF EFFF. SYSIRQ changed to SYSC in "Peripheral Identifiers" Table 10-1 and Table 10-2
CSR05-529 #2342 #2444 specs
#2748
#2832 (DBGU IP) rfo review BDs 4208 rfo review
6175FS
AT91SAM7S161 and AT91SAM7S16 added to product family Features: Timer Counter, on page 2 product specific information rewritten, Table 1-1, "Configuration Summary," on page 3, footnote explains TC on AT91SAM7S32/16 has only two channels accessible via PIO, and in Section 10.9 "Timer Counter", precisions added to "compare and capture" output/input. Section 10.6 "Two-wire Interface", updated reference to I2C compatibility, internal address registers, slave addressing, Modes for AT91SAM7S161/16 "One Two-wire Interface (TWI)" on page 2, updated in Features Section 10.12 "Analog-to-digital Converter", updated Successive Approximation Register ADC and the INL, DNL values of LSB. Section 8.8.3 "Lock Regions", locked-region's erase or program command updated Section 9.5 "Debug Unit", Chip ID updated. Section 6. "I/O Lines Considerations", JTAG Port Pin, Test Pin, Erase Pin, updated.
4325 5063 5846 5913 5224 5685 rfo
6175GS
"Features","Debug Unit (DBGU)" updated with "Mode for General Purpose 2-wire UART Serial Communication" Section 7.4 "Peripheral DMA Controller", added list of PDC priorities. Section 9. "System Controller", Figure 9-1 and Figure 9-2 RTT is reset by "power_on_reset". Section 9.1.1 "Brownout Detector and Power-on Reset", fourth paragraph reduced. Section 9.5 "Debug Unit", the list; Section * "Chip ID Registers", chip IDs updated, added SAM7S32 Rev B and SAM7S64 Rev B to the list. Section 12. "AT91SAM7S Ordering Information", Updated product ordering information by MRL A and MRL B versions.
49
6175GS-ATARM-24-Dec-08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com www.atmel.com/AT91SAM Technical Support AT91SAM Support Atmel techincal support Sales Contacts www.atmel.com/contacts/
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof, DataFlash(R), SAM-BA(R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. ARM(R), the ARM Powered(R) logo, ARM7TDMI(R), Thumb(R),nd others are registered trademarks or trademarks of ARM Limited. Other terms and product names may be the trademarks of others.
6175GS-ATARM-24-Dec-08


▲Up To Search▲   

 
Price & Availability of AT91SAM7S32-MU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X