Part Number Hot Search : 
2SA56 ON0988 L595611 7812CD2T 00BZXC STS2302S 1N4083 25ETTS
Product Description
Full Text Search
 

To Download AOT9608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AOT10N60 / AOTF10N60 600V, 10A N-Channel MOSFET
formerly engineering part number AOT9608/AOTF9608
General Description
The AOT10N60 & AOTF10N60 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.
Features
VDS (V) = 700V @ 150C ID = 10A RDS(ON) < 0.75 (VGS = 10V) 100% UIS Tested! 100% R g Tested! C iss , C oss , C rss Tested!
TO-220
Top View
TO-220F
D
G G D G S D S S
Absolute Maximum Ratings TA=25C unless otherwise noted AOT10N60 Parameter Symbol AOTF10N60 VDS Drain-Source Voltage 600 VGS 30 Gate-Source Voltage Continuous Drain Current B Pulsed Drain Current Avalanche Current C Repetitive avalanche energy C Single pulsed avalanche energy G Peak diode recovery dv/dt TC=25C B Power Dissipation Derate above 25oC Junction and Storage Temperature Range Maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds Thermal Characteristics Parameter Maximum Junction-to-Ambient
A C
Units V V A A mJ mJ V/ns W W/ oC C C
TC=25C TC=100C ID IDM IAR EAR EAS dv/dt PD TJ, TSTG TL
10 6.4 36 4.4 290 580 5 208 1.7 -50 to 150 300 AOT10N60 65 0.5 0.6
10* 6.4*
50 0.4
Symbol RJA A RCS Maximum Case-to-Sink RJC Maximum Junction-to-Case D,F * Drain current limited by maximum junction temperature.
AOTF10N60 65 2.5
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AOT10N60 / AOTF10N60
Electrical Characteristics (T J=25C unless otherwise noted) Symbol STATIC PARAMETERS BVDSS BVDSS /TJ IDSS IGSS VGS(th) RDS(ON) gFS VSD IS ISM Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance ID=250A, VGS=0V, TJ=25C ID=250A, VGS=0V, TJ=150C ID=250A, VGS=0V VDS=600V, VGS=0V VDS=480V, TJ=125C VDS=0V, VGS=30V VDS=VGS, ID=250A VGS=10V, ID=5A VDS=40V, ID=5A 3 4 0.6 15 0.73 1 10 36 1100 VGS=0V, VDS=25V, f=1MHz VGS=0V, VDS=0V, f=1MHz 105 7.5 3 1320 130 9.3 3.8 31.1 VGS=10V, VDS=480V, ID=10A 6.4 14.4 28 VGS=10V, VDS=300V, ID=10A, RG=25 IF=10A,dI/dt=100A/s,VDS=100V 66 76 64 290 3.9 1600 160 11 6 40 10 20 35 80 95 80 350 4.7 600 700 0.65 1 10 100 5 0.75 V V V/ C A nA V S V A A pF pF pF nC nC nC ns ns ns ns ns C
o
Parameter
Conditions
Min
Typ
Max
Units
Diode Forward Voltage IS=1A, VGS=0V Maximum Body-Diode Continuous Current Maximum Body-Diode Pulsed Current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd tD(on) tr tD(off) tf trr Qrr Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time
Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=10A,dI/dt=100A/s,VDS=100V
A: The value of R JA is measured with the device in a still air environment with T A =25C. B. The power dissipation PD is based on TJ(MAX)=150C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150C. D. The R JA is the sum of the thermal impedence from junction to case R JC and case to ambient. E. The static characteristics in Figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=150C. 4.4 G. L=60mH, IAS=4.4A, VDD=50V, RG=25, Starting TJ=25C Rev 0. July 2008
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AOT10N60 / AOTF10N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
20 10V 15 6V ID (A) 10 ID(A) 10 125C 25C 6.5V 100 VDS=40V -55C
1 5 VGS=5V 0 0 5 10 15 20 25 30 VDS (Volts) Fig 1: On-Region Characteristics 1.4 1.2 RDS(ON) (m) 1.0 0.8 0.6 0.4 0 5 10 15 20 0 -100 -50 0 VGS=10V Normalized On-Resistance 3 2.5 2 1.5 1 0.5 0.1 2 4 6
8
10
VGS(Volts) Figure 2: Transfer Characteristics
VGS=10V ID=5A
50
100
150
200
ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 1.2
Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1.0E+02
4.4 1.0E+01
BVDSS (Normalized) 1.1 1.0E+00 IS (A) 1 1.0E-01 1.0E-02 0.9 1.0E-03 0.8 -100 1.0E-04 -50 0 50 100 150 200 0.2 0.4
125C
25C
0.6
0.8
1.0
TJ (oC) Figure 5: Break Down vs. Junction Temperature
VSD (Volts) Figure 6: Body-Diode Characteristics
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AOT10N60 / AOTF10N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
15 VDS=480V ID=10A Capacitance (pF) 1000 Coss 100 10000 Ciss
12
VGS (Volts)
9
6
3
10 Crss 1 0 10 20 30 40 50 0.1 Qg (nC) Figure 7: Gate-Charge Characteristics 10 VDS (Volts) Figure 8: Capacitance Characteristics 1 100
0
100
10s RDS(ON) limited 1ms 100s TJ(Max)=150C TC=25C
1 10 VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area for AOT10N60 (Note F) 100
100 RDS(ON) limited
10s 100s
10 ID (Amps)
10 ID (Amps)
1
1 DC 0.1 TJ(Max)=150C TC=25C
0.1
10ms 0.1s DC
1ms 10ms 0.1s 1s 10s
0.01 1000
0.01 1 10 VDS (Volts) Figure 10: Maximum Forward Biased Safe Operating Area for AOTF10N60 (Note F) 100 1000
12 10 Current rating ID(A) 8 6 4 2 0 0 25 50 75 100 125 150 TCASE (C) Figure 11: Current De-rating (Note B)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AOT10N60 / AOTF10N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10 ZJC Normalized Transient Thermal Resistance D=Ton/T TJ,PK=TA+PDM.ZJC.RJC RJC=0.5C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
PD Single Pulse Ton
T 10 100
0.01 0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width (s) Figure 12: Normalized Maximum Transient Thermal Impedance for AOT10N60 (Note F)
10 ZJC Normalized Transient Thermal Resistance
D=Ton/T TJ,PK=TA+PDM.ZJC.RJC RJC=2.5C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
PD Ton
Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1
T 10 100
Pulse Width (s) Figure 13: Normalized Maximum Transient Thermal Impedance for AOTF10N60 (Note F)
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
AOT10N60 / AOTF10N60
Gate Charge Test Circuit & Waveform
Vgs Qg
+
VD C
10V
DUT Vgs Ig
+
VDC
Vds
Qgs
Q gd
-
Charge
Res istive Switching Test Circuit & Waveforms
R L Vds Vds
Vgs Rg Vgs
DU T
+
VD C
90% Vdd 10% Vgs
t d(o n) tr t on
t d(off) t off tf
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
L Vds Id Vgs Rg DU T Vgs Vgs Vgs Vds EAR 1/2 LI =
2 AR
BVDSS
+
VDC
Vdd
-
Id
I AR
Diode Recovery Test Circuit & Waveforms
Vds + DUT Vgs Qrr = - Idt
Vds Vgs Ig
Isd
L
Isd
IF
+
VD C
dI/dt IRM
trr
Vdd Vds
-
Vdd
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AOT9608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X