Part Number Hot Search : 
20M45 NVFMCZ AUSCD12H 70M6T 15161450 SBT6045 L12PFI L12PFI
Product Description
Full Text Search
 

To Download A61AC6VDC9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
22.5 x 15.0 x 25.2 mm
A6
Features
* * * * * Low coil power consumption Small size and light weight Switching current up to 35A Suitable for household appliances, automotive applications 1A & 1C contact configurations available
Contact Data
Contact Arrangement
Specifications and availability subject to change without notice.
1A = SPST N.O. 1C = SPDT 1A : 35A @ 14VDC 1C : 35A @ 14VDC N.O. 1C : 25A @ 14VDC N.C.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgSnO2 560W 75VDC 35A
Contact Rating
Coil Data
Coil Voltage VDC Rated 6 12 24 Max 7.8 15.6 31.2 Coil Resistance +/- 10% .9W 40 160 640 1.3W 27 109 436 Pick Up Voltage Release Voltage VDC (max) VDC (min) 70% of rated voltage 4.20 8.40 16.80 10% of rated voltage .6 1.2 2.4 .90 or 1.30 5 2 Coil Power W Operate Time ms Release Time ms
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 500V rms min. @ sea level 500V rms min. @ sea level 100m/s2 for 11 ms 1.27mm double amplitude 10~40Hz 10N -40oC to +85oC -40oC to +155oC 260oC for 5 s 21g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
A6
Ordering Information
1. Series A6 2. Contact Arrangement 1A = SPST N.O. 1C = SPDT 3. Sealing Option S = Sealed C = Dust Cover 4. Coil Voltage 6VDC 12VDC 24VDC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A6
1C
S
12VDC
.9
5. Coil Power .9 = .9W 1.3 = 1.3W 6. Coil Suppression Blank = Standard D = Diode (1N4005) Cathode on "86" terminal R = Resistor
* Consult factory if other values are needed
Dimensions
Units = mm
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
1A www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
1C


▲Up To Search▲   

 
Price & Availability of A61AC6VDC9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X