Part Number Hot Search : 
HC256DMB KBL10 2N5416U4 1N4729AW MH4802 C67078 SP8630B 1N3823
Product Description
Full Text Search
 

To Download A0505XD-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A_XD-1W & B_XD-1W Series
1W,FIXED INPUT,1000V ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES High Efficiency up to 80% DIP Package 1KVDC Isolation Temperature Range: -40C ~ +85C No Heat sink Required No External Component Required Internal SMD Construction Industry standard pinout RoHS Compliance Compatible with "DCP01" Series
PRODUCT PROGRAM
Input Part Number B0505XD-1W B0509XD-1W B0512XD-1W B0515XD-1W A0505XD-1W A0509XD-1W A0512XD-1W A0515XD-1W 5 4.5-5.5 Voltage (VDC) Nominal Range Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 12 10.8-13.2 15 5 9 12 15 5 9 12 24 21.6-26.4 15 5 9 12 15 Output Current (mA) Max. 200 111 83 67 100 56 42 33 200 111 83 67 100 56 42 33 200 111 83 67 100 56 42 33 Min. 20 12 9 7 10 6 5 4 20 12 9 7 10 6 5 4 20 12 9 7 10 6 5 4 70 78 78 80 72 77 79 80 71 76 78 79 72 78 79 78 73 78 78 79 73 79 80 80 UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL Efficiency Certificate (%, Typ.)
APPLICATIONS
The A_XD-1W & B_XD-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
B1205XD-1W B1209XD-1W B1212XD-1W B1215XD-1W A1205XD-1W A1209XD-1W A1212XD-1W A1215XD-1W B2405XD-1W B2409XD-1W B2412XD-1W B2415XD-1W A2405XD-1W A2409XD-1W A2412XD-1W A2415XD-1W
Note: The A/B_XD-W 25 series also are available in our company.
MODEL SELECTION
A0505XD-1W
Rated Power Package Style Output Voltage Input Voltage Produc t Ser ies
COMMON SPECIFICATIONS
Item Storage humidity range Operating temperature Storage temperature Temp. rise at full load Lead temperature 1.5mm from case for 10 seconds -40 -55 15 Test Conditions Min. Typ. Max. 95 85 125 25 300 1 Free air convection Plastic(UL94-V0) 3500 2.4 K hours g S C Units %
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Short circuit protection* Cooling Case material MTBF Weight
*Supply voltage must be discontinued at the end of short circuit duration.
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice. A_XD-1W & B_XD-1W A/1-2009 Page 1 of 3
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test conditions Min. Typ. Max. Units VDC M Tested for 1 minute and 1mA max 1000 Test at 500VDC 1000
TYPICAL CHARACTERISTICS
OUTPUT SPECIFICATIONS
Item Output power Line regulation For Vin change of 1% 10% to 100% load (5V output) Load regulation 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output) Output voltage accuracy Temperature drift Ripple & Noise* Switching frequency 100% full load 20MHz Bandwidth A_XD-1W B_XD-1W 50 75 100 12.8 8.3 6.8 6.3 Test conditions Min 0.1 Typ Max 1 1.2 15 15 15 15 % Units W %
See tolerance envelope graph 0.03 75 100 KHz
Operating Temp.(oC)
%/C mVp-p
Full load, nominal input
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: Dual output models unbalanced load: 5%.
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (A/B_XD-W25 Series).
RECOMMENDED CIRCUIT
Dual Output
L L
Vin
Cin
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
L
Vin
Cin
+Vo
Cout
DC DC
GND
0V
Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1). It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
Single Output Vin GND
REG
(Figure 1)
Dual Output Vin GND
REG REG
+Vo 0V
DC DC
REG
-Vo
REG
+Vo
DC DC
0V
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
(Figure 2) EXTERNAL CAPACITOR TABLE (Table 1) Cin Single Cout Dual Cout Vin (VDC) (uF) Vout (uF) Vout (uF) (VDC) (VDC) 5 4.7 5 10 5 4.7 12 2.2 9 4.7 9 2.2 24 1 12 2.2 12 1 15 1 15 1 It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
No parallel connection or plug and play
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice. A_XD-1W & B_XD-1W A/1-2009 Page 2 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSIONS
20.00 [0.787]
RECOMMENDED FOOTPRINT
DUAL/SINGLE OUTPUT
10.00 [0.394] 14 8
1.00 [0.039]
2.54 [0.100]
1 (Side View) 7.00 [0.276]
2
5
6
7
2.54 [0.100] 0.50 [0.020] 4.10 [0.161]
0.50 [0.020] 5 6 7 8
2.54 [0.100]
1 7.62 [0.300] 14
2
1.00 [0.039]
0.30 [0.012]
TUBE DUTLINE DIMENSIONS
12.00 [0.472]
(Bottom View)
15.24 [0.600] 17.78 [0.700] Note: Unit: mm[inch] Pin section tolerances: 0.1mm[0.039inch] General tolerances: 0.25mm[0.010inch] FOOTPRINT DETAILS Single Dual Pin Vin Vin 1 2 GND GND 5 0V 0V 6 +Vo +Vo -Vo 7 NC Others NC NC NC: No connection. 8.60 [0.339] 14.70 [0.579]
0.60 [0.024]
5.30 [0.209]
Note: Unit: mm[inch] General tolerances: 0.5mm[0.020inch] L=530mm[20.866inch] Tube Quantity :25pcs L=220mm[8.661inch] Tube Quantity :10pcs
Note: 1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed. 2. All specifications measured at Ta=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 3. In this datasheet, all the test methods of indications are based on corporate standards. 4. Only typical models listed, other models may be different, please contact our technical person for more details.
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice. A_XD-1W & B_XD-1W A/1-2009 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of A0505XD-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X