Part Number Hot Search : 
330M35 CP210 S3022ID 2SC4207 GA128 330M10 E000732 MC33170
Product Description
Full Text Search
 

To Download 88768-9830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTRODUCTION Molex's new High Definition Multimedia Interface (HDMI) connectors and cable assemblies provide an uncompressed digital link between consumer electronics equipment such as DVD players, set-top boxes and audio/video monitors such as plasma display screens for high-definition TVs. HDMI is a small, user-friendly interconnect that provides up to 5 Gbps of bandwidth to support highdefinition video plus multi-channel audio in a single cable. This system eliminates the cost, complexity and confusion of multiple cables used to connect current A/V systems. Molex offers a full selection of both HDMI connectors and cable assemblies. FEATURES AND BENEFITS Compact, user-friendly design 5 Gbps bandwidth HDMI-DVI cables Mounting flange Signal With Coupled Ground Fully shielded
11.55mm (.455")
Specifications: Bandwidth up to 5 Gbps 10,000 cycles Gold-plated contacts Lead-free plating Tray and embossed packaging Current: 0.5A Voltage: 40V
High Definition Multimedia Interface (HDMI)* Connector System
Meets Consumer equipment needs Carries uncompressed audio/video in a single cable DVI backward compatible Protects solder joints; additional grounding Low impedance mismatch ESD protection
Optional mounting flange offers screw panel mounting and grounding User-friendly design blends in with consumer equipment Impedance control dimples Friction-lock design offers smooth insertion and secure retention
14.80mm (.583")
Wide solder tabs for PCB hold-down 8.18mm (.322")
5.25mm (.207")
Grounding fingers provide mechanical and electrical stability
APPLICATIONS Digital TVs Plasma Displays LCDs Set-Top Boxes DVD Players/Recorders Audio/Video Receivers D-VHS Players High Definition Monitors TiVo Satellite Boxes
TOPOLOGY
HDMI
Set-Top Box HDMI IR Keyboard & Mouse 1394
DVD Player
*Note: High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
Video Camera
See other side for selection chart
PRODUCT FAMILY OVERVIEW
High Definition Multimedia Interface (HDMI) Connector System
PCB Headers
Standard Type
Order No. 500254-1907 Circuits 19 Packaging Embossed Tape Order No. 500254-1911
Flange Version
Circuits 19 Packaging Tray
Cable Assemblies
HDMI - HDMI
Order No. 88768-9800 88768-9810 88768-9820 88768-9830 88768-9900 88768-9910 88768-9920 Cable Length* 1 Meters 2 Meters 3 Meters 5 Meters 1 Meters 2 Meters 3 Meters AWG 28 (TMDS) Outer Diameter 7.30 (.287) Black 30 (TMDS) 6.00 (.236) Cable Color Order No. 88768-3500 88768-3510 88768-3520 88768-3530 88768-3600 88768-3610 88768-3620 Cable Length* 1 Meters 2 Meters 3 Meters 5 Meters 1 Meters 2 Meters 3 Meters
HDMI - DVI*
AWG 28 (TMDS) Outer Diameter 7.30 (.287) Black 30 (TMDS) 5.50 (.217) Cable Color
* For custom cable lengths contact Molex
* Provides backward compatibility to DVI; for custom cable lengths contact Molex
See www.molex.com for drawings and details
Americas Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA Tel: 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan Tel: 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore Tel: 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany Tel: 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA Tel: 630-969-4550
Visit our website at www.molex.com
Order No. JPN-038 Printed in Japan/PDF/MXJ/MXJ/2003.12 (c)2003, Molex Japan


▲Up To Search▲   

 
Price & Availability of 88768-9830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X