Part Number Hot Search : 
M3321 BL537 60NF06 MLX90 HA1221 60NF06 54F175DM 144205
Product Description
Full Text Search
 

To Download 684PMB152KP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMB/ RMB
APPLICATION I Snubber I IGBT Modules
Polypropylene Film Capacitors for Power Semiconductor Circuits
I Energy Conversion I Power Semiconductor Circuits
FEATURES I High Current I High Voltage SPECIFICATIONS
Operating Temperature Range Capacitance Tolerance
WVDC Super/AC Voltage (RMB) SVDC VAC 700
1100
I Multiple Lead Styles I High Pulse
PMB: -40C to +85C (+100C observing voltage and current de-rating) RMB: -40C to +85C 10% at 1kHz, 25C 5% optional 850
1300
1000
1550
1200
1750
1500
2200
2000
2600
2500
3300
3000
4000
(1200) 500
(1300) 575
(1600) 630
(2400) 700
(3500) 750
420
650
725
For T>+85C the rated voltage must be de-rated by 1.25%/C
Dissipation Factor (tan ) @1kHz, 25C Insulation Resistance @20C (<70% RH)for 1 minute at 100VDC applied
C1.0F
.05%
C>1.0F
.06%
30000M x F (Not to exceed 30G)
<1 nano-Henry per mm of lead spacing and lead length Terminal to Terminal Terminal to Case 3KVAC @ 50/60Hz applied for 60 Seconds at 25C 1.5xCxdv/dt 100000 hours for WVDC, 30000 hours for VAC at 70C 300/1x109 component hours <1% after 2 years at standard environmental conditions Double Metallized film with polypropylene film and internal series connections Flame retardant plastic box with epoxy end fill (UL94V-0) Lead free tinned copper leads (RoHS compliant)
Self Inductance
Dielectric Strength Peak Current Life Expectancy Failure Quota Long Term Stability Construction Coating Lead Terminations
160% of VDC applied for 10 Seconds and 25C 200% of VDC applied for 2 Seconds and 25C
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
196
PMB/RMB
WVDC (VAC) 700 (420) 850 (500) 1000 (575)
Polypropylene Film Capacitors for Power Semiconductors Circuits
PHYSICAL DIMENSIONS
(F) 0.047 0.068 0.1 0.15 0.22 0.33 0.39 0.47
1200 (630)
1500 (650)
2000 (700)
2500 (725)
3000 (750) 42.5x27.5x24.5 42.5x27.5x24.5
42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 57.5x45x30 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x37x28 42.5x45x33 42.5x27.5x24.5 42.5x45x33 42.5x45x33 42.5x45x33 57.5x50x35
0.56 0.68 0.75 0.82 1 1.2 1.5 1.75 1.8 2 2.2 2.5 3 3.3 3.5 4 4.7 5 5.6 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x45x33 42.5x45x33 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35 57.5x50x35 42.5x45x33 42.5x45x33 42.5x45x33 57.5x50x35 57.5x45x30 57.5x45x30 42.5x45x33 42.5x45x33 57.5x45x30 42.5x45x33 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5
57.5x45x30 57.5x50x35 57.5x50x35
42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 57.5x45x30 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x45x33 57.5x45x30 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 42.5x45x33 57.5x45x30 57.5x50x35 42.5x35.5x33.5 42.5x45x33 57.5x45x30 42.5x45x33 57.5x50x35 57.5x45x30
57.5x50x35
57.5x50x35
57.5x50x35 57.5x50x35
Convert to inches divide by 25.4
LxHxT (mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
197
PMB/RMB
Capacitance WVDC (F) PART NUMBER dv/dt (v/s) Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m Dimensions LxHxT (mm)
Metallized Polypropylene Capacitors
STANDARD PARTS LISTING
Capacitance WVDC (F)
PART NUMBER
dv/dt (v/s)
Maximum Typical RMS Current ESR @100kHz, @100 kHz, 70C in Amps +25C in m
Dimensions LxHxT (mm)
0.047 0.068 0.1 0.1 0.1 0.15 0.15 0.15 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.33 0.33 0.33 0.39 0.39 0.39 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.47 0.56 0.56 0.56 0.68 0.68 0.68 0.68 0.68 0.68 0.68 0.75 0.75 0.82 0.82 0.82 0.82 0.82 0.82 1 1 1 1
3000 473PMB302K#P2 2500 3000 683PMB302K#P2 2500 2000 104PMB202K#P2 1600 2500 104PMB252K#P2 2050 3000 104PMB302K#P1 2500 2000 154PMB202K#P2 1600 2500 154PMB252K#P2 2050 3000 154PMB302K#P1 2500 2000 224PMB202K#P2 1600 2500 224PMB252K#P1 2050 3000 224PMB302K#P0 2500 3000 224RMB302K# 2050 1200 334PMB122K#P2 1000 1500 334PMB152K#P2 1220 2000 334PMB202K#P1 1600 2000 3000 3000 334RMB202K# 334PMB302K# 334RMB302K# 1220 1400 2050 2500 334PMB252K#P1 2050
7.5 9 8.5 9 12.5 11 11.5 15 13.5 16 19 14.5 12.5 14 18 12.5 19 21 16.5 14 14.5 17.5 15 19 22 19 16.5 23 24 19.5 16 23 23 16.5 20 21 23 18 26 22 17.5 22 16.5 21 24.5 20 27.5 24 18.5 22.5 23 28
16.5 11.5 12.5 11 8.5 7.5 7.2 6 5.1 5.2 4.3 8.2 5.1 4.6 4.1 7.4 3.8 4.3 6.1 4.6 4.3 3.6 4.1 3.7 3.2 3.1 6 3 3.8 5 3.7 3 3.5 3.3 3.3 3.1 3.5 5 3.2 5.2 3.1 2.8 3.1 3 3.1 4.6 2.9 4.7 2.7 2.7 2.5 2.8
42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 57.5x45x30 42.5x35.5x33.5 42.5x27.5x24.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x37x28 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x45x33 42.5x27.5x24.5 42.5x45x33 57.5x45x30 42.5x27.5x24.5 42.5x35.5x33.5 42.5x35.5x33.5 57.5x45x30 42.5x35.5x33.5 57.5x50x35 57.5x50x35 42.5x27.5x24.5 42.5x35.5x33.5 42.5x27.5x24.5 42.5x35.5x33.5 57.5x45x30 42.5x45x33 57.5x50x35 57.5x50x35 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 57.5x50x35
1 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.75 1.75 1.8 2 2 2 2 2 2.2 2.2 2.2 2.2 2.2 2.2 2.5 2.5 2.5 2.5 2.5 3 3 3 3 3 3.3 3.3 3.3 3.3 3.3 3.5 4 4 4 4.7 5 5 5.6
2000
105RMB202K#
1220 600 870 1000 870 930 725 750 870 870 725 725 750 870 725 600 750 870 575 870 600 750 500 750 575 500 600 750 750 575 500 600 450 500 450 500 600 450 1650 450 500 600 360 450 450 360 360 110 360
21.5 17.5 23.5 25 25 26 29.5 22.5 24.5 25 27.5 21 29.5 26 25.5 27 30.5 23.5 28 28 28 24.5 24 28.5 27.5 24 31 23.5 24.5 29 24.5 32.5 24.5 27.5 29.5 32 24.5 28 28 30 32.5 25.5 28.5 28.5 29 33.5 29.5 32 32 28 33.5
4.1 3.1 2.5 2.4 2.4 2.8 2.4 4.5 2.2 2.2 2.1 3.6 2.5 4 2.1 2.1 2.3 2.5 2 2 2.4 3.3 2.4 2 2.5 3.3 2.3 4.1 2.2 1.9 3.1 2.1 3.8 2.1 2.2 2.1 3.7 3.4 2.1 2.1 2 3.5 3.2 2 2.3 1.9 3.1 2.1 2.1 2.2 2
42.5x45x33 42.5x27.5x24.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 57.5x45x30 57.5x50x35 57.5x45x30 42.5x35.5x33.5 42.5x35.5x33.5 42.5x45x33 42.5x35.5x33.5 57.5x50x35 57.5x50x35 42.5x35.5x33.5 42.5x45x33 57.5x50x35 42.5x35.5x33.5 42.5x45x33 42.5x45x33 57.5x45x30 42.5x45x33 42.5x35.5x33.5 42.5x45x33 57.5x45x30 42.5x45x33 57.5x50x35 57.5x45x30 42.5x35.5x33.5 42.5x45x33 42.5x45x33 57.5x50x35 57.5x45x30 42.5x45x33 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 42.5x45x33 57.5x45x30 57.5x50x35 57.5x45x30 57.5x50x35 42.5x45x33 57.5x45x30 57.5x50x35 57.5x50x35 57.5x50x35 57.5x50x35 57.5x45x30 57.5x50x35
700 125PMB700K#P2 1000 125PMB102K#P1 1200 1500 2000 2000 125RMB122K# 125PMB152K# 125PMB202K# 125RMB202K#
1200 125PMB122K#P0 1200
850 155PMB850K#P1 1000 155PMB102K#P1 1200 1500 2000 155RMB122K# 155PMB152K# 155RMB202K#
1200 155PMB122K#P0 1000
850 175PMB850K#P1 1000 175PMB102K#P0 1500 185PMB152K# 700 205PMB700K#P1 850 205PMB850K#P0 1000 205PMB102K#P0 1200 1200 700 1000 1000 1200 1200 205PMB122K# 205RMB122K# 225PMB700K# 225PMB102K# 225RMB102K# 225PMB122K# 225RMB122K#
1200 394PMB122K#P2 1000 1500 394PMB152K#P2 1220 2000 394PMB202K#P1 1000 1200 474PMB122K#P2 1000 1500 474PMB152K#P1 1220 2000 474PMB202K#P0 1600 2000 2000 3000 3000 474PMB202KJS 1000 474RMB202K# 474PMB302K# 474RMB302K# 1220 1400 2050
850 225PMB850K#P0
2500 474PMB252K#P0 2050
700 255PMB700K#P1 850 255PMB850K#P0 1000 1200 1200 850 1000 1000 1200 700 850 1000 1000 1200 700 850 1000 700 700 850 700 255RMB102K# 255RMB122K# 255RMB122K# 305PMB850K# 305PMB102K# 305RMB102K# 305RMB122K# 335PMB700K# 335PMB850K# 335PMB102K# 335RMB102K# 335RMB122K# 405PMB700K# 405PMB850K# 405RMB102K# 475PMB700K# 505PMB700K# 505PMS850KS 565PMB700K#
1200 564PMB122K#P2 1000 2000 564PMB202K#P0 1600 2500 564PMB252K# 1150 1000 684PMB102K#P2 870 1200 684PMB122K#P1 1000 1500 684PMB152K#P1 1220 2000 2000 2500 3000 684PMB202K# 684RMB202K# 684PMB252K# 684RMB302K# 930 1220 1150 1150
700 305PMB700K#P0
1000 754PMB102K#P2 870 1500 754PMB152K#P1 1220 850 2000 2000 2500 3000 824PMB850K#P2 750 824PMB202K# 824RMB202K# 824PMB252K# 824RMB302K# 930 1220 1150 1150 750 1200 824PMB122K#P1 1000
700 355PMB700K#P0
850 105PMB850K#P2
1200 105PMB122K#P1 1000 1500 105PMB152K#P0 1220 2000 105PMB202K# 930
Note: Replace # in part number with style letter
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
198


▲Up To Search▲   

 
Price & Availability of 684PMB152KP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X