Part Number Hot Search : 
OPB870N HC4051 VHCT08A LTC1690C SLA5081 C1012 TC901 FN1189
Product Description
Full Text Search
 

To Download 44914-0801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
3.00mm (.118") Pitch Micro-Fit 3.0, CPITM Micro-Fit 3.0, BMITM CPI Vertical Headers
Micro-Fit 3.0 Family Offers Press-Fit Headers For High-Density Power and Signal Applications The Micro-Fit 3.0, CPI (Compliant Pin Interface) and Micro-Fit 3.0, BMI CPI (Blind-Mate version with Compliant Pin Interface) are vertical header product extensions featuring press-fit PC tails. These headers are designed for highdensity applications where press-fit terminations are required. The CPI products are appropriate for both power and signal uses as they can carry up to 5.0A of current per circuit. The standard Micro-Fit 3.0, CPI headers incorporate a compact housing that mates with standard wire-mount housings and crimp terminals for wire-to-board applications. The Micro-Fit 3.0, BMI CPI headers feature a funnel entry to guide the mating receptacle into place. Micro-Fit 3.0, BMI headers mate exclusively with BMI components, which include panel-mount receptacles with crimp terminals and PCB receptacles for wire-to-board and board-to-board applications. Features and Benefits CPI style (press-fit) pins require no soldering to the PCB Designed for multiple board thicknesses of 2.36mm (.093") or greater Dual-row vertical headers available in 2-24 circuits for the standard version and 4-24 circuits for the BMI (blind-mate) version Rated up to 5.0A of current for both power and signal applications in wire-toboard and board-to-board configurations Fully polarized with positive locks for proper mating Fully isolated contacts for electrical and mechanical integrity
Reference Information Packaging:Tray UL File No.: E29179 CSA File No.: LR19980 TUV No.: R95107 Designed In: Millimeters Electrical Voltage: 250V Current: 5.0A Contact Resistance: 10 milliohms max. Dielectric Withstanding Voltage: 1500 VAC Insulation Resistance: 1000 Megohms min.
Mechanical Insertion Force to PCB: 35.6N (8.0lb) per circuit max. Retention Force to PCB: 106.8N (24.0lb) per circuit min. Mating Force: 8.0N (1.8lb) per circuit max. Unmating Force: 3.6N (0.8lb) per circuit min. Durability: 30 cycles Physical Housing: High-temperature polymer, UL 94V-0 Contact: Brass alloy Plating: Contact area - 5.1m (200") min. Tin, 0.38m (15") min. select Gold or 0.76m (30") min. select Gold PC tails - Tin/Lead Underplating: Nickel PCB Thickness: 2.36mm (.093") min. Operating Temperature: -40 to +105 C
Applications Servers Workstations Personal Computers Mainframe Computers Notebook PCs Fan Tray Assemblies Power Supplies Office Equipment Vending and Gaming Machines
3.00mm (.118") Pitch Micro-Fit 3.0, CPITM Micro-Fit 3.0, BMITM CPI Vertical Headers
ORDERING INFORMATION
Header Style Circuit Size 5.1m (200") min. Tin Contact Plating 0.38m (15") min. Gold 0.76m (30") min. Gold
Micro-Fit 3.0, CPI
Micro-Fit 3.0, BMI CPI
2 4 6 8 10 12 14 16 18 20 22 24 4 6 8 10 12 14 16 18 20 22 24
44914-0201 44914-0401 44914-0601 44914-0801 44914-1001 44914-1201 44914-1401 44914-1601 44914-1801 44914-2001 44914-2201 44914-2401 45280-0401 45280-0601 45280-0801 45280-1001 45280-1201 45280-1401 45280-1601 45280-1801 45280-2001 45280-2201 45280-2401
44914-0202 44914-0402 44914-0602 44914-0802 44914-1002 44914-1202 44914-1402 44914-1602 44914-1802 44914-2002 44914-2202 44914-2402 45280-0402 45280-0602 45280-0802 45280-1002 45280-1202 45280-1402 45280-1602 45280-1802 45280-2002 45280-2202 45280-2402
44914-0203 44914-0403 44914-0603 44914-0803 44914-1003 44914-1203 44914-1403 44914-1603 44914-1803 44914-2003 44914-2203 44914-2403 45280-0403 45280-0603 45280-0803 45280-1003 45280-1203 45280-1403 45280-1603 45280-1803 45280-2003 45280-2203 45280-2403
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
V isit o u r W e b sit e a t h t t p : / / www.mo l e x .co m/ pro du ct / pcb/ mi cro fi t / mi cro fi t .h t ml
Order No. USA-193 Printed in USA/5K/JI/JI/2006.01
(c)
2006, Molex


▲Up To Search▲   

 
Price & Availability of 44914-0801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X