Part Number Hot Search : 
MDA3508 1W04GM RP900B 39200 KA4F3R SD263 MD23C A5801093
Product Description
Full Text Search
 

To Download 2SC3258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3258
DESCRIPTION *With TO-220 package *Complement to type 2SA1293 *Low collector saturation voltage *High speed switching time APPLICATIONS *High current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 100 80 7 5 8 1 30 150 -55~150 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT PARAMETER Collector -emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ,IB=0 IC=3A; IB=0.15A IC=3A; IB=0.15A VCB=100V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=1V IC=3A ; VCE=1V IE=0 ; VCB=10V;f=1MHz IC=1A ; VCE=4V 70 40 MIN 80
2SC3258
TYP.
MAX
UNIT V
0.4 1.2 1 1 240
V V A A
80 120
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3.0A IB1=- IB2=0.15A RL=10;VCC30V 0.2 1.0 0.1 s s s
hFE-1 Classifications O 70-140 Y 120-240
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3258
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3258
4


▲Up To Search▲   

 
Price & Availability of 2SC3258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X