Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download 2SC3257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3257
DESCRIPTION *With TO-220 package *High collector breakdown voltage *Excellent switching times APPLICATIONS *Switching regulator and high voltage switching applications *High speed DC-DC converter applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 250 200 7 10 15 2 1.5 W UNIT V V V A A A
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ;IB=0 IC=1mA ;IE=0 IC=5A;IB=0.5A IC=5A;IB=0.5A VCB=200V;IE=0 VEB=7V; IC=0 IC=10mA ; VCE=5V IC=5A ; VCE=5V 15 20 MIN 200 250
2SC3257
TYP.
MAX
UNIT V V
1.0 1.5 100 1.0
V V A
mA
80
Switching times tr ts tf Rise time Storage time Fall time IB1=-IB2=0.6A;VCC150V RL=25 1.0 2.5 1.0 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3257
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X