Part Number Hot Search : 
PSD503B1 STC403F SMLG110A LT3437 COVERS P0436T L4941BP VP2019ZM
Product Description
Full Text Search
 

To Download 2SC3256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PN package *Fast switching speed *Low saturation voltage APPLICATIONS *60V/15A High-Speed Switching Applications PINNING(see Fig.2)
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3256
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS(TC=25)
SYMBOL VCBO VCEO VEBO IC ICP PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 80 60 5 15 20 80 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) ICBO IEBO hFE fT PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=1mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=7.5A; IB=0.375A VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=1A ; VCE=5V 70 100 MIN 60 80 5 TYP.
2SC3256
MAX
UNIT V V V
0.4 100 100 280
V A A
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=6A; IB1=0.3A;IB2=-0.3A VCC=20V 0.1 0.5 0.1 s s s
hFE Classifications Q 70-140 R 100-200 S 140-280
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3256
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X