Part Number Hot Search : 
1N5221B AN1045 1N5221B 2SPA1 1025247 SRP5000S 1N5221B 10MHZ
Product Description
Full Text Search
 

To Download 2SC3253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package *Short switching time *Low collector saturation voltage *Complement to type 2SA1289 APPLICATIONS *Various inductance lamp drivers for electrical equipment *Inverters,converters *Power amplifier *Switching regulator ,driver
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3253
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 80 60 5 5 7 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=1mA ,RBE=; IC=1mA ,IE=0 IE=1mA ,IC=0 IC=2.5A; IB=0.125A VCB=40V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=2V IC=1A ; VCE=5V 70 MIN 60 80 5
2SC3253
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
0.4 100 100 280 100
V A A
MHz
hFE Classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3253
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3253
4


▲Up To Search▲   

 
Price & Availability of 2SC3253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X