Part Number Hot Search : 
DF5A82FU BO12864 1SS400CS CP30138 WRB240 C1501 DRD601 TCN75A
Product Description
Full Text Search
 

To Download 24LC16BHT-EMNY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24AA16H/24LC16BH
16K I2CTM Serial EEPROM with Half-Array Write-Protect
Device Selection Table
Part Number 24AA16H 24LC16BH Note 1: VCC Range 1.7-5.5 2.5-5.5 Max. Clock Frequency 400 kHz(1) 400 kHz Temp. Ranges I I, E
Description:
The Microchip Technology Inc. 24AA16H/24LC16BH (24XX16H*) is an 16 Kbit Electrically Erasable PROM. The device is organized as eight blocks of 256 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and active currents of only 1 A and 1 mA, respectively. The 24XX16H also has a page write capability for up to 16 bytes of data. The 24XX16H is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3 TDFN and MSOP packages, and is also available in the 5-lead SOT-23 package. All packages are Pb-free and RoHS compliant.
100 kHz for VCC <2.5V
Features:
* Single Supply with Operation Down to 1.7V for 24AA16H Devices, 2.5V for 24LC16BH Devices * Low-Power CMOS Technology: - Read current 1 mA, max. - Standby current 1 A, max. * 2-Wire Serial Interface, I2CTM Compatible * Schmitt Trigger Inputs for Noise Suppression * Output Slope Control to eliminate Ground Bounce * 100 kHz and 400 kHz Clock Compatibility * Page Write Time 3 ms, typical * Self-Timed Erase/Write Cycle * 16-Byte Page Write Buffer * Hardware Write-Protect for Half-Array (400h-7FFh) * ESD Protection >4,000V * More than 1 Million Erase/Write Cycles * Data Retention >200 years * Factory Programming available * Packages include 8-lead PDIP, SOIC, TSSOP, TDFN, MSOP and 5-lead SOT-23 * Pb-Free and RoHS Compliant * Temperature Ranges: - Industrial (I): -40C to +85C - Automotive (E): -40C to +125C
Block Diagram
WP HV Generator
I/O Control Logic
Memory Control Logic
XDEC
EEPROM Array Page Latches
I/O
SCL
YDEC
SDA VCC VSS Sense Amp. R/W Control
Package Types
PDIP, MSOP A0 A1 A2 VSS 1 2 3 4 SOT-23-5 SCL Vss SDA Note: 1 2 3 4 Vcc 5 WP A0 1 A1 2 A2 3 VSS 4 8 7 6 5 VCC WP SCL A0 A1 A2 SOIC, TSSOP 1 2 3 4 TDFN 8 VCC 7 WP 6 SCL 5 SDA 8 7 6 5 VCC WP SCL SDA
SDA VSS
*24XX16H is used in this document as a generic part number for the 24AA16H/24LC16BH devices.
Pins A0, A1 and A2 are not used by the 24XX08. (No internal connections).
(c) 2008 Microchip Technology Inc.
DS22118A-page 1
24AA16H/24LC16BH
1.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings ()
VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V Storage temperature ...............................................................................................................................-65C to +150C Ambient temperature with power applied ................................................................................................-40C to +125C ESD protection on all pins ...................................................................................................................................................... 4 kV NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
VCC = +1.7V to +5.5V Industrial (I): TA = -40C to +85C Automotive (E): TA = -40C to +125C Min.
--
DC CHARACTERISTICS Param. Symbol No. D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 VIH -- VIL VHYS VOL ILI ILO CIN, COUT ICC read ICCS Standby current
Characteristic WP, SCL and SDA pins High-level input voltage Low-level input voltage Hysteresis of Schmitt Trigger inputs Low-level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs)
Typ. -- -- -- -- -- -- -- -- 0.1 0.05 0.01 --
Max. -- -- 0.3 VCC -- 0.40 1 1 10 3 1 1 5
Units -- V V V V A A pF mA mA A A -- -- -- (Note)
Conditions
0.7 VCC -- 0.05 VCC -- -- -- -- -- -- -- --
IOL = 3.0 mA, VCC = 2.5V VIN = VSS or VCC VOUT = VSS or VCC VCC = 5.0V (Note) TA = 25C, FCLK = 1 MHz VCC = 5.5V, SCL = 400 kHz -- Industrial Automotive SDA = SCL = VCC WP = VSS
ICC write Operating current
Note:
This parameter is periodically sampled and not 100% tested.
DS22118A-page 2
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
TABLE 1-2: AC CHARACTERISTICS
Industrial (I): Automotive (E): Characteristic Clock Frequency Clock High Time Clock Low Time SDA and SCL Rise Time (Note 1) SDA and SCL Fall Time Start Condition Hold Time Start Condition Setup Time Data Input Hold Time Data Input Setup Time Stop Condition Setup Time WP Setup Time WP Hold Time Output Valid from Clock (Note 2) Bus free time: Time the bus must be free before a new transmission can start Output Fall Time from VIH Minimum to VIL Maximum Input Filter Spike Suppression (SDA and SCL pins) Write Cycle Time (byte or page) Endurance Min. -- -- 600 4000 1300 4700 -- -- -- 600 4000 600 4700 0 100 250 600 4000 600 4000 1300 4700 -- -- 1300 4700 -- -- -- -- 1M Max. 400 100 -- -- -- -- 300 1000 300 -- -- -- -- -- -- -- -- -- -- -- -- -- 900 3500 -- -- 250 250 50 5 -- TA = -40C to +85C, VCC = +1.7V to +5.5V TA = -40C to +125C, VCC = +2.5V to +5.5V Units kHz kHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms Conditions 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) (Note 1) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) (Note 2) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) 2.5V VCC 5.5V 1.7V VCC < 2.5V (24AA16H) (Notes 1 and 3) -- AC CHARACTERISTICS Param. Symbol No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 FCLK
THIGH
TLOW TR TF THD:STA TSU:STA THD:DAT TSU:DAT TSU:STO TSU:WP THD:WP TAA TBUF
15 16 17 18 Note 1: 2: 3: 4:
TOF TSP TWC --
cycles 25C, (Note 4)
Not 100% tested. CB = total capacitance of one bus line in pF. As a transmitter the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total EnduranceTM Model which can be obtained on Microchip's web site at www.microchip.com.
(c) 2008 Microchip Technology Inc.
DS22118A-page 3
24AA16H/24LC16BH
FIGURE 1-1: BUS TIMING DATA
5
2
D4
4
SCL SDA IN
7 6 16
3
8
9
10
13 SDA OUT (protected) (unprotected)
14
WP
11
12
DS22118A-page 4
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
2.0 FUNCTIONAL DESCRIPTION
3.4 Data Valid (D)
The 24XX16H supports a bidirectional, 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter, while a device receiving data is defined as a receiver. The bus has to be controlled by a master device which generates the Serial Clock (SCL), controls the bus access and generates the Start and Stop conditions, while the 24XX16H works as slave. Both master and slave can operate as transmitter or receiver, but the master device determines which mode is activated. The state of the data line represents valid data when, after a Start condition, the data line is stable for the duration of the high period of the clock signal. The data on the line must be changed during the low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a Start condition and terminated with a Stop condition. The number of the data bytes transferred between the Start and Stop conditions is determined by the master device and is theoretically unlimited, although only the last sixteen will be stored when doing a write operation. When an overwrite does occur it will replace data in a first-in firstout (FIFO) fashion.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high will be interpreted as a Start or Stop condition. Accordingly, the following bus conditions have been defined (Figure 3-1).
3.5
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse which is associated with this Acknowledge bit. Note: The 24XX16H does not generate any Acknowledge bits if an internal programming cycle is in progress.
3.1
Bus Not Busy (A)
Both data and clock lines remain high.
3.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock (SCL) is high determines a Start condition. All commands must be preceded by a Start condition.
3.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock (SCL) is high determines a Stop condition. All operations must be ended with a Stop condition.
The device that acknowledges, has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. During reads, a master must signal an end of data to the slave by not generating an Acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave (24XX16H) will leave the data line high to enable the master to generate the Stop condition.
FIGURE 3-1:
(A) SCL
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
(B) (D) (D) (C) (A)
SDA
Start Condition
Address or Acknowledge Valid
Data Allowed to Change
Stop Condition
(c) 2008 Microchip Technology Inc.
DS22118A-page 5
24AA16H/24LC16BH
3.6 Device Addressing
FIGURE 3-2:
A control byte is the first byte received following the Start condition from the master device (Figure 3-2). The control byte consists of a four-bit control code. For the 24XX16H, this is set as `1010' binary for read and write operations. The next three bits of the control byte are the block-select bits (B2, B1, B0). They are used by the master device to select which of the eight 256 wordblocks of memory are to be accessed. These bits are in effect the three Most Significant bits of the word address. The last bit of the control byte defines the operation to be performed. When set to `1' a read operation is selected. When set to `0' a write operation is selected. Following the Start condition, the 24XX16H monitors the SDA bus, checking the device type identifier being transmitted and, upon receiving a `1010' code, the slave device outputs an Acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24XX16H will select a read or write operation. Operation Read Write Control Code Block Select Block Address Block Address R/W
CONTROL BYTE ALLOCATION
Read/Write Bit Block Select Bits B2 B1 B0 R/W ACK
Control Code S 1 0 1 0
Slave Address Start Bit Acknowledge Bit
1010 1010
1 0
DS22118A-page 6
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
4.0
4.1
WRITE OPERATION
Byte Write
4.2
Page Write
Following the Start condition from the master, the device code (4 bits), the block address (3 bits) and the R/W bit, which is a logic-low, is placed onto the bus by the master transmitter. This indicates to the addressed slave receiver that a byte with a word address will follow once it has generated an Acknowledge bit during the ninth clock cycle. Therefore, the next byte transmitted by the master is the word address and will be written into the Address Pointer of the 24XX16H. After receiving another Acknowledge signal from the 24XX16H, the master device will transmit the data word to be written into the addressed memory location. The 24XX16H acknowledges again and the master generates a Stop condition. This initiates the internal write cycle and, during this time, the 24XX16H will not generate Acknowledge signals (Figure 4-1).
The write control byte, word address and the first data byte are transmitted to the 24XX16H in the same way as in a byte write. However, instead of generating a Stop condition, the master transmits up to 16 data bytes to the 24XX16H, which are temporarily stored in the onchip page buffer and will be written into memory once the master has transmitted a Stop condition. Upon receipt of each word, the four lower-order Address Pointer bits are internally incremented by `1'. The higher-order 7 bits of the word address remain constant. If the master should transmit more than 16 words prior to generating the Stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the Stop condition is received an internal write cycle will begin (Figure 4-2). Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or `page-size') and end at addresses that are integer multiples of [page size - 1]. If a Page Write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page, as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
FIGURE 4-1:
Bus Activity Master
BYTE WRITE
S T A R T Control Byte Word Address S T O P P A C K A C K A C K
Data
SDA Line Bus Activity
S 1 0 1 0 B2 B1 B0 0 Block Select Bits
FIGURE 4-2:
Bus Activity Master SDA Line Bus Activity
PAGE WRITE
S T A R T Control Byte Word Address (n) S T O P P A C K A C K A C K A C K A C K
Data (n)
Data (n + 1)
Data (n + 15)
S 1 0 1 0B2B1B00 Block Select Bits
(c) 2008 Microchip Technology Inc.
DS22118A-page 7
24AA16H/24LC16BH
5.0 ACKNOWLEDGE POLLING 6.0 WRITE PROTECTION
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the Stop condition for a Write command has been issued from the master, the device initiates the internally-timed write cycle and ACK polling can then be initiated immediately. This involves the master sending a Start condition followed by the control byte for a Write command (R/W = 0). If the device is still busy with the write cycle, no ACK will be returned. If the cycle is complete, the device will return the ACK and the master can then proceed with the next Read or Write command. See Figure 5-1 for a flow diagram of this operation. The WP pin allows the user to write-protect half of the array (400h-7FFh) when the pin is tied to VCC. If the pin is tied to VSS the write protection is disabled.
FIGURE 5-1:
ACKNOWLEDGE POLLING FLOW
Send Write Command
Send Stop Condition to Initiate Write Cycle
Send Start
Send Control Byte with R/W = 0
Did Device Acknowledge (ACK = 0)? Yes Next Operation
No
DS22118A-page 8
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
7.0 READ OPERATION
7.3 Sequential Read
Read operations are initiated in the same way as write operations, with the exception that the R/W bit of the slave address is set to `1'. There are three basic types of read operations: current address read, random read and sequential read. Sequential reads are initiated in the same way as a random read, except that once the 24XX16H transmits the first data byte, the master issues an acknowledge as opposed to a Stop condition in a random read. This directs the 24XX16H to transmit the next sequentiallyaddressed 8-bit word (Figure 7-3). To provide sequential reads, the 24XX16H contains an internal Address Pointer that is incremented by one upon completion of each operation. This Address Pointer allows the entire memory contents to be serially read during one operation.
7.1
Current Address Read
The 24XX16H contains an address counter that maintains the address of the last word accessed, internally incremented by `1'. Therefore, if the previous access (either a read or write operation) was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the slave address with R/W bit set to `1', the 24XX16H issues an acknowledge and transmits the 8-bit data word. The master will not acknowledge the transfer, but does generate a Stop condition and the 24XX16H discontinues transmission (Figure 7-1).
7.4
Noise Protection
The 24XX16H employs a VCC threshold detector circuit which disables the internal erase/write logic if the VCC is below 1.5V at nominal conditions. The SCL and SDA inputs have Schmitt Trigger and filter circuits which suppress noise spikes to assure proper device operation, even on a noisy bus.
7.2
Random Read
Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, the word address must first be set. This is accomplished by sending the word address to the 24XX16H as part of a write operation. Once the word address is sent, the master generates a Start condition following the acknowledge. This terminates the write operation, but not before the internal Address Pointer is set. The master then issues the control byte again, but with the R/W bit set to a `1'. The 24XX16H will then issue an acknowledge and transmit the 8-bit data word. The master will not acknowledge the transfer, but does generate a Stop condition and the 24XX16H will discontinue transmission (Figure 7-2).
FIGURE 7-1:
CURRENT ADDRESS READ
Bus Activity Master S T A R T Control Byte S T O P P A C K N o A C K
Data (n)
SDA Line Bus Activity
S 1 0 1 0 B2 B1 B0 1
Block Select Bits
(c) 2008 Microchip Technology Inc.
DS22118A-page 9
24AA16H/24LC16BH
FIGURE 7-2:
Bus Activity Master
RANDOM READ
S T Control A Byte R T S 1 0 1 0 B2B1B0 0 A Block C Select K Bits Word Address (n) S T A R T A C K Control Byte S T O P P N o A C K
Data (n)
SDA Line Bus Activity
S 1 0 1 0B2B1B01 A Block C Select K Bits
FIGURE 7-3:
Bus Activity Master SDA Line Bus Activity
SEQUENTIAL READ
Control Byte 1 A C K A C K A C K A C K N o A C K S T O P P
Data (n)
Data (n + 1)
Data (n + 2)
Data (n + X)
DS22118A-page 10
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
8.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
Name A0 A1 A2 VSS SDA SCL WP VCC
PIN FUNCTION TABLE
PDIP 1 2 3 4 5 6 7 8 SOIC 1 2 3 4 5 6 7 8 TSSOP 1 2 3 4 5 6 7 8 TDFN 1 2 3 4 5 6 7 8 MSOP 1 2 3 4 5 6 7 8 SOT-23 -- -- -- 2 3 1 5 4 Description Not Connected Not Connected Not Connected Ground Serial Address/Data I/O Serial Clock Write-Protect Input +1.7V to 5.5V Power Supply
8.1
Serial Address/Data Input/Output (SDA)
8.3
Write-Protect (WP)
The WP pin must be connected to either VSS or VCC. If tied to VSS, normal memory operation is enabled (read/write the entire memory 000h-7FFh). If tied to VCC, write operations are inhibited, half of the memory will be write-protected (400h-7FFh). Read operations are not affected.
SDA is a bidirectional pin used to transfer addresses and data into and out of the device. Since it is an opendrain terminal, the SDA bus requires a pull-up resistor to VCC (typical 10 k for 100 kHz, 2 k for 400 kHz). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating Start and Stop conditions.
8.4
A0, A1, A2
8.2
Serial Clock (SCL)
The A0, A1 and A2 pins are not used by the 24XX16H. They may be left floating or tied to either VSS or VCC.
The SCL input is used to synchronize the data transfer to and from the device.
(c) 2008 Microchip Technology Inc.
DS22118A-page 11
24AA16H/24LC16BH
9.0
9.1
PACKAGING INFORMATION
Package Marking Information
8-Lead PDIP (300 mil) XXXXXXXX T/XXXNNN YYWW Example: 24LC16BH I/P e3 13F 0827
8-Lead SOIC (3.90 mm) XXXXXXXX T/XXYYWW NNN
Example: 24L16BHI SN e3 0827 13F
8-Lead TSSOP XXXX TYWW NNN 8-Lead MSOP XXXXXT YWWNNN
Example: 4L6H I827 13F Example: 4L16HI 82713F
5-Lead SOT-23
Example:
XXNN
5QNN
8-Lead 2x3 TDFN
XXX YWW NN
Example:
AG4 827 13
DS22118A-page 12
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
1st Line Marking MSOP Part No. 24AA16H 24LC16BH TSSOP I-Temp 4A6H 4L6H 4A16HI 4L16HI E-Temp -- 4L16HE I-Temp BWNN 5QNN E-Temp -- 5RNN I-Temp AG1 AG4 E-Temp -- AS5
SOT-23 TDFN
Legend: XX...X T Y YY WW NNN
e3
Note:
Part number or part number code Temperature (I, E) Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn)
For very small packages with no room for the Pb-free JEDEC designator e3 , the marking will only appear on the outer carton or reel label. In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
Note:
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
(c) 2008 Microchip Technology Inc.
DS22118A-page 13
24AA16H/24LC16BH
/HDG 3ODVWLF 'XDO ,Q /LQH 3
1RWH
PLO %RG\ >3',3@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
N
NOTE 1 E1
1
2 D
3 E A2
A
A1 e b1 b
L
c
eB
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 7RS WR 6HDWLQJ 3ODQH 0ROGHG 3DFNDJH 7KLFNQHVV %DVH WR 6HDWLQJ 3ODQH 6KRXOGHU WR 6KRXOGHU :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK 7LS WR 6HDWLQJ 3ODQH /HDG 7KLFNQHVV 8SSHU /HDG :LGWK /RZHU /HDG :LGWK 2YHUDOO 5RZ 6SDFLQJ 1 H $ $ $ ( ( ' / F E E H% 0,1
,1&+(6 120 %6& 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWK WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
DS22118A-page 14
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ
1RWH
PP %RG\ >62,&@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D e N
E E1
NOTE 1 1 2 3 b h c h
A
A2
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK &KDPIHU RSWLRQDO )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV /HDG :LGWK 0ROG 'UDIW $QJOH 7RS 0ROG 'UDIW $QJOH %RWWRP 1 H $ $ $ ( ( ' K / / I F E D E 0,1
0,//,0(7(56 120 %6& %6& %6& %6& 5() 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
(c) 2008 Microchip Technology Inc.
DS22118A-page 15
24AA16H/24LC16BH
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ
1RWH
PP %RG\ >62,&@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
DS22118A-page 16
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
/HDG 3ODVWLF 7KLQ 6KULQN 6PDOO 2XWOLQH 67
1RWH
PP %RG\ >76623@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D N
E E1
NOTE 1
1 b
2 e c
A
A2
A1
L1
L
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 0ROGHG 3DFNDJH /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H $ $ $ ( ( ' / / I F 0,1
0,//,0(7(56 120 %6& %6& 0$;
5()
/HDG :LGWK E 1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
(c) 2008 Microchip Technology Inc.
DS22118A-page 17
24AA16H/24LC16BH
/HDG 3ODVWLF 0LFUR 6PDOO 2XWOLQH 3DFNDJH 06 >0623@
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D N
E E1
NOTE 1 1 2 b A A2 c
e
A1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H $ $ $ ( ( ' / / I F
L1
0,//,0(7(56 0,1 120 %6& %6& %6& %6& 5() 0$;
L
/HDG :LGWK E 1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
DS22118A-page 18
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
/HDG 3ODVWLF 6PDOO 2XWOLQH 7UDQVLVWRU 27 >627
1RWH
@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
b
N
E E1
1 e
2
3
e1 D
A
A2
c
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV /HDG 3LWFK 2XWVLGH /HDG 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H H $ $ $ ( ( ' / / I F %6& %6& 0,1 0,//,0(7(56 120 0$;
/HDG :LGWK E 1RWHV 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
(c) 2008 Microchip Technology Inc.
DS22118A-page 19
24AA16H/24LC16BH
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 01 [ [
1RWH
PP %RG\ >7')1@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
DS22118A-page 20
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 01 [ [
1RWH
PP %RG\ >7')1@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
(c) 2008 Microchip Technology Inc.
DS22118A-page 21
24AA16H/24LC16BH
APPENDIX A: REVISION HISTORY
Revision A (11/2008)
Original release.
DS22118A-page 22
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
THE MICROCHIP WEB SITE
Microchip provides online support via our WWW site at www.microchip.com. This web site is used as a means to make files and information easily available to customers. Accessible by using your favorite Internet browser, the web site contains the following information: * Product Support - Data sheets and errata, application notes and sample programs, design resources, user's guides and hardware support documents, latest software releases and archived software * General Technical Support - Frequently Asked Questions (FAQ), technical support requests, online discussion groups, Microchip consultant program member listing * Business of Microchip - Product selector and ordering guides, latest Microchip press releases, listing of seminars and events, listings of Microchip sales offices, distributors and factory representatives
CUSTOMER SUPPORT
Users of Microchip products can receive assistance through several channels: * * * * * Distributor or Representative Local Sales Office Field Application Engineer (FAE) Technical Support Development Systems Information Line
Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. A listing of sales offices and locations is included in the back of this document. Technical support is available through the web site at: http://support.microchip.com
CUSTOMER CHANGE NOTIFICATION SERVICE
Microchip's customer notification service helps keep customers current on Microchip products. Subscribers will receive e-mail notification whenever there are changes, updates, revisions or errata related to a specified product family or development tool of interest. To register, access the Microchip web site at www.microchip.com, click on Customer Change Notification and follow the registration instructions.
(c) 2008 Microchip Technology Inc.
DS22118A-page 23
24AA16H/24LC16BH
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Y N Literature Number: DS22118A FAX: (______) _________ - _________
Device: 24AA16H/24LC16BH Questions:
1. What are the best features of this document?
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS22118A-page 24
(c) 2008 Microchip Technology Inc.
24AA16H/24LC16BH
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO. Device
X
/XX
Examples: a) b) 24AA16H-I/P: Industrial Temperature,1.7V, PDIP package 24AA16H-I/SN: Industrial Temperature,1.7V, SOIC package 24AA16HT-I/OT: Industrial Temperature, 1.7V, SOT-23 package, Tape and Reel
Temperature Package Range
24AA16H = 1.7V, 16 Kbit Serial EEPROM 24AA16HT = 1.7V, 16 Kbit I2C Serial EEPROM (Tape and Reel) 24LC16BH = 2.5V, 16 Kbit I2C Serial EEPROM 24LC16BHT= 2.5V, 16 Kbit I2C Serial EEPROM (Tape and Reel) = = = = = = = = -40C to +85C -40C to +125C I2C
Device:
c)
d) e)
24LC16BH-I/P: Industrial Temperature, 2.5V, PDIP package 24LC16BH-E/SN: Automotive Temp.,2.5V SOIC package 24LC16BHT-I/OT: Industrial Temperature, 2.5V, SOT-23 package, Tape and Reel
Temperature I Range: E Package: P SN ST MNY(1) MS OT
f)
Plastic DIP (300 mil body), 8-lead Plastic SOIC (3.90 mm body), 8-lead Plastic TSSOP (4.4 mm), 8-lead Plastic Dual Flat (TDFN), No lead package, 2x3 mm body, 8-lead Plastic Micro Small Outline (MSOP), 8-lead SOT-23, 5-lead (Tape and Reel only)
Note 1:
"Y" indicates a Nickel Palladium Gold (NiPdAu) finish.
(c) 2008 Microchip Technology Inc.
DS22118A-page 25
24AA16H/24LC16BH
NOTES:
DS22118A-page 26
(c) 2008 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, rfPIC, SmartShunt and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, In-Circuit Serial Programming, ICSP, ICEPIC, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, PICkit, PICDEM, PICDEM.net, PICtail, PIC32 logo, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, Select Mode, Total Endurance, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2008, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2008 Microchip Technology Inc.
DS22118A-page 27
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Harbour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Nanjing Tel: 86-25-8473-2460 Fax: 86-25-8473-2470 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xiamen Tel: 86-592-2388138 Fax: 86-592-2388130 China - Xian Tel: 86-29-8833-7252 Fax: 86-29-8833-7256 China - Zhuhai Tel: 86-756-3210040 Fax: 86-756-3210049
ASIA/PACIFIC
India - Bangalore Tel: 91-80-4182-8400 Fax: 91-80-4182-8422 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Daegu Tel: 82-53-744-4301 Fax: 82-53-744-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Kuala Lumpur Tel: 60-3-6201-9857 Fax: 60-3-6201-9859 Malaysia - Penang Tel: 60-4-227-8870 Fax: 60-4-227-4068 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
01/02/08
DS22118A-page 28
(c) 2008 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of 24LC16BHT-EMNY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X