Part Number Hot Search : 
10ETS12 ADM1170 AJT006 AJT006 1216C 683ML MBRA120 683ML
Product Description
Full Text Search
 

To Download 231-532-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
FEATURES
231
SERIES
Direct replacement for BA15s Bi-Polar Internal potting for increased reliability
PACK QUANTITY = 5 PIECES
Warm White LEDs may be used behind coloured lens as a true replacement for a filament lamp
6 LED cluster
SPECIFICATIONS
Ordering Information & Typical T echnical Characteristics (T a = 25C)
Mean Time Between Failure = 100,000 Hours. PART NUMBER COLOUR Luminous intensity figures refer to the unmodified discrete LED. VOLTAGE Vopr CURRENT lopr LUMINOUS lv@20mA WAVE p OPERATING T opr STORAGE T stg
LENS
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
HIGH INTENSITY
231-501-21 231-521-21 231-532-21 231-930-21 231-997-21 231-993-21 231-501-23 231-521-23 231-532-23 231-930-23 231-997-23 231-993-23 UNITS Red Yellow Green Blue Cool White Warm White Red Yellow Green Blue Cool White Warm White Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear Water Clear 12 12 12 12 12 12 24-28 24-28 24-28 24-28 24-28 24-28 Vac/dc 20 20 20 20 20 20 20 20 20 20 20 20 mA 11000 16000 23000 7000 7800 9200 11000 16000 23000 7000 7800 9200 mcd 643 591 527 470 *see below **see below 643 591 527 470 *see below **see below nm -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -30 ~ +85^ -30 ~ +85^ -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -40 ~ +95^ -30 ~ +85^ -30 ~ +85^
0
-40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100 -40 ~ +100
0
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
C
C
x y
997
0.296 0.276
*Typical emission colour cool white 0.283 0.330 0.330
Please note that this product is also available in different voltages. Contact our sales department for further details.
0.305
0.360
0.318 ^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers shown. - Refer to page 3.
993 x
**Typical emission colour warm white 0.426 0.439 0.497 0.477
y
0.400
0.431
0.446
0.413
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
(c) MARL INTERNATIONAL LTD 2007 : DS 077/06
Issue 2
SAMPLES AVAILABLE
Page 1 of 3
231 Series
Dimensions in mm (Typical) Not to scale
Colour dot on product denotes LED colour
TECHNICAL INFORMATION
Lamp Base Style BA15s Filament Base Series 231 Metric Equivalent (mm) 15 Maximum Power Dissipation (mW) 825
DESIGN CONSIDERATIONS
Product Evaluation Filament Replacement LEDs have been specifically designed to meet the primary objective of providing improved reliability. As this product range is suitable for both new-build and retro-fit, (sometimes in very old systems), a wide range of illuminated push button switches and lamp holders be taken to correctly simulate operating ambient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing angle, colour compatibility and on/off contrast ratio. Electro-static Discharge (ESD) Build up of electro-static discharge occurs in many situations involving people moving and handling products. The range of possible situations is can be encountered. Due to subjectivity, evaluation of the LED type is recommended, (samples of all standard models are available). Care should
very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to these levels handles a `static sensitive device', there is a very probable likelihood that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static
sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the and despatch. We recommend all users of LED based products follow the guidelines of BS 100015. Power de-rating
wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing
care must be taken to operate the LED at the correct voltage/current values, depending upon the ambient temperature. Consequently, a termed `de-rating'.
The forward voltage/current value of an LED is dependant upon the ambient temperature of the environment in which it is operated. Therefore, recommendation regarding operating voltages and currents is given in order to address these temperature effects. This recommendation is
It is usual for forward voltages and currents to be specified for ambient temperature of 25C. However, because the values of these qualities vary with temperature, Marl should be contacted if the device is to be operated at a temperature significantly higher than 25C. Marl accept no liability for any product that is operated higher than the stated voltage.
Note:
All luminous intensity figures refer to the unmodified discrete LED.
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 077/06
Issue 2
SAMPLES AVAILABLE
Page 2 of 3
DERATING INFORMATION
501 & 521
532 &
930
997 & 993
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 077/06
Issue 2
SAMPLES AVAILABLE
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 231-532-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X