Part Number Hot Search : 
PC181 TC442 TC442 KKC555 LTC2870 SFS1J NJSW172T X1341
Product Description
Full Text Search
 

To Download 224FXM050M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FXM
FEATURES I Low Profile I Extended Life SPECIFICATIONS
+105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
For all general purpose applications
I Voltage Range: 6.3 WVDC to 400 WVDC I Capacitance Range: 0.1 F to 10,000 F
Aluminum Electrolytic
Capacitance Tolerance
20% at 120Hz, 25C
Operating Temperature Range Dissipation Factor 120Hz, 20 WVDC tan
6.3
.28
-55C to + 105C 10
.24
-40C to + 105C 50
.12
16
.20
25
.16
35
.14
63
.1
100
.08
160
.2
200
.2
250
.2
400
.25
Note: For above D.F. specifications, add .02 for every 1,000 F above 1,000 F
WVDC Impedance Ratio (Max.) @120Hz -25C/20C -40C/20C WVDC Leakage Current Time
6.3
5 10
10
4 8
16
3 6
25
2 4
35
2 3
50
2 3
63
2 3
100
2 3
160
4 15
200
4 15
250
4 15
400
4 10
100 WVDC 1 minute
.03 CV or 4A whichever is greater
100 WVDC 2 minutes
.01 CV or 3A whichever is greater
160 WVDC
1 minute
.04 CV + 100A
1000 hours at +105C with rated WVDC Load Life
Capacitance change Dissipation factor Leakage current 20% of initial measured value 200% of initial specified value 100% of specified value 1,000 hours at +105C with no voltage applied. Units will meet load life specifications
Capacitance (F) C47 47470 10C150
Shelf Life
WVDC
Frequency (Hz)
50 .75 .8 .85 .8 120 1.0 1.0 1.0 1.0 300 1.35 1.23 1.10 1.25 1K 1.57 1.34 1.13 1.40 10K 2.0 1.5 1.15 1.6
Temperature (C)
+105 1.0 1.0 1.0 1.0 +85 1.4 1.4 1.4 1.4 +60 1.75 1.75 1.75 1.75
Ripple Current Multipliers
6.3 to 100 6.3 to 100 6.3 to 100 160 to 400
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
59
FXM
+105C Radial Low Profile Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
(F)
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100
WVDC (SV)
6.3 (7.9)
10 (13)
16 (20)
25 (32)
35 (44)
50 (63) 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9
63 (79)
100 (125) 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9
160 (200)
200 (250)
250 (300)
400 (450)
5x9 6.3x9 6.3x9 8x9
6.3x9 8x9 10x9 10x12.5 16x15 18x15 16x15 18x15 18x20 18x25 18x25 16x15 18x15 18x20 18x20 18x25
16x15 18x15 18x20 18x25
5x9 5x9 6.3x9
6.3x9 6.3x9
5x9
6.3x9
6.3x9
8x9
10x9
10x12.5
12.5x15
18x20 18x25
150
220 330 470 1000 2200 3300 4700 6800 10000 6.3x9 6.3x9 8x9 10x9 12.5x15 16x15 16x15 18x15 18x20 6.3x9 8x9 8x9 10x12.5 12.5x15 16x15 18x15 18x20 18x25 8x9 10x9 10x9 12.5x12.5 16x15 18x15 18x20 18x25 10x9 10x9 10x12.5 12.5x15 18x15 18x20 18x25 10x9 10x12.5 12.5x12.5 16x15 18x20 10x12.5 12.5x12.5 16x15 18x20 12.5x12.5 12.5x15 18x15 18x25 16x15 18x20 18x25
Convert to inches, divide by 25.4
DxL(mm)
L
PVC SLEEVE
L
15.0 MIN
L
LEAD INFORMATION V.S. CASE DIAMETER D 5.0 2.0 0.5 0.5 6.3 2.5 0.5 0.5 8.0 3.5 0.6 0.5 10.0 5.0 0.6 0.5 12.5 5.0 0.6 0.8 16.0 7.5 0.8 0.5 18.0 7.5 0.8 0.5
d
L
S
+ L1
19.0 MIN
D1
L
L
L
Note: Case Vent is standard on all diameters 8.0 mm.
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
60
L
L L
L L L
S1
d B
L1=L+1.5mm Max. L20mm L1=L+2mm Max. L>20mm D1=D+B Max. S1=S0.5 Max.
FXM
+105C Radial Low Profile Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Maximum ESR 120Hz,+20C
1989.437 1326.291 904.289 602.860 602.860 401.906 423.284 282.190 198.944 132.629 90.429 60.286 60.286 40.191 42.328 28.219 19.894 16.579 13.263 41.447 9.043 7.536 6.029 15.071 18.839 7.033 6.029 5.024 4.019 10.048 10.048 12.560 5.644 4.938 4.233 3.527 2.822 7.055
Capacitance (F)
0.1 0.1 0.22 0.22 0.33 0.33 0.47 0.47 1 1 2.2 2.2 3.3 3.3 4.7 4.7 10 10 10 10 22 22 22 22 22 33 33 33 33 33 33 33 47 47 47 47 47 47
WVDC
50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 63 100 400 50 63 100 250 400 35 50 63 100 200 250 400 25 35 50 63 100 160
PART NUMBER
104FXM050M 104FXM100M 224FXM050M 224FXM100M 334FXM050M 334FXM100M 474FXM050M 474FXM100M 105FXM050M 105FXM100M 225FXM050M 225FXM100M 335FXM050M 335FXM100M 475FXM050M 475FXM100M 106FXM050M 106FXM063M 106FXM100M 106FXM400M 226FXM050M 226FXM063M 226FXM100M 226FXM250M 226FXM400M 336FXM035M 336FXM050M 336FXM063M 336FXM100M 336FXM200M 336FXM250M 336FXM400M 476FXM025M 476FXM035M 476FXM050M 476FXM063M 476FXM100M 476FXM160M
Maximum RMS Ripple Current (mA) 120Hz,+105C
1 2 2 4 3 7 5 10 12 15 18 21 25 29 30 32 46 50 55 100 85 80 95 200 200 75 85 95 120 250 250 250 80 95 100 125 165 300
Dimensions DxL (mm)
5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 5x9 6.3x9 16x15 5x9 6.3x9 8x9 16x15 18x15 5x9 6.3x9 6.3x9 10x9 16x15 18x15 18x20 5x9 6.3x9 6.3x9 8x9 10x12.5 16x15
Capacitance (F)
47 47 47 68 68 68 100 100 100 100 100 100 100 100 100 100 150 150 220 220 220 220 220 220 220 220 330 330 330 330 330 330 330 330 470 470 470 470
WVDC
PART NUMBER
476FXM200M 476FXM250M 476FXM400M 686FXM160M 686FXM200M 686FXM250M 107FXM010M 107FXM016M 107FXM025M 107FXM035M 107FXM050M 107FXM063M 107FXM100M 107FXM160M 107FXM200M 107FXM250M 157FXM160M 157FXM200M 227FXM6R3M 227FXM010M 227FXM016M 227FXM025M 227FXM035M 227FXM050M 227FXM063M 227FXM100M 337FXM6R3M 337FXM010M 337FXM016M 337FXM025M 337FXM035M 337FXM050M 337FXM063M 337FXM100M 477FXM6R3M 477FXM010M 477FXM016M 477FXM025M
Maximum ESR 120Hz,+20C
7.055 7.055 8.818 4.876 4.876 4.876 3.979 3.316 2.653 2.321 1.989 1.658 1.326 3.316 3.316 3.316 2.210 2.210 2.110 1.809 1.507 1.206 1.055 0.904 0.754 0.603 1.407 1.206 1.005 0.804 0.703 0.603 0.502 0.402 0.988 0.847 0.705 0.564
Maximum RMS Ripple Current (mA) 120Hz,+105C
300 300 300 350 350 350 95 115 130 155 170 220 260 420 420 420 510 510 145 155 205 220 235 290 330 440 180 210 240 270 340 370 430 590 235 275 290 370
Dimensions DxL (mm)
18x15 18x20 18x25 18x15 18x20 18x20 5x9 6.3x9
200 250 400 160 200 250 10 16 25 35 50 63 100 160 200 250 160 200 6.3 10 16 25 35 50 63 100 6.3 10 16 25 35 50 63 100 6.3 10 16 25
Aluminum Electrolytic
6.3x9 8x9 10x9 10x12.5 12.5x15 18x20 18x25 18x25 18x25 18x25 6.3x9 6.3x9 8x9 10x9 10x9 10x12.5 12.5x12.5 16x15 6.3x9 8x9 10x9 10x9 10x12.5 12.5x12.5 12.5x15 18x20 8x9 8x9 10x9 10x12.5
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
61
FXM
+105C Radial Low Profile Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance (F)
470 470 470 470 1000 1000 1000 1000 1000 1000 1000 2200 2200 2200 2200
WVDC
35 50 63 100 6.3 10 16 25 35 50 63 6.3 10 16 25
PART NUMBER
477FXM035M 477FXM050M 477FXM063M 477FXM100M 108FXM6R3M 108FXM010M 108FXM016M 108FXM025M 108FXM035M 108FXM050M 108FXM063M 228FXM6R3M 228FXM010M 228FXM016M 228FXM025M
Maximum ESR 120Hz,+20C
0.494 0.423 0.353 0.282 0.464 0.398 0.332 0.265 0.232 0.199 0.166 0.241 0.211 0.181 0.151
Maximum RMS Ripple Current (mA) 120Hz,+105C
420 540 600 770 370 450 520 590 720 830 1000 635 690 830 970
Dimensions DxL (mm)
12.5x12.5 16x15 18x15 18x25 10x9 10x12.5 12.5x12.5 12.5x15 16x15 18x20 18x25 12.5x15 12.5x15 16x15 18x15
Capacitance (F)
2200 3300 3300 3300 3300 4700 4700 4700 4700 6800 6800 6800 10000 10000
WVDC
PART NUMBER
228FXM035M 338FXM6R3M 338FXM010M 338FXM016M 338FXM025M 478FXM6R3M 478FXM010M 478FXM016M 478FXM025M 688FXM6R3M 688FXM010M 688FXM016M 109FXM6R3M 109FXM010M
Maximum ESR 120Hz,+20C
0.136 0.171 0.151 0.131 0.111 0.127 0.113 0.099 0.085 0.098 0.088 0.078 0.076 0.070
Maximum RMS Ripple Current (mA) 120Hz,+105C
1110 860 940 1050 1220 1010 1120 1260 1470 1200 1330 1560 1450 1700
Dimensions DxL (mm)
18x20 16x15 16x15 18x15 18x20 16x15 18x15 18x20 18x25 18x15 18x20 18x25 18x20 18x25
35 6.3 10 16 25 6.3 10 16 25 6.3 10 16 6.3 10
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
62


▲Up To Search▲   

 
Price & Availability of 224FXM050M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X