|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR 2157-515-49-50 Bandpass Filter General Description KR 2157-515-49-50 is a 205 MHz bandpass filter. The filter has a 49% min 3 dB bandwidth and is designed for 50 source and load impedance. Other passband frequencies, bandwidths and impedances are available. Please consult the factory. KR Electronics, Inc. www.krfilters.com Features * 515 MHz Bandpass * 50 * DIP Package Typical Performance Overall Response (5 dB/div 10 MHz to 3 GHz) 29 Aug 2003 11:19:44 CH1 S 21 log MAG 5 dB/ REF 0 dB PRm Cor START 10.000 000 MHz STOP 3 000.000 000 MHz KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2003, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. 2157-515-49KR 2157-515-49-50 Specifications Parameter Filter type Insertion Loss Minimum 3 dB Bandwidth Maximum 30 dB Bandwidth Source & Load Specification Bandpass < 2 dB (< 0.5 Typical) 252 MHz 1000 MHz (740 MHz Typical) 50 www.krfilters.com Physical Dimensions Metal Case Pin 1 is Input Pin 5 is Output All other Pins are Ground All leads .030" diameter Dimensions inches KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2003, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 |
Price & Availability of 2157-515-49-50 |