Part Number Hot Search : 
SPI35N10 330M10 E006910 ADP197 21ER1 C4241CGN 101MP 330M10
Product Description
Full Text Search
 

To Download 1N4001-1N4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 thru 1N4007
PLASTIC SILICON RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Ampere DO- 41
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
.205(5.2) MAX .107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA=75
SYMBOL VRRM VRMS VDC I(AV)
1N4001 50 35 50
1N4002 100 70 100
1N4003 200 140 200
1N4004 400 280 400 1.0
1N4005 600 420 600
1N4006 800 560 800
1N4007 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG
30 1.0 5.0 50 15 26 -55 to +125 -55 to +150
A V A pF /W
NOTE:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to case
~ 12 ~
RATING AND CHARACTERISTIC CURVES 1N4001 thru 1N4007
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES 1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 0.6
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 50 40 30 20 10 0 1 2 5 10 20 50 100
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0.4 0.2 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE.
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL JUNCTION CAPACITANCE 100 60 40 CAPACITANCE,(pF) INSTANTANEOUS FORWARD CURRENT(A) 10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
20
1.0 TJ = 25 C
10
4
TJ = 25C f = 1 MHz
0.1
2
PULSE WIDTH 300us
1 1 4
0.01 10 40 100 0 0.2 1.2 1.4 0.4 0.6 0.8 1.0 1.6 1.8 4 INSTANTANEOUS FORWARD VOLTAGE VOLTS
REVERSE VOLTAGE ,VOLTS
~ 13 ~


▲Up To Search▲   

 
Price & Availability of 1N4001-1N4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X