Part Number Hot Search : 
LX5261 200RL CSC2371N P83C380 SAMPLE S16C70 1N4611A ST8016
Product Description
Full Text Search
 

To Download 105AXZ050M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXZ
FEATURES
+105C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
105 220 6v
I Wide Capacitance Range 1.0 to 1,500 F I Operating Voltage Range: 6.3WVDC to 50WVDC I Extended Life I Solvent Proof I Low Impedance SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C (Max) tan Leakage current Impedance Ratio at Low Temperature (120Hz) Load Life
Capacitance change Dissipation factor Leakage current
WVDC D=4~6.3 D=8,10
20% at 120Hz, 20C -55C to +105C
6.3 .24 .28 10 .20 .24 16 .16 .20 25 .14 .16 35 .12 .14 50 .12 .14
Time L.C. -25C/20C -40C/20C
Note: For above D.F. specifications, add .02 for every 1000 F above 1000 F 2 minutes .01 CV or 3A, whichever is greater
3 5
2 4
2 4
2 3
2 3
2 3
2,000 hours at 105C with rated voltage (D 6.3, 1000hrs.) 25% of initial measured values 200% initial specified value 100% Initial specified value 1000 hours at 105C with no applied voltage. Capacitors placed on a 250C hot plate for 30 seconds with their electrode terminals facing downward will fulfill the following conditions after being cooled to room temperature. Capacitance change Dissipation factor Leakage current 10% of the initial measured value The initial specified value The Initial specified value
Shelf Life
Resistance to Soldering Heat
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
20
AXZ
+105C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
Surface Mount
WVDC (SV) (F)
6.3 (7.9)
10 (13)
16 (20)
25 (32)
35 (44)
50 (63) 4x5.8 4x5.8 4x5.8
1 2.2 3.3 4.7 6.8 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 1500
8x10.2 8x10.2 10x10.2 10x10.2 6.3x5.8 6.3x7.7 6.3x5.8 6.3x5.8 6.3x7.7 6.3x7.7 10x7.7 8x10.2 10x10.2 8x10.2 10x10.2 5x5.8 5x5.8 6.3x5.8 6.3x5.8 6.3x7.7 8x10.2 8x10.2 10x10.2 4x5.8 5x5.8 4x5.8 5x5.8 4x5.8 4x5.8 5x5.8 5x5.8 5x5.8 6.3x5.8 6.3x5.8 6.3x5.8 6.3x7.7 6.3x7.7 4x5.8
5x5.8 5x5.8 6.3x5.8 6.3x5.8 6.3x5.8 6.3x7.7 6.3x7.7 6.3x7.7 8x10.2 8x10.2 8x10.2 10x10.2 10x10.2
DxL (mm)
DIMENSIONS
D+0.5 MAX 0.3 MAX W 4 5 6.3 6.3 D H C P 8 10 L (+) R
L 5.8 +0.1/-0.2 5.8 +0.1/-0.2 5.8 +0.3 MAX 7.7 +0.3 MAX 10.2 +0.3 MAX 10.2 +0.3 MAX
W0.2 4.3 5.3 6.6 6.6 8.3 10.3
H0.2 4.3 5.3 6.6 6.6 8.3 10.3
C0.2 5.0 6.0 7.3 7.3 9.0 11.0
R 0.5~0.8 0.5~0.8 0.5~0.8 0.5~0.8 0.7~1.0 0.7~1.0
P0.2 1.0 1.4 2.2 2.2 3.2 4.6 (mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
21
AXZ
Maximum ESR 120Hz +20C,
198.944 90.429 60.286 42.328 42.328 29.256 23.210 19.894 19.894 17.684 13.263 13.263 15.071 9.043 9.043 14.737 9.824 7.368 7.368 10.048 6.029 6.029 8.466 4.233 4.233 7.105 4.145
+105C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Impedance 100kHz +20C
5 5 5 1.8 1.52 1.2 1.8 .76 .88 1.8 .76 .88 1.8 .76 .88 1.8 .76 .44 .68 .76 .44 .68 .76 .44 .68 .76 .44
Maximum RMS Ripple Current (mA) at 100kHz, +105C
30 30 30 80 85 120 80 150 165 80 150 165 80 150 165 80 150 230 185 150 230 185 150 230 185 150 230
Dimensions DxL (mm)
4x5.8 4x5.8 4x5.8 4x5.8 5x5.8 5x5.8 4x5.8 5x5.8 6.3x5.8 4x5.8 5x5.8 6.3x5.8 4x5.8 5x5.8 6.3x5.8 4x5.8 5x5.8 6.3x5.8 6.3x7.7 5x5.8 6.3x5.8 6.3x7.7 5x5.8 6.3x5.8 6.3x7.7 5x5.8 6.3x5.8
Capacitance WVDC (F)
PART NUMBER
Maximum ESR 120Hz +20C,
3.553 4.145 3.413 2.926 3.413 2.653 2.321 2.321 2.210 1.768 1.547 1.547 1.809 1.206 1.055 1.055 1.206 1.005 0.804 0.703 0.705 0.564 0.683 0.488 0.464 0.398 0.332
Impedance 100kHz +20C
.34 .34 .44 .34 .34 .44 .34 .34 .44 .34 .17 .18 .44 .34 .17 .18 .34 .17 .17 .09 .17 .09 .17 .09 .17 .09 .09
Maximum RMS Ripple Current (mA) at 100kHz, +105C
280 300 230 280 300 230 290 300 230 280 450 670 230 280 450 670 280 450 450 670 450 670 450 670 450 670 670
Dimensions DxL (mm)
6.3x7.7 8x10.2 6.3x5.8 6.3x7.7 8x10.2 6.3x5.8 6.3x7.7 8x10.2 6.3x5.8 6.3x7.7 8x10.2 10x10.2 6.3x5.8 6.3x7.7 8x10.2 10x10.2 6.3x7.7 10x7.7 8x10.2 10x10.2 8x10.2 10x10.2 8x10.2 10x10.2 8x10.2 10x10.2 10x10.2
1 2.2 3.3 4.7 4.7 6.8 10 10 10 15 15 15 22 22 22 27 27 27 27 33 33 33 47 47 47 56 56
50 50 50 35 50 50 25 35 50 16 35 50 10 35 50 6.3 16 35 50 10 35 50 6.3 35 50 6.3 25
105AXZ050M 225AXZ050M 335AXZ050M 475AXZ035M 475AXZ050M 685AXZ050M 106AXZ025M 106AXZ035M 106AXZ050M 156AXZ016M 156AXZ035M 156AXZ050M 226AXZ010M 226AXZ035M 226AXZ050M 276AXZ6R3M 276AXZ016M 276AXZ035M 276AXZ050M 336AXZ010M 336AXZ035M 336AXZ050M 476AXZ6R3M 476AXZ035M 476AXZ050M 566AXZ6R3M 566AXZ025M
56 56 68 68 68 100 100 100 150 150 150 150 220 220 220 220 330 330 330 330 470 470 680 680 1000 1000 1500
35 50 25 35 50 16 25 50 10 16 35 50 6.3 16 35 50 6.3 16 25 35 16 25
566AXZ035M 566AXZ050M 686AXZ025M 686AXZ035M 686AXZ050M 107AXZ016M 107AXZ025M 107AXZ050M 157AXZ010M 157AXZ016M 157AXZ035MD8 157AXZ050M 227AXZ6R3M 227AXZ016M 227AXZ035M 227AXZ050M 337AXZ6R3M 337AXZ016M 337AXZ025M 337AXZ035M 477AXZ016M 477AXZ025M
6.3 687AXZ6R3MD8 16 6.3 10 6.3
687AXZ016M 108AXZ6R3M 108AXZ010M 158AXZ6R3M
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
22


▲Up To Search▲   

 
Price & Availability of 105AXZ050M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X