Part Number Hot Search : 
DMF5005N PM6FF ONDUC 243R3 2252A EC100 BC547 PM6FF
Product Description
Full Text Search
 

To Download WBC-T0303CRGG-01-2004-KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wire Bondable High Range Chip Resistors
WBC-CR Series
* New CHROMAXXTM film system * Discrete or tapped schematics * MIL inspection available * High resistor density
IRC Advanced Film Division
IRC's WBC-CR series now brings higher ohmic range thin film capabilities to hybrid applications. Using IRC's new CHROMAXXTM film system on silicon substrates provides thin film performance on an extremely small footprint. Custom resistance values, sizes and schematics are available on request from the factory.
Physical Data
R0202 - Discrete
(0.508mm 0.025) 0.020 0.001
Electrical Data
Absolute Tolerance Absolute TCR R Package Power Rating (@ 70C) Rated Operating Voltage (not to exceed P x R ) Operating Temperature Back contact Noise Substrate Material Top contact Substrate Thickness Aluminum Gold R0202 and T0303 B0202 Passivation to 0.1% to 100ppm/C 250mW 100V -55C to +150C <-30dB Oxidized Silicon (10KA SiO2 min) 0.010 0.001 (0.254mm 0.025) 10KA minimum 15KA minimum Silicon (Gold available) Gold 3KA minimum Silicon Dioxide or Silicon Nitride
0.004 min bond pad size 0.020 0.001 (0.508mm 0.025)
B0202 - Discrete back contact
(0.508mm 0.025)
0.020 0.001
R
Top contact pad chamfered 0.004 min bond pad size
0.020 0.001 (0.508mm 0.025)
T0303 - Tapped network 1/2R + 1/2R
Bond Pad Metallization
(0.762mm 0.025)
0.030 0.001
Backside 1/2R 1/2R
0.030 0.001 (0.762mm 0.025)
0.004 min bond pad size
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * Corpus Christi Texas 78411 USA
A subsidiary of TT electronics plc WBC-CR Series Issue April 2006
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Email: afdsales@irctt.com * Website: www.irctt.com
Wire Bondable High Range Chip Resistors
Power Derating Data
IRC Advanced Film Division
TCR/Inspection Code Table
Absolute TCR 300ppm/C 100ppm/C Commercial Code 00 01 MIL Inspection Code* 04 05
*Notes: Product supplied to Class H of MIL-PRF 38534 include 100% visual inspection
Manufacturing Capabilities Data
Resistance Range 1.01M-2.0M Available Absolute Tolerances FGJK Available Ratio Tolerances (T0303 only) DFGJ Best Absolute TCR 100ppm/C Tracking TCR (T0303 only) 5ppm/C
(c) IRC Advanced Film Division * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Email: afdsales@irctt.com * Website: www.irctt.com
WBC WBC-CR Series Issue April 2006
Wire Bondable High Range Chip Resistors
Environmental Data
Test Method MIL-STD-202 Method 107 Test condition F MIL-STD-883 Method 1008 150C, 1000 hours -55C, 1000 hours MIL-STD-202 Method 108 70C, 1000 hours MIL-STD-202 Method 108 125C, 1000 hours Max R
IRC Advanced Film Division
Typical R
Thermal Shock
0.1%
0.02%
High Temperature Exposure
0.1%
0.05%
Low Temperature Storage
0.03%
0.01%
Life
0.5%
0.01%
Life at Elevated Temperature
0.5%
0.05%
Ordering Data
Prefix Style
R0202CR = Discrete Element B0202CR = Discrete Element with Back Contact T0303CR = Tapped Network
WBC -
RO2O2CR
A
S
- 01 - 2004 -
F
B
Bonding pads
A = Aluminum; G = Gold
Backside
G = Gold; S = Silicon
TCR/Inspection Code
Reference TCR/Inspection Code Table
Total Resistance (R)
4-Digit Resistance Code; Ex: 1014 = 1.01M; 2004 = 2.0M
Absolute Tolerance Code
K = 10%; J = 5%; G = 2%; F = 1%
Ratio Tolerance Code (T0303 Only)
J = 5%; G = 2%; F= 1%; D = 0.5%
Packaging
Standard packaging is 2 x 2 chip tray. For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) IRC Advanced Film Division * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Email: afdsales@irctt.com * Website: www.irctt.com
WBC WBC-CR Series Issue April 2006


▲Up To Search▲   

 
Price & Availability of WBC-T0303CRGG-01-2004-KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X