Part Number Hot Search : 
L7805T AN731 IS42S CD4514 AD100 S0400 ANTXV 12011
Product Description
Full Text Search
 

To Download W1773HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.75x4mm RECTANGULAR SOLID LAMP
W1773HD BRIGHT RED
Features
!LOW POWER CONSUMPTION. !I.C. COMPATIBLE. !ROUNDED END RECTANGULAR SHAPE. !LONG LIFE-SOLID STATE RELIABILITY.
Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1848 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:APR/11/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 3
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 10 m A Min . W1773HD BRIGHT RED (GaP) RED DIFFUSED 0.7 Ty p . 2 V i ew i n g An g l e 2 1 / 2 100
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C VF IR P ar am et er Peak Wavelength Dominate Wavelength D ev i c e Bright Red Bright Red Ty p . 700 660 45 40 2.25 2.5 10 Max . Un its nm nm nm pF V uA Tes t Co n d it io n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V;f= 1 M Hz IF = 2 0 m A VR = 5V
Spectral Line Half-width Bright Red Capacitance Forward Voltage Reverse Current Bright Red Bright Red Bright Red
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
B r i g h t R ed 120 25 130 5 -40C To +85C 260C For 5 Seconds
Un its mW mA mA V
SPEC NO: DSAD1848 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:APR/11/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 3
Bright Red
W1773HD
SPEC NO: DSAD1848 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:APR/11/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of W1773HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X