Part Number Hot Search : 
N4121 H0022 SM110 ENA1771 78S15 DA9022 153PPA RS252
Product Description
Full Text Search
 

To Download TU802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8A Bridge Rectifiers TU800 - TU810
8A Bridge Rectifiers
Features
* * * * Low forward voltage drop High current capability, high reliability High forward surge current capability Ideal for printed circuit board
* High temperature soldering guaranteed: 260 C/10 seconds, /.375" (9.5mm) lead length at 5 lbs.(2.3kg) tension * This series is UL recognized under component index, File number E194718 * RoHS compliant
TU
Mechanical Data
Case: Terminals: Polarity: Mounting Torque: Weight: Molded plastic Plated leads solderable per MIL-STD-202E, Method 208C As marked on body 8.8 in. - lbs. max. 0.3 ounces, 8.0 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbols Parameter Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Note 1) TU 800 50 35 50 TU 801 100 70 100 TU 802 200 140 200 TU 804 400 280 400 8.0 TU 806 600 420 600 TU 808 800 560 800 TU 810 1000 700 1000 Unit V V V A TC=100C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF=8.0A TA=25C TA=100C Conditions
VRRM VRMS VDC IF(AV) IFSM VF IR
Peak Forward Surge Current
300
A
Maximum Instantaneous Forward Voltage Drop per leg Maximum DC Reverse Current at Rated DC Blocking Voltage per leg
1.0 5.0 1.0
V A mA
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. B/AH 2007-09-18 Page 1 of 4
8A Bridge Rectifiers TU800 - TU810
Symbols Parameter Rating for Fusing (1msIt CJ RJA RJC TJ,TSTG
Note:
1. Unit mounted on 3.0" x 3.0" x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. plate. 2. Unit mounted in free air, no heatsink, P.C.B at 0.375" (9.5mm) lead length with 0.5" x 0.5" (12 x 12mm) copper pads 3. Single Phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Rating and characteristic curves
Fig.1- Derating Curve Output Rectified Current Peak Forward Surge Current (A) Case Temperature (C) Fig.2-Max Non-Repetitive Peak Forward Surge Current per leg
Average Forward Current (A)
Number of Cycles at 60Hz
Rev. B/AH 2007-09-18 www.taitroncomponents.com Page 2 of 4
8A Bridge Rectifiers TU800 - TU810
Fig.3- Typical Instantaneous Forward Characteristics, per leg Instantaneous Forward Current (A) Instantaneous Reverse Current (A)
Fig.4-Typical Reverse Leakage Characteristics per leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance per leg
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. B/AH 2007-09-18 www.taitroncomponents.com Page 3 of 4
8A Bridge Rectifiers TU800 - TU810
Dimensions in inch (mm)
How to contact us
TU
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. B/AH 2007-09-18 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TU802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X