Part Number Hot Search : 
HT23C512 L1200 KCH20A10 A312N FT1500DV BP2P1 LB8503 68HC70
Product Description
Full Text Search
 

To Download TN100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN100
High performance CSS transceiver enabling location awareness
Data Brief
Features


High precision ranging: 2 m indoors and 1 m outdoors Supply voltage range from 2.3 V to 2.7 V Current consumption: 27 mA (RX), 30 mA (TX) @ 0 dBm Standby current with active RTC: 2 A RSSI sensitivity: -95 dBm 32.768 kHz clock available for external C Integrated fast SPI interface (32 Mbps) Integrated MAC controller with FEC, CRC checking CSMA/CA, FDMA, and TDMA modes Automatic retransmission and acknowledgement Automatic address matching Industrial temperature range from -40C to +85C QFN48 package
Single-chip solution for ISM 2.45 GHz RF transceiver Built-in ranging capability for link distance estimation Modulation technique: chirp spread spectrum (CSS) FDMA support: 7 channels, 3 non-overlapping Data rates: 2, 1 Mbps; 500, 250, 125, 62.5, 31.25 kbps Adjustable output power from -33 dBm to 0 dBm Receiver sensitivity: -97 dBm @ 250 kbps, FEC, and BER=10-3 In-band carrier-to-interference C/I = 0 to 3 dB @ 250 kbps & C=-80 dBm Supports external power amplifier to increase output power
December 2006
Rev 1
1/8
www.st.com 8
For further information contact your local STMicroelectronics sales office.
Description
TN100
1
Description
The TN100 transceiver is a highly integrated mixed signal chip that uses the wireless communication technology CSS (chirp spread spectrum) developed by Nanotron Technologies. With its unique ranging capability, TN100 can measure the link distance between two nodes. Thus, TN100 supports location awareness applications including location based services (LBS) and asset tracking (2D/3D RTLS). Ranging is performed during regular data communication and does not require additional infrastructure, power, and/or bandwidth. For an even better ranging accuracy, a high precision mode is provided. SDS-TWR algorithm (symmetrical double-sided two-way ranging) allows superior accuracy even with the use of low cost crystals for the oscillators. The TN100 transceiver IC is designed to build up robust, short distance wireless networks operating in the 2.45 GHz ISM band with extremely low power consumption over a wide range of operating temperatures. The TN100 supports 7-frequency channels with 3 non-overlapping channels. This provides support for multiple physically independent networks and improved coexistence performance with existing 2.4 GHz wireless technologies. Data rates are selectable between 31.25 kbps and 2 Mbps. Due to the chip's unique chirp pulse, adjustment of the antenna is not critical. This significantly simplifies the system's installation and maintenance ("pick-andplace"). The TN100 transceiver includes a sophisticated MAC controller with CSMA/CA and TDMA support as well as forward error correction (FEC) and 128-bit hardware encryption. It also provides scrambling, automatic address matching, and packet retransmission, thus minimizing the requirements for microcontroller and software. Through its high-speed standard SPI interface, the TN100 can be interfaced with a wide range of external micro-controllers. It includes a 4 kbits frame buffer which allows even very slow microcontrollers to work with the transceiver. This means that several receive and transmit frames can be stored simultaneously in the buffers. This solution eliminates the problems of different peak data rates between air and microcontroller interfaces. Target applications for the TN100 include:

Asset tracking Enabling 2D/3D real-time location systems Security Industrial monitoring and control Medical applications
2/8
TN100
Pin assignment
2
Pin assignment
This section provides a brief overview of the location and function of each pin. Figure 1. QFN48 package top view
Table 1.
Pin 1 2 3 4 5 6 7 8 9
Pin descriptions
Signal TestCom VSSA VSSA VDDA Xtal32kP Xtal32kN VSSD Xtal32MP Xtal32MN Direction LF signal Supply Supply Supply Analog IO Analog IO Supply Analog IO Analog IO Description Test pin for analogue signals Power supply for analog parts Power supply for analog parts Power supply for analog parts Crystal 32768 Hz, input from external 32768 Hz frequency reference Crystal 32768 Hz Power supply for digital parts Crystal 32.0 MHz, input from external 32 MHz frequency reference Crystal 32.0 MHz
3/8
Pin assignment Table 1.
Pin 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
TN100 Pin descriptions (continued)
Signal VSSD POnReset CVCC SpiClk SpiSSn SpiTxD SpiTxD VDDD D0 D1 D2 D3 VDDD CIRQ VSSD VDDD VSSD Tx/Rx VDDD VSSD Test RRef VDDA TestRxP TestRxN VSSA VDDA VDDA VSSA RxN RxP VSSA VSSA Direction Supply Digital input Supply Digital input Digital input Digital output Digital Input Supply Digital IO Digital IO Digital IO Digital IO Supply Digital output Supply Supply Supply Digital output Supply Supply Digital IO Analog IO Supply LF Signal LF Signal Supply Supply Supply Supply RF input RF input Supply Supply Description Power supply for digital parts Power on reset line Switchable power supply for external microcontroller SPI clock SPI slave selected SPI transmit data (MISO) SPI receive data (MOSI) Power supply for digital parts Digital input or output line 0 Digital input or output line 1 Digital input or output line 2 Digital input or output line 3 Power supply for digital parts Interrupt request to external microprocessor Power supply for digital parts Power supply for digital parts Power supply for digital parts Output signal to distinguish between transmit and receive Power supply for digital parts Power supply for digital parts Pin for digital tests Pin for external reference resistor Power supply for analog parts Test pin for RX signals Test pin for RX signals inverted Power supply for analog parts Power supply for analog parts Power supply for analog parts Power supply for analog parts Differential receiver input (inverted) Differential receiver input Power supply for analog parts Power supply for analog parts
4/8
TN100 Table 1.
Pin 43 44 45
Pin assignment Pin descriptions (continued)
Signal TxN TxP VSSA Direction RF output RF output Supply Description Differential transmitter output (inverted) Differential transmitter output Power supply for analog parts Power supply for external balun (DC for TxP/TxN; needs to be blocked with an external capacitor in the 27pF to 47pF range close to balun) Power supply for analog parts Power supply for analog parts
46
VBalun
Supply
47 48
VDDA VDDA
Supply Supply
5/8
Ordering information
TN100
3
Ordering information
Temperature range -40C to +85C -40C to +85C
Part number TN100Q TN100QT
Package QFN48 QFN48
Packing Tube tape & reel
Marking TN100Q TN100QT
6/8
TN100
Revision history
4
Revision history
Table 2.
Date 15-Dec-2006
Document revision history
Revision 1 Initial release. Changes
7/8
TN100
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of TN100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X