Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download TC3-8S4805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TC3 Series
2:1 Input, 8 Watt
MODEL NUMBER OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 1600 mA 670 mA 533 mA 800 mA 335 mA 267 mA OUTPUT POWER 8W 8W 8W 8W 8W 8W 9-18 VDC IN TC3-8S1205 TC3-8S1212 TC3-8S1215 TC3-8D1205 TC3-8D1212 TC3-8D1215 18-36 VDC IN TC3-8S2405 TC3-8S2412 TC3-8S2415 TC3-8D2405 TC3-8D2412 TC3-8D2415 36-72 VDC IN TC3-8S4805 TC3-8S4812 TC3-8S4815 TC3-8D4805 TC3-8D4812 TC3-8D4815
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-18V Input...................................12 VDC 18-36V Input..................................24 VDC 36-72V Input.................................48 VDC Input Filter............................................................Pi Filter Reverse Voltage Protection..............Internal Shunt Diode Use External Fuse OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Line Regulation.............................................0.2%, Max. Load Regulation, FL-10%FL.........................0.5%, Max. Minimum Load, Single Output.....................Not Required Dual Output...........10% on Each Output Ripple and Noise, 20MHz BW, 5V............100mVp-p, Max. 12V & 15V....1% Vp-p, Max. Short Circuit Protection..................................Continuous GENERAL SPECIFICATIONS Efficiency.........................................................75% - 83% Isolation Voltage, Input to Output............1,000 VDC, Min. Switching Frequency....................................50 kHz, Min. Operating Temperature Range................-25C to +71C Derating...................................................................None Storage Temperature Range..................-40C to +100C Cooling..............................................Free Air Convection MTBF per MIL-HDBK-217F @25C.............>700k Hours Weight.................................................1.1 oz. (30 grams) Case Material...............Metal with Non-Conductive Base
1.00 (25.4) 0.40 (10.2) 0.40 (10.2) 0.10 (2.54) 0.24 (6.0)
+OUT COM -OUT /NP* BOTTOM VIEW +IN -IN 0.60 (15.2) 0.20 (5.1) 0.80 (20.3) 2.00 (50.8)
0.60 (15.2)
0.44 (11.3)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.03 INCH (0.8 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. A.1
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TC3-8S4805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X