Part Number Hot Search : 
BM29F 21200 K3555 40MHZ YSS915 UF106 BT2540 A3122ELT
Product Description
Full Text Search
 

To Download TAW-3S4824 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TAW Series
4:1 Input, 24-pin DIP, 1.5-3 Watt
*MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC OUTPUT CURRENT 900 600 250 200 125 450 300 125 100 63 mA mA mA mA mA mA mA mA mA mA *OUTPUT POWER 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 9-36 VDC IN TAW-3S243.3 TAW-3S2405 TAW-3S2412 TAW-3S2415 TAW-3S2424 -----------------TAW-3D2405 TAW-3D2412 TAW-3D2415 TAW-3D2424 18-72 VDC IN TAW-3S483.3 TAW-3S4805 TAW-3S4812 TAW-3S4815 TAW-3S4824 TAW-3D483.3 TAW-3D4805 TAW-3D4812 TAW-3D4815 TAW-3D4824
Other outputs also available. *For 1.5W version, specify TAW-1XXXXX; for 2W version, specify TAW-2XXXXX. *Add suffix "H" for 3.5KV isolation.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage....................................................See Table Nominal Input, 9-36V Input..................................24 VDC 18-72V Input.................................48 VDC Input Filter.......................................................Pi Network OUTPUT SPECIFICATIONS Voltage Accuracy..........................................0.5%, Max. Voltage Balance, Balance Load...................0.5%, Max. Line Regulation............................................0.5%, Max. Load Regulation, 10%FL-FL..........................1.0%, Max. Minimum Load.................................10% on Each Output Ripple and Noise, 20MHz BW.................60 mVp-p, Max. Short Circuit Protection..................................Continuous GENERAL SPECIFICATIONS Efficiency............................................................74 - 80% Isolation Voltage, Input to Output..........1,500 VDC, Min. Suffix "H"..................3,500 VDC, Min. Isolation Resistance.................................109 Ohms, Min. Switching Frequency..................................250 kHz, Typ. Operating Temperature, No Derating........-25C to +71C Storage Temperature Range.................-40C to +125C Cooling..............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>1,000k Hours Weight...........................................0.65 oz. (18.5 grams) Case Material, Standard..............Non-Conductive Plastic Suffix "M"....Metal with Non-Conductive Base
PIN CONNECTIONS ISOL. FUNC. +Vin -Vin +Vout Com. -Vout *NC 1.5K VDC SINGLE DUAL 3.5K VDC SINGLE 22,23 2,3 14 16 11 DUAL 22, 23 2, 3 14 9, 16 11 -
1, 24 1, 24 12, 13 12, 13 11, 14 11, 14 3,10,15,22 2, 23 10, 15 2,3,22,23
*NC: No connection. No pin on other pin locations.
0.08 (2.0) 0.10 (2.5) 1.25 (31.8)
24 23 22
1 2 3
BOTTOM VIEW
16 15 14 13 9 10 11 12
0.40 (10.2)
0.12 (3.05)
0.60 (15.2) 0.80 (20.3)
PIN SIZE: 0.02 INCH (0.5mm) DIA. OR 0.02 X 0.14 INCH ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower *Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TAW-3S4824

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X