Part Number Hot Search : 
3PSF402 2SC5851 R6834 1550A M78P259 SMCJ28 UPD63 C4306
Product Description
Full Text Search
 

To Download TAL-3D4812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
Low Cost
2:1 Input, 1.5-3 Watt
TAL Series
*MODEL NUMBER OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 24 VDC 5 VDC 12 VDC 15 VDC 24 VDC OUTPUT CURRENT 600 250 200 125 300 125 100 63 mA mA mA mA mA mA mA mA *OUTPUT POWER 3W 3W 3W 3W 3W 3W 3W 3W 9-18 VDC IN TAL-3S1205 TAL-3S1212 TAL-3S1215 TAL-3S1224 TAL-3D1205 TAL-3D1212 TAL-3D1215 TAL-3D1224 18-36 VDC IN TAL-3S2405 TAL-3S2412 TAL-3S2415 TAL-3S2424 TAL-3D2405 TAL-3D2412 TAL-3D2415 TAL-3D2424 36-72 VDC IN TAL-3S4805 TAL-3S4812 TAL-3S4815 TAL-3S4824 TAL-3D4805 TAL-3D4812 TAL-3D4815 TAL-3D4824
Other outputs also available. *Specify TAL-1xxxxx for 1.5W version, and TAL-2xxxxx for 2W version. *Add suffix "H" for 3.5KV isolation.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage.......................................................See Table Nominal Input...............................................12, 24, 48 VDC Input Filter...........................................................Pi Network OUTPUT SPECIFICATIONS Voltage Accuracy...............................................1%, Max. Voltage Balance, Dual Outputs...........................1%, Max. Line Regulation................................................0.5%, Max. Load Regulation, 10%FL-FL...........................0.5%, Max. Ripple and Noise, 20MHz BW......................60 mVp-p, Max. Short Circuit Protection.....................................Continuous Temperature Coefficient.............................0.02%/C, Max. GENERAL SPECIFICATIONS Efficiency...............................................................75 - 85% Isolation Voltage, Input to Output......1,500 VDC, Standard 3,500 VDC, Suffix "H" Isolation Resistance.....................................109 Ohms, Min. Switching Frequency..............................................250 kHz Operating Temperature, No Derating..........-25C to +71C Storage Temperature Range....................-40C to +125C Cooling.............................................Free Air Convection MTBF per MIL-HDBK-217F @25C...........>1,000k Hours Weight....................................................0.5 oz. (14 grams) Case Material.......................Non-Conductive Black Plastic Metal Case Available Upon Request
STANDARD MODELS (1.5KV ISOLATION) PIN # 1,24 2,23 3,22 10,15 11,14 12,13 SINGLE +V Input *NC *NC -V Output +V Output -V Input DUAL +V Input -V Output Common Common +V Output -V Input
No pin on other locations. *NC: No Connection SUFFIX "H" MODELS (3.5KV ISOLATION) PIN # 2,3 9 11 14 16 22,23 SINGLE -V Input No Pin *NC +V Output -V Output +V Input DUAL -V Input Common -V Output +V Output Common +V Input
No pin on other locations.
24 0.08 (2.0) 1.25 (31.8)
1
BOTTOM VIEW
0.10 (2.54)
13 0.40 (10.2) 0.12 MIN. (3.0)
12 0.60 (15.2) 0.80 (20.3)
PIN SIZE: 0.02 (0.5) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. B3 -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TAL-3D4812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X