Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download TA2W-4S4812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TA2W Series
4:1 Input, 24-pin DIP, 4-6 Watt
*MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC OUTPUT CURRENT 1200 800 333 267 167 600 400 167 133 84 mA mA mA mA mA mA mA mA mA mA *OUTPUT POWER 4W 4W 4W 4W 4W 4W 4W 4W 4W 4W 9-36 VDC IN TA2W-4S243.3 TA2W-4S2405 TA2W-4S2412 TA2W-4S2415 TA2W-4S2424 TA2W-4D243.3 TA2W-4D2405 TA2W-4D2412 TA2W-4D2415 TA2W-4D2424 18-72 VDC IN TA2W-4S483.3 TA2W-4S4805 TA2W-4S4812 TA2W-4S4815 TA2W-4S4824 TA2W-4D483.3 TA2W-4D4805 TA2W-4D4812 TA2W-4D4815 TA2W-4D4824
Other outputs also available. *For 5W version, specify TA2W-5XXXXX; for 6W version, specify TA2W-6XXXXX. *Add suffix "H" for 3.5KV isolation.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Input Voltage....................................................See Table Nominal Input, 9-36V Input..................................24 VDC 18-72V Input.................................48 VDC Input Filter.......................................................Pi Network OUTPUT SPECIFICATIONS Voltage Accuracy.............................................1%, Max. Voltage Balance, Balance Load.......................1%, Max. Line Regulation............................................0.5%, Max. Load Regulation, 10%FL-FL..........................0.5%, Max. Minimum Load.................................10% on Each Output Ripple and Noise, 20MHz BW.................60 mVp-p, Max. Short Circuit Protection..................................Continuous GENERAL SPECIFICATIONS Efficiency............................................................74 - 80% Isolation Voltage, Input to Output..........1,500 VDC, Min. Suffix "H"..................3,500 VDC, Min. Isolation Resistance.................................109 Ohms, Min. Switching Frequency..................................250 kHz, Typ. Operating Temperature, No Derating........-25C to +71C Storage Temperature Range.................-40C to +125C Cooling..............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>1,000k Hours Weight...........................................0.75 oz. (21.5 grams) Case Material, Standard..............Non-Conductive Plastic Suffix "M"....Metal with Non-Conductive Base
PIN CONNECTIONS ISOL. FUNC. +Vin -Vin +Vout Com. -Vout *NC 1.5K VDC SINGLE DUAL 3.5K VDC SINGLE 22,23 2,3 14 16 11 DUAL 22, 23 2, 3 14 9, 16 11 -
1, 24 1, 24 12, 13 12, 13 11, 14 11, 14 3,10,15,22 2, 23 10, 15 2,3,22,23
*NC: No connection. No pin on other pin locations.
0.08 (2.0) 0.10 (2.5) 1.25 (31.8)
24 23 22
1 2 3
BOTTOM VIEW
16 15 14 13 9 10 11 12
0.40 (10.2)
0.12 (3.05)
0.60 (15.2) 0.80 (20.3)
PIN SIZE: 0.02 INCH (0.5mm) DIA. OR 0.02 X 0.14 INCH ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TA2W-4S4812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X