Part Number Hot Search : 
SR745 CY2302 ROV05 KSB1116S UC3845D 30203 IRFB3 764306
Product Description
Full Text Search
 

To Download STD11NM60N-108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD11NM60N-1 - STB11NM60N/-1 STD11NM60N-STP11NM60N-STF11NM60N
N-channel 600 V - 0.37 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmeshTM Power MOSFET
Features
Type STB11NM60N-1 STB11NM60N STD11NM60N STD11NM60N-1 STF11NM60N STP11NM60N VDSS (@TJmax) 650 V 650 V 650 V 650 V 650 V 650 V RDS(on) max 0.45 0.45 0.45 0.45 0.45 0.45 ID
1 2
3
3
3 2 1
1
10 A 10 A 10 A 10 A 10 A(1) 10 A
TO-220
DPAK
IPAK
1. Limited only by maximum temperature allowed
3 12
3 1
1
3 2
100% avalanche tested Low input capacitance and gate charge Low gate input resistance
IPAK
DPAK
TO-220FP
Figure 1.
Internal schematic diagram
Application
Switching applications
Description
This series of devices is designed using the second generation of MDmeshTM technology. This revolutionary Power MOSFET associates a new vertical structure to the company's strip layout to yield one of the world's lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters.
Table 1.
Device summary
Marking B11NM60N 11NM60N D11NM60N D11NM60N P11NM60N F11NM60N Rev 4 Package IPAK DPAK IPAK DPAK TO-220 TO-220FP Packaging Tube Tape and reel Tube Tape and reel Tube Tube 1/21
www.st.com 21
Order codes STB11NM60N-1 STB11NM60N STD11NM60N-1 STD11NM60N STP11NM60N STF11NM60N March 2008
Contents
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuits
.............................................. 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Value Symbol Parameter TO-220/IPAK D/DPAK/IPAK VDS VGS ID ID IDM (2) PTOT Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor dv/dt (3) VISO Tstg TJ Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t = 1 s;TC = 25 C) Storage temperature Max. operating junction temperature --55 to 150 150 10 6.3 40 90 0.8 15 2500 600 25 10(1) 6.3 (1) 40(1) 25 0.2 Unit TO-220FP V V A A A W W/C V/ns V C C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 10 A, di/dt 400 A/s, VDD = 80% V(BR)DSS
Table 3.
Symbol
Thermal data
Value Parameter TO-220 IPAK DPAK DPAK IPAK TO-220FP Thermal resistance junction-case max Thermal resistance junction-amb max Thermal resistance junction-pcb max Maximum lead temperature for soldering purposes -62.5 -Unit
Rthj-case Rthj-amb Rthj-pcb
1.38 -50 -30 100 --
5 62.5 --
C/W C/W C/W
Tl
300
C
3/21
Electrical ratings
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Table 4.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by TJ max) Single pulse avalanche energy (starting TJ = 25 C, ID = IAS, VDD = 50 V) Max value 3.5 200 Unit A mJ
4/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Electrical characteristics
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 5.
Symbol V(BR)DSS dv/dt(1)
On/off states
Parameter Drain-source breakdown voltage Drain-source voltage slope Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 1 mA, VGS= 0 VDD = 400 V,ID = 5 A, VGS =10 V VDS = Max rating, VDS=Max rating,Tc=125 C VGS = 20 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 5 A 2 3 0.37 Min. 600 45 1 10
100
Typ.
Max.
Unit V V/ns A A nA V
IDSS IGSS VGS(th) RDS(on)
1.
4 0.45
Characteristic value at turn off on inductive load
Table 6.
Symbol gfs(1) Ciss Coss Crss Coss eq.(2)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Gate input resistance Test conditions VDS =15 V, ID= 5 A VDS =50 V, f=1 MHz, VGS=0 Min. Typ. 7.5 850 44 5 130 Max. Unit S pF pF pF pF
VGS=0, VDS =0 to 480 V f=1 MHz Gate DC Bias=0 Test signal level=20 mV open drain VDD=480 V, ID = 10 A VGS =10 V (see Figure 19)
Rg
3.7
nC nC nC
Qg Qgs Qgd
1.
Total gate charge Gate-source charge Gate-drain charge
31 4.2 15.9
Pulsed: pulse duration = 300s, duty cycle 1.5%
2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
5/21
Electrical characteristics
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Table 7.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD = 300 V, ID = 5 A, RG = 4.7 , VGS = 10 V (see Figure 18) (see Figure 23) Min. Typ. 22 18.5 50 12 Max. Unit ns ns ns ns
Table 8.
Symbol ISD ISDM VSD(1) trr Qrr IRRM trr Qrr IRRM
1.
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 10 A, VGS=0 ISD =10 A, di/dt =100 A/s, VDD =100 V (see Figure 20) VDD =100 V di/dt =100 A/s, ISD = 10 A TJ = 150 C (see Figure 20) 340 3.26 19.2 460 4.42 19.2 Test conditions Min. Typ. Max. Unit 10 40 1.3 A A V ns C A ns C A
Pulsed: pulse duration = 300s, duty cycle 1.5%
6/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Electrical characteristics
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area for TO-220 / IPAK / DPAK Figure 3. Thermal impedance for TO-220 / IPAK / DPAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for DPAK / IPAK Figure 7.
Thermal impedance for DPAK / IPAK
7/21
Electrical characteristics Figure 8.
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N Figure 9. Transfer characteristics
Output characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
8/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N Figure 14. Normalized gate threshold voltage vs temperature
Electrical characteristics
Figure 15. Normalized on resistance vs temperature
Figure 16. Source-drain diode forward characteristics
Figure 17. Normalized BVDSS vs temperature
9/21
Test circuits
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
3
Test circuits
Figure 19. Gate charge test circuit
Figure 18. Switching times test circuit for resistive load
Figure 20. Test circuit for inductive load Figure 21. Unclamped inductive load test switching and diode recovery times circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
10/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/21
Package mechanical data
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
12/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Package mechanical data
TO-220FP mechanical data
Dim. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 Dia 28.6 9.80 2.9 15.90 9 3 mm. Min. 4.40 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.40 10 16 30.6 10.60 3.6 16.40 9.30 3.2 1.126 0.385 0.114 0.626 0.354 0.118 Typ Max. 4.60 2.7 2.75 0.70 1.00 1.50 1.50 5.20 2.70 10.40 Min. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch Typ. Max. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
Dia
F1
D
F
G1 H
F2
L2 L5
E
123
L4
7012510-I
G
13/21
Package mechanical data
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
DPAK (TO-263) mechanical data
mm Dim Min A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
inch Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
14/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Package mechanical data
IPAK (TO-262) mechanical data
mm Dim Min A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ Max 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050
inch Typ Max 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055
15/21
Package mechanical data
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
16/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Package mechanical data
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
17/21
Packaging mechanical data
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
18/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
19/21
Revision history
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
6
Revision history
Table 9.
Date 03-Aug-2006 14-Nov-2006 02-Oct-2007 03-Mar-2008
Document revision history
Revision 1 2 3 4 First release Complete version Figure 8.: Output characteristics has been updated. Added new package (IPAK) Added new package DPAK Changes
20/21
STD11NM60N/-1 - STB11NM60N/-1 - STF11NM60N - STP11NM60N
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
21/21


▲Up To Search▲   

 
Price & Availability of STD11NM60N-108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X