Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download SS33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS32 THRU SS310
FEATURES
* * * * * *
VOLTAGE RANGE CURRENT
20 to 40 Volts 3.0 Ampere
Low profile surface mount package Built-in strain relief High switching speed Low voltage drop, high efficiency For use in low voltage high frequency inverters, Free willing, and polarity protection applications Guarding for over voltage protection
DO-214AB(SMC)
MECHANICAL DATA
* * * * *
Case: Transfer molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Solder plated, solderable per MIL-STD-750 method 2026 Polarity: Color band denotes cathode end Weight: 0.007 ounce, 0.25 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%. SYMBOLS SS32 SS33 Maximum Repetitive Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current at TLsee figure 1 TL =105 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A(Note1) Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage per element TA = 100 Typical Thermal Resistance (Note 2) Operating Junction Temperature Storage Temperature Range * * *
SS34 40 28 40
SS35 50 35 50
SS36 60 42 60 3.0 80
SS38 80 56 80
SS39 90 63 90
SS310 100 70 100
UNIT Volts Volts Volts Amps Amps
I(AV) IFSM VF IR RJA RJL TJ TSTG 0.55 20.0
0.75 0.5 10.0 55 12
0.85
Volts mA
/W
(-55 to +150) (-55 to +150)
(-55 to +150)

Notes: 1. Pulse test: 300s pulse width,1% duty cycle 2. PCB mounted with 0.55"x0.55"(14mmx14mm) copper pads
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS32 THRU SS310
VOLTAGE RANGE CURRENT
20 to 100 Volts 3.0 Ampere
RATING AND CHRACTERISTIC CURVES SS32 THRU SS310
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
3.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
80 8.3ms Single Half Sine-Wave
2.0
Single Phase Half Wave
CURRENT, (A)
(JEDEC Method) T j = Tjmax
(A)
40
1.0
60Hz Inductive or Resistive Load 0.375(9.5mm) Lead Length
1 Cycle 0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100
AMBIENT TEMPERATURE, ( C) FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
SM32-SM34 SM35-SM310
INSTANTANEOUS FORWARD CURRENT,
10
SS32-SS34 SS35-SS310
1.0
(A)
(A)
TJ =25 C
0.1
PULSE WIDTH=300s DUTY CYCLE 1%
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
T J =25 C f=1MHz Vsig=50mV
100
SM32-SM34 SM35-SM310 10 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SS33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X