|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPU65 SERIES 80W Desk Top Switching Power Supplies For I.T.E. Description: The SPU65 series of AC/DC switching mode power supplies provide 80 Watts of continuous output power. All supplies are UL 94V-0 compliant, include IEC-320-C14 input for worldwide applications. All models meet FCC Part15 class B and CISPR-22 class B emission Limits and are designed to comply with UL, C-UL, TUV and CE requirements. All units are 100% burned in and tested. Features: Wide Input Voltage 90 to 264 VAC,47 to 63 Hz IEC-320-C14 Input Inlet Single to Quad Output Output Voltage Available From 3 VDC Thru 48 VDC Optional Output Connector (See appendix) Input Surge Current, Over Voltage and Over Load protection Splash proof Class I Insulation Two Years Warranty Safety Approvals : Product Safety CB Min. Typ. Max. 90 264 47 63 0 80 See rating chart See rating chart 1.9 1.5 12 26 75 83 0.5 3 15 30 88 1 7 132 150 4 2 2 0.75 0.04 PS E Electrical Characteristics: Sym. Vin Fin Wo Vo Io Iil Iih Irl Irh Eff REG-i REG-o OVP OCP Ttr Thold Ts Vrn Ilk Tc Parameter Input Voltage Input Frequency Output Power Range Output Voltage Range Output Current Range Input Current (Low Line) Input Current (High Line) Low Line Inrush Current High Line Inrush Current Efficiency Line Regulation Load Regulation Over Voltage Protection Over Current Protection Transient Response Hold-Up Time Start Up Time Ripple & Noise (Pe ak to Peak) Safety Ground Leakage Current Temperature Coefficient Test Conditions Unit VAC Hz W V A A A A A % % % % % mS mS S % mA %/c Vin=90 to 264VAC Io=Full load, Io=Full load, Io=Full load, Vin=115VAC Io=Full load, Vin=230VAC Io=Full Load, Io=Full Load Vin=230VAC Vin=115VAC Vin=230 VAC 25c, Cool start, 25c, Cool start, Vin=230VAC 112 110 Io=Full Load to Half Load, Vin=100VAC Io=Full Load, Vin=100VAC 16 Io=Full Load, Vin=100VAC 0.3 1 Full Load, Vin=90VAC 1 Io=Full Load, Vin=240VAC 0.5 All output -0.04 Environmental : Sym. Toper Tstg Hr Pd Parameter Test Conditions Min. 0 -40 5 Typ. Max. 70 85 95 Unit c c % Operating Temperature Storage Temperature Relative Humidity Derate linearly from 100% load at 40c to 50% load at 70c Safety Specifications: Sym. Vps Vpg Ri FCC Parameter Dielectric Withstanding Voltage for Primary to secondary Dielectric Withstanding Voltage for Primary to ground Isolation Resistance EMI requirements for FCC PART-15 Test Conditions Primary to secondary Primary to ground Test Voltage = 500VDC Vin=220VAC Vin=110VAC Min. Typ. Max. 4242 2121 Unit VDC VDC 50 B B MW CLASS CLASS CISPR EMI requirements for CISPR-22 SPU65 SERIES 80W Desk Top Switching Power Supplies For I.T.E. Output Voltage And Current Rating Chart (Single Output) : Model Number SPU65-101 SPU65-102 SPU65-103 SPU65-104 SPU65-105 SPU65-106 SPU65-107 SPU65-108 SPU65-109 SPU65-110 SPU65-111 Output Voltage 03 05 06 08 11 13 16 21 27 33 40 ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ 05 06 08 11 13 16 21 27 33 40 48 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Output Current 16.6 13.0 11.6 9.37 7.27 6.15 5.00 3.80 2.96 2.42 2.00 ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ 10.0 10.8 8.70 6.81 6.15 5.00 3.80 2.96 2.42 2.00 1.66 A A A A A A A A A A A Total Regulation 7% 7% 5% 5% 5% 5% 5% 5% 5% 5% 5% Maximum Output Power 50W 65W 69.6W 75W 80W 80W 80W 80W 80W 80W 80W Output Voltage And Current Rating Chart ( Multi Output ) : Model Number Output #1 Output #2 Iomax Output #3 Regmax Vonom Iomin Iomax Vonom Iomin Iomax Regmax Vonom Iomin SPU65-200 +3.3V 0.5A SPU65-201 SPU65-202 SPU65-203 +5V +5V +5V 0.5A 0.5A 0.5A 7A 7A 7A 7A 7A 7A 7A 6A 6A 6A 7A 6A 7A 3.5A 7% 5% 5% 5% 7% 5% 7% 5% 5% 5% 5% 5% 7% 5% +12V 0.1A 2.75A +12V 0.3A +15V 0.1A +24V 0.2A +5V 0.1A 3A 3A 2A 3A 2A 3A 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% -12V -5V -12V -15V -24V -12V -5V +12V 0A 0A 0A 0A 0A 0A 0A 0A 0.8A 0.325A 0.325A 0.208A 0.5A 0.416A 0.8A 0.25A Maximum Output Power Regmax Vonom Iomin Iomax Regmax 56.1W Output #4 60W 60W 60W 38.1W 60W 5% 5% 5% 5% 5% 5% 5% 5% -12V 0A 0.15A 5% 65W 65W 59.4W 65W 65W 65W 63.1W 65W SPU65-204 +3.3V 0.5A SPU65-215 +5V 0.5A -24V 0.2A +12V 0.1A SPU65-300 +3.3V 0.3A SPU65-301 SPU65-302 SPU65-303 SPU65-304 SPU65-305 +5V +5V +5V +5V +5V 0.5A 0.5A 0.5A 0.5A 0.5A +12V 0.1A 2.75A +12V 0.1A 2.125A +15V 0.1A 2.125A +24V 0.1A 2A +24V 0.1A 1.25A +12V 0.1A +24V 0.1A 3A 1.5A SPU65-306 +3.3V 0.5A SPU65-403 +5V 0A Mechanical Specifications : Note: 1. Dimensions are shown in mm. 2. Weight: 570-750gs approx. 3. Optional output connector: See page Appendix. ON/OFF SWITCH (OPTIONAL) |
Price & Availability of SPU65-300 |