Part Number Hot Search : 
IRS21 STM6968 2500V GR40N60 US1DL AC12V P6NB80FP HMC606L
Product Description
Full Text Search
 

To Download SFR102PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SOFT RECOVERY
FAST SWITCHING RECTIFIER VOLTAGE RANGE 50 - 800 Volts CURRENT 1.0 Ampere
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * High reliability * Low leakage * Low forward voltage drop * High current capability * High surge capability * Fast switching
SFR101PT THRU SFR106PT
DO-41
0.034(0.9) DIA. 0.028(0.7)
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.33 gram
1.0(25.4) MIN.
0.205(5.2) 0.166(4.2)
0.107(2.7) DIA. 0.080(2.0)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-41
UNITS Volts Volts Volts Amps Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at TA = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM
SFR101PT SFR102PT SFR103PT SFR104PT SFR105PT SFR106PT
50 35 50
100 70 100
200 140 200 1.0 30
400 280 400
600 420 600
800 560 800
CJ TJ TSTG
12 -65 to +125 -65 to +150
pF
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle 0.375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A SYMBOL VF IR 100 trr 100 200 uAmps nSec 2001-6
SFR101PT SFR102PT SFR103PT SFR104PT SFR105PT SFR106PT
UNITS Volts uAmps
1.3 10
RATING CHARACTERISTIC CURVES ( SFR101PT THRU SFR106PT )
50 NONINDUCTIVE
10 NONINDUCTIVE
trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0
(+) 25 Vdc (approx) (-)
D.U.T
0.5
Single Phase Half Wave 60Hz Resistive or Inductive Load
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+) -1.0A
NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms.
1cm SET TIME BASE FOR 50/100 nS/cm
0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Pulse Width = 300uS 1% Duty Cycle
10
1.0
1.0
0.1
.1
TJ =25 C
o
TJ =25oC
.01
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.001 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, ( V ) 1.8
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 35 JUNCTION CAPACITANCE, ( pF ) 30 25 20 15 10 5 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC


▲Up To Search▲   

 
Price & Availability of SFR102PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X