Part Number Hot Search : 
DT3316 1601B 103LF 2SC2767 TEA1024 LH101504 SED13 SMBJ5
Product Description
Full Text Search
 

To Download SCW-SC3-33R0-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power Dissipation SMT Chip Resistor
SC3 Series * * * * Tolerances to 1% 3 watt rating at 70C Resistance range from 1 to 100K Standard Sn/Pb and matte tin (Pb-free) terminations available
Electrical Data
Resistance Range Resistance Tolerance Temperature Coefficient Power Dissipation Maximum Voltage Rating _____ (not to exceed P X R ) Operating Temperature Range Termination 1 to 100K 1%, 2%, 5% 100 ppm/C 3.0 Watts* @70C 100 Volts -55C to +150C Leach-resistant nickel barrier under solder-plated wraparound
Power Derating Chart
100
% Of Rated Power
50
10
25
70
150
Temperature in C
*Note: With 1" square copper area as heat spreader.
Physical Data
TOP
0.020".005"
BOTTOM
(Board Side)
RECOMMENDED SOLDER PAD LAYOUT
0.032" .005" 0.30" 7 .6mm
0.250" .005"
33R0
Plating wrap-around 0.090" .005" 0.030" .005" thickness
0.08" (2.0mm)
0.125" .005"
SCHEMATIC
0.04" (1mm)
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc SC3 Series Issue October 2008
High Power Dissipation SMT Chip Resistor
Temperature Rise vs Pad Area
1000
Temper ture Rise (C) a
100
10 2 100mm
200mm
2
1000mm
2
Termination Pad Area (each end) 1 watt 2 watts 3 watts
Pulse Power Rating
100
Power (watts)
10
1 0.1 1.0 Time (sec) 10.0
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SC3 Series Issue October 2008
High Power Dissipation SMT Chip Resistor
Environmental Data
Environmental Test Thermal Shock Short-time Overload High Temperature Exposure Moisture Resistance Load Life Low Temperature Operation Resistance To Solder Heat Solderability Test Method MIL-STD-202 Method 107 Condition B, -65C + 125C 2x rated power for 5 seconds 100 Hours, 150C MIL-STD-202 Method 106 Rated Power @ 70C for 1000 hours; 1.5 hours `on', 0.5 hours `off' 1 hour @ -65C followed by Rated power for 45 minutes MIL-STD-202 Method 210 260C, 5 seconds MIL-STD-202 Method 208 245C, 5 seconds Specification R 0.5% + 0.01 R 0.5% + 0.01 R 0.5% + 0.01 R 0.5% + 0.01 R 1.0% + 0.01 R 0.5% + 0.01 R 0.25% + 0.01 95% coverage
Ordering Data
Prefix SCW SC3LF 33R0 F Model
SC3 = 3 watt chip with standard Sn/Pb termination SC3LF = 3 watt chip with matte tin (Pb-free) termination
Resistance Code
Standard 4-digit resistance code Example: 33R0 = 33; 10K0 = 10,000
Resistance Tolerance Code
J = 5%; G = 2%; F = 1%
Packaging
Available in both bulk and tape & reel.
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
SC3 Series Issue October 2008


▲Up To Search▲   

 
Price & Availability of SCW-SC3-33R0-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X