Part Number Hot Search : 
2SK656 FP9133 2SD1252A RN1903FS UPA1851 KK74HC PDTC123 W9812G
Product Description
Full Text Search
 

To Download SBL1030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL(F,B)1030CT & SBL(F,B)1040CT
Vishay General Semiconductor
Dual Common-Cathode Schottky Rectifier
TO-220AB ITO-220AB
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability * High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB and ITO-220AB package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
2 SBL10xxCT
PIN 1 PIN 3 PIN 2 CASE
3 1 SBLF10xxCT
PIN 1 PIN 3 PIN 2
2
3
1
TO-263AB K
2 1 SBLB10xxCT
PIN 1 PIN 2
TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters and polarity protection application. MECHANICAL DATA
K HEATSINK
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 5Ax2 30 V, 40 V 175 A 0.55 V 125 C
Case: TO-220AB, ITO-220AB, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 107 C total device per diode SYMBOL VRRM VRWM VDC IF(AV) IFSM TJ, TSTG VAC SBL1030CT 30 21 30 10 5.0 175 - 40 to + 125 1500 SBL1040CT 40 28 40 UNIT V V V A A C V
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Operating junction and storage temperature range Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min
Document Number: 88726 Revision: 25-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
SBL(F,B)1030CT & SBL(F,B)1040CT
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) Maximum instantaneous reverse current per diode at rated DC blocking voltage (1) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TEST CONDITIONS 5.0 A TC = 25 C TC = 100 C SYMBOL VF IR VALUE 0.55 0.5 50 UNIT V mA
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per diode SYMBOL RJC SBL 3.0 SBLF 5.0 SBLB 3.0 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-220AB ITO-220AB TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N SBL1030CT-E3/45 SBLF1030CT-E3/45 SBLB1030CT-E3/45 SBLB1030CT-E3/81 SBL1030CTHE3/45 (1) SBLF1030CTHE3/45 (1) SBLB1030CTHE3/45 (1) SBLB1030CTHE3/81 (1) UNIT WEIGHT (g) 1.85 1.99 1.35 1.35 1.85 1.99 1.35 1.35 PACKAGE CODE 45 45 45 81 45 45 45 81 BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape and reel Tube Tube Tube Tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
12.5 Resistive or Inductive Load 300 TJ = TJ Max. 8.3 ms Single Half Sine-Wave 250
10
Peak Forward Surge Current (A)
Average Forward Current (A)
200
7.5
150
5
100
2.5
50
0 0 50 100 150
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode Document Number: 88726 Revision: 25-Apr-08
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
SBL(F,B)1030CT & SBL(F,B)1040CT
Vishay General Semiconductor
100
10 000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
TJ = 125 C
TJ = 25 C
1
Junction Capacitance (pF)
1.4
1000
0.1 Pulse Width = 300 s 1 % Duty Cycle 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
100 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
100 TJ = 125 C
100
10
Transient Thermal Impedance (C/W)
80 100
Instantaneous Reverse Current (mA)
10
1
TJ = 75 C
0.1 TJ = 25 C 0.01
1
0.001 0 20 40 60
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
Document Number: 88726 Revision: 25-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
SBL(F,B)1030CT & SBL(F,B)1040CT
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88726 Revision: 25-Apr-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SBL1030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X