Part Number Hot Search : 
N111195 ZMM7V5 PIC16F19 00T01 1N5943A PST520 V20220 11DQ09
Product Description
Full Text Search
 

To Download S60D45PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 30 - 60 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Metal Silicon junction, majority carrier conduction * Low power loss,high efficiency * High current capability, low forward voltage drop * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering in accordance with CECC 802 / Reflow guaranteed
S60D30PT THRU S60D60PT
CURRENT 60 Amperes
TO-247(TO-3P)
.245 (6.2) .225 (5.7) .645 (16.0) .625 (15.9) .085 (2.16) .075 (1.90) .203 (5.16) .193 (4.90)
.135 (3.4) .115 (2.9)
.840 (21.3) .820 (20.8)
.093 (2.30) .076 (1.97)
MECHANICAL DATA
Case: JEDEC TO-247 molded plastic Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Weight: 5.6 grams ( Approximately )
.086 (2.18) .076 (1.93) .095 (2.4) .085 (2.1) .127 (3.22) .117 (2.97) .030 (.76) .020 (.51)
.160 (4.1) .140 (3.5) .795 (20.2) .775 (19.7)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
.225 (5.7) .205 (5.2) .048 (1.22) .044 (1.12)
Dimensions in inches and (millimeters)
TO-247(TO-3P)
UNITS Volts Volts Volts Amps Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical thermal resistance per leg ( NOTE 1 ) SYMBOL VRRM VRMS VDC IO IFSM
S60D30PT S60D35PT S60D40PT S60D45PT S60D50PT S60D60PT
30 21 30
35 24 35
40 28 40 60.0 500
45 31 45
50 35 50
60 42 60
R
JC
0.8
o
C/W
Operating and Storage Temperature Range
TJ, TSTG
-60 to +125
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 30.0 A DC Maximum instantaneous reverse current at rated DC blocking voltage per leg ( NOTE 2 ) TC = 25oC IR TC = 100 C
o
SYMBOL VF
S60D30PT S60D35PT S60D40PT S60D45PT S60D50PT S60D60PT
UNITS Volts mAmps mAmps 2001-6
0.65 10.0 200
0.75
NOTES : 1. Thermal resistance from junction to case per leg 2. Pulse test : 300 us pulse width, 1% duty cycle 3. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
RATING CHARACTERISTIC CURVES ( S60D30PT THRU S60D60PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 60 PEAK FORWARD SURGE CURRENT, (A) 500 450 400 350 300 250 200 150 100 50 0 0 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60HZ FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, (mA) 4
TJ = 100oC 8.3 ms Single Half Sine-Wave (JEDEC Method)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
45
30
Single Half Wave 60HZ Resistive or Inductive Load
15
0 0 25 50 75 100 125 150 CASE TEMPERATURE, ( oC ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 200
INSTANTANEOUS FORWARD CURRENT, (A)
100
TJ = 25oC
S60D30PT~S60D45PT
10
1.0
0.4
S60D50PT~S60D60PT
1.0
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
.10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 4000 JUNCTION CAPACITANCE, ( pF ) 2000 1000 600 400 200 100 60 40 20 10 .1 .2 .4
TJ =25oC
S60D30PT~S60D45PT S60D50PT~S60D60PT
1.0
2
4
10
20
40
100
REVERSE VOLTAGE, ( V )


▲Up To Search▲   

 
Price & Availability of S60D45PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X