Part Number Hot Search : 
N3501 GL861 239315P 12D12 MACH4000 12D12 STK4162 ADUM1286
Product Description
Full Text Search
 

To Download RUC101225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RUC
Plug-in power relays
* General purpose relays * High inrush current * Plug-in, solder, PCB, connector mounting * Covers with mounting flange available
1
Contacts
Contact number & arrangement Contact material Voltage Max. switching voltage AC/DC Min. switching voltage Current Rated load AC1 DC1 Min. switching current Max. inrush current Rated current Max. breaking capacity Min. breaking capacity Resistance Max. operating frequency * at rated load * no load
Contacts
2C/O, 3C/O, 2NO, 3NO AgCdO 400 V / 400 V 10 V 16 A / 250 V AC or 10 A / 380 V AC 16 A / 24 V DC 10 mA 40 A 16 A 4 000 VA 0,5 W 100 mW at 1 A, 24 V 1 200 cycles/hour 12 000 cycles/hour
Coil
Voltage Rated voltage Must release voltage Operating range of supply voltage Rated power consumption
Coil
on 6...220 V DC 6...380 V AC 50 Hz, 50/60 Hz 0,1 Un DC; 0,15 Un AC see Tables 1, 2, 3 1,5 W DC 2,8 VA AC 50 Hz; 2,5 VA AC 60 Hz
Insulation
Insulation category Voltage Insulation rated voltage Dielectric strength: * coil-contact * contact-contact * pole-pole Contact-coil distance * clearance * creepage
Insulation
C400 400 V AC 2 500 V AC 1 500 V AC (2 500 V AC contact-contact 3 mm) 2 500 V AC 6 mm 8 mm
General data
Operating time (typical value) Release time (typical value) Electrical life * resistive * cos j Mechanical life (cycles) Dimensions (L x W x H) Weight Ambient temperature * storing * operating Cover protection category Shock resistance Vibration resistance Solder bath temperature Soldering time Approvals
General data
12 ms AC, 12 ms DC 10 ms AC, 7 ms DC at 16 A, 250 V AC 105 see Fig. 2 107 38,6 x 36,1 x 45,5 mm 85 g -40...+85 C -40...+70 C (for 10 A on contact) -40...+55 C (for 16 A on contact) IP 40 10 g 5g for 10...150 Hz max. 270 C max. 5 s B, UL, CSA, GOST
2
RUC
Plug-in power relays
RUC
Plug-in power relays
3
4
RUC
Fig. 3 Mounting
Plug-in power relays
Max. DC resistive load breaking capacity
Relays RUC are designed for: * screw terminals sockets GUC11 (modules and clips available) - for DIN rail mounting, * fast-on connector, * direct PCB mounting.
Ordering codes
See Tables 1, 2, 3, page 2
2002-12-20


▲Up To Search▲   

 
Price & Availability of RUC101225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X