Part Number Hot Search : 
NTE2558 C4235 CHV37H64 CHV37H64 DZD30 CMIB8788 PXD20RM 8C110MGR
Product Description
Full Text Search
 

To Download RL254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
RL251 THRU RL257
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE50-1000V CURRENT2.5A
FEATURES
*High reliability *Low leakage *Low forward voltage drop *High current capability
R-3
1.0(25.4) MIN. .160(4.1) .138(3.5) .043(1.1) .039(1.0)
DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.60 grams
1.0(25.4) MIN.
.160(4.1) .138(3.5)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL RL251 RL252 RL253 RL254 RL255 RL256 RL257
units
V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 2.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @ TA=25C
VRRM VRMS VDC Io IFSM VF
50 35 50
100 70 100
200 140 200
400 280 400 2.5 80 1.1 5.0 500 30 20 40
600 420 600
800 560 800
1000 700 1000
@ TA=100C IR Maximum Full Load Reverse Current Average, Full Cycle .375"(9.5mm) lead length at TL=75C CJ Typical Junction Capacitance (Note) RJA Typical Thermal Resistance Notes: Measured at 1MHz and applied reverse voltage of 4.0 volts
A
pF
C/W
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of RL254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X