Part Number Hot Search : 
13003A 033200 1S121 00N6T 97A37 LT3592 RMK816N OP4005B1
Product Description
Full Text Search
 

To Download RA252PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
AUTOMOTIVE RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low cost * Low leakage * Low forward voltage drop * High current capability
RA2505PT THRU RA2510PT
CURRENT 25 Amperes
RA
.185(4.7) .165(4.2) .250(6.4) .235(6.0)
MECHANICAL DATA
Case: JEDEC RA molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any
.225(5.7) .215(5.5)
.410(10.4) .380(9.70)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
RA
UNITS
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Marking Color Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 150 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistanc Operating and Storage Temperature Range
o
SYMBOL
R A 2 5 0 5PT
R A 2 5 1 PT
R A 2 5 2 PT
R A 2 5 4 PT R A 2 5 6 PT
R A 2 5 8 PT
R A 2 5 1 0P T
Violet VRRM VRMS VDC IO 50 35 50
Brown 100 70 100
Red 200 140 200
Yellow 400 280 400 25.0
Blue 600 420 600
Silver 800 560 800
Gold 1000 700 1000 Volts Volts Volts Amps
IFSM R
400 1.0 -65 to +175
Amps
o
JL
C/W
o
TJ, TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 25.0 A DC Maximum Reverse Current at rated DC blocking Voltage per leg @ TA = 25oC @ TC = 100oC SYMBOL VF
R A 2 5 0 5PT R A 2 5 1 PT R A 2 5 2 PT R A 2 5 4 PT R A 2 5 6 PT R A 2 5 8 PT R A 2 5 1 0P T
UNITS Volts
1.0 25
IR
500
uAmps 2001-6
NOTES : Enough heat sink must be considered in application.
RATING CHARACTERISTIC CURVES ( RA2505PT THRU RA2510PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 30 25 20 15 10 5 0 0 25 50 75 100 125 150 CASE TEMPERATURE, ( oC ) 175 200
Single Phase Half Wave 60Hz Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, ( A )
FIG. 2 - MAXIMUM NON-REPETIVE FORWARD SURGE CURRENT 600 500 400 300 200 100 0
8.3ms Single Half Sine-Wave (JEDEC Method)
1
2
5 10 20 NUMBER OF CYCLES AT 60 Hz
50
100
FIG. 3 - FORWARD POWER DISSIPATION 50 INSTANTANEOUS FORWARD CURRENT, ( A ) 700 500 300 200 100 50 30 20 10 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0 10 20 30 40 50 0.6
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
TJ =25oC TYPICAL MAXIMUM
AVERAGE POWER DISSIPATION, ( W )
40
SQUARE WAVE
30
20
10
0 AVERAGE FORWARD CURRENT, ( A )
0.8 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
INSTANTANEOUS FORWARD VOLTAGE, ( V )


▲Up To Search▲   

 
Price & Availability of RA252PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X