|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
150W Quad Output with PFC Function Features : Universal AC input / Full range QP-150 Built-in active PFC function, PF>0.95 Protections: Short circuit / Over load / Over voltage Forced air cooling by built-in DC fan CH4: Polarity is selectable Fixed switching frequency at 100KHz 3 years warranty series .. SPECIFICATION MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER (max.) OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE(OPTION) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC (Note 4) QP-150-3A CH1 5V 10A 3 ~ 15A 146W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0 ~ 15A CH3 12V 5A 0.4 ~ 5A CH4 -5V 0.6A 0 ~ 1A QP-150-3B CH1 5V 10A 3 ~ 15A 150.2W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0 ~ 15A CH3 12V 5A 0.4 ~ 5A CH4 -12V 0.6A 0 ~ 1A QP-150-3C CH1 5V 10A 3 ~ 15A 152W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +8,-6% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0 ~ 15A CH3 15V 4A 0.4 ~ 5A CH4 -15V 0.6A 0 ~ 1A RIPPLE & NOISE (max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p VOLTAGE TOLERANCE Note.3 3.0% 800ms, 50ms/230VAC 24ms/230VAC 90 ~ 264VAC 47 ~ 63Hz PF>0.95/230VAC 73% 2.5A/115VAC COLD START 800ms, 50ms/115VAC at full load 24ms/115VAC at full load 127 ~ 370VDC PF>0.98/115VAC at full load 75% 1.2A/230VAC 40A/230V 74% <3.5mA / 240VAC 105 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V Protection type : Shut down o/p voltage, re-power on to recover 95 5 (TSW1) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC ISOLATION RESISTANCE HARMONIC CURRENT EMS IMMUNITY MTBF I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 141.5K hrs min. MIL-HDBK-217F (25 ) 199*99*50mm (L*W*H) 0.93Kg; 20pcs/19.6Kg/1.28CUFT OTHERS NOTE DIMENSION PACKING 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. File Name:QP-150-SPEC 2007-10-25 150W Quad Output with PFC Function Features : Universal AC input / Full range QP-150 Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage Forced air cooling by built-in DC fan CH4: Polarity is selectable Fixed switching frequency at 100KHz 3 years warranty series .. SPECIFICATION MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER (max.) OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE(OPTION) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION (Note 4) QP-150-3D CH1 5V 10A 3 ~ 15A 150.2W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0 ~ 15A CH3 24V 2.5A 0.3 ~ 3A CH4 -12V 0.6A 0 ~ 1A QP-150D CH1 5V 10A 3 ~ 15A 150.2W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 11.4 ~ 13.2V 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 12V 4A 0 ~ 5A CH3 24V 2A 0.4 ~ 3A CH4 -12V 0.6A 0 ~ 1A QP-150F CH1 5V 10A 3 ~ 15A 152W CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 14.3 ~ 16.5V 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 15V 3A 0 ~ 5A CH3 24V 2A 0.4 ~ 3A CH4 -15V 0.6A 0 ~ 1A RIPPLE & NOISE (max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 120mVp-p 150mVp-p 200mVp-p 150mVp-p 120mVp-p 150mVp-p 200mVp-p 150mVp-p VOLTAGE TOLERANCE Note.3 3.0% 800ms, 50ms/230VAC 24ms/230VAC 90 ~ 264VAC 47 ~ 63Hz PF>0.95/230VAC 76% 2.5A/115VAC COLD START 800ms, 50ms/115VAC at full load 24ms/115VAC at full load 127 ~ 370VDC PF>0.98/115VAC at full load 78% 1.2A/230VAC 40A/230V 78% <3.5mA / 240VAC 105 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V CH1:5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover CH2:13.8 ~ 16.2V CH1:5.75 ~ 6.75V CH2:17.25 ~ 20.25V 95 5 (TSW1) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 141.5K hrs min. MIL-HDBK-217F (25 199*99*50mm (L*W*H) 0.93Kg; 20pcs/19.6Kg/1.28CUFT ) HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS NOTE DIMENSION PACKING 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. File Name:QP-150-SPEC 2007-10-25 150W Quad Output with PFC Function Mechanical Specification 199 20 25 70 35 117 65 48.5 QP-150 Case No. 916B series Unit:mm 133 LED 10 9 8 7 6 5 4 3 2 1 7.62 35.2 +V ADJ.2 +V ADJ.1 51 6.15 2-M4 49.5 5-M3 L=6mm 38 15 142 25 16 Air flow direction 10 119 79 99 Terminal Pin No. Assignment : Assignment Assignment Pin No. Pin No. 5 AC/L DC OUTPUT V3 1 AC/N 2 6,7 DC OUTPUT V1 FG 8,9 DC OUTPUT COM 3 DC OUTPUT V4 10 DC OUTPUT V2 4 9 max. 25 25 6-M4 L=6mm Block Diagram FAN 12.5 50 fosc : 100KHz RECTIFIERS & FILTER RECTIFIERS & FILTER MA & CONTROL RECTIFIERS & FILTER O.V.P. REGULATOR V4 V3 RECTIFIERS & FILTER V2 +5V COM DETECTION CIRCUT I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING PWM & PFC CONTROL FG Derating Curve Output Derating VS Input Voltage 100 100 90 80 80 70 60 LOAD (%) LOAD (%) 0 0 10 20 30 40 50 60 (HORIZONTAL) 40 60 50 40 20 -10 -10 90 100 115 135 155 230 264 AMBIENT TEMPERATURE ( ) INPUT VOLTAGE (VAC) 60Hz File Name:QP-150-SPEC 2007-10-25 150W Quad Output with PFC Function Features : QP-150B,C Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage Forced air cooling by built-in DC fan Fixed switching frequency at 100KHz 3 years warranty series .. SPECIFICATION MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER (max.) OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE(OPTION) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC (Note 4) QP-150B CH1 5V 15A 3 ~ 15A 150W 150mVp-p 6.0% 2.0% 6.0% 150mVp-p +10,-6% 2.0% 6.0% 100mVp-p 5.0% 1.0% 2.0% CH1:4.75 ~ 5.5V 1.0% 2.0% 24ms at full load 90 ~ 264VAC 47 ~ 63Hz PF>0.95/230VAC 76% 2.5A/115VAC COLD START 1.2A/230VAC 40A PF>0.98/115VAC at full load 127 ~ 370VDC CH2 12V 4A 0.4 ~ 5A CH3 -12V 2A 0.3 ~ 2A CH4 -5V 0.6A 0 ~ 1A QP-150C CH1 5V 15A 3 ~ 15A 153W 100mVp-p CH1:4.75 ~ 5.5V 3.0% 1.0% 2.0% +6,-10% 2.0% 6.0% 8.0% 2.0% 6.0% 5.0% 1.0% 2.0% 150mVp-p 150mVp-p 100mVp-p CH2 15V 3A 0.4 ~ 4A CH3 -15V 2A 0.3 ~ 2A CH4 -5V 0.6A 0 ~ 1A RIPPLE & NOISE (max.) Note.2 100mVp-p VOLTAGE TOLERANCE Note.3 3.0% 1000ms, 50ms at full load 77% <3.5mA / 240VAC 105 ~ 135% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 95 5 (TSW1) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC ISOLATION RESISTANCE HARMONIC CURRENT EMS IMMUNITY MTBF I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 141.5K hrs min. MIL-HDBK-217F (25 199*99*50mm (L*W*H) 1.1Kg; 20pcs/22Kg/1.28CUFT ) OTHERS NOTE DIMENSION PACKING 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. File Name:QP-150B,C-SPEC 2007-10-25 150W Quad Output with PFC Function Mechanical Specification 199 20 25 70 35 117 65 48.5 QP-150B,C Case No. 916B series Unit:mm 133 LED 10 +V ADJ.1 9 8 7 6 5 4 3 2 1 7.62 35.2 51 6.15 2-M4 49.5 5-M3 L=6mm 38 15 142 25 16 Air flow direction 10 119 79 99 Terminal Pin No. Assignment : Assignment Assignment Pin No. Pin No. AC/L DC OUTPUT V3 1 5 DC OUTPUT V1 AC/N 2 6,7 8,9 DC OUTPUT COM 3 FG 10 DC OUTPUT V2 4 DC OUTPUT V4 9 max. 25 25 6-M4 L=6mm Block Diagram RECTIFIERS & FILTER RECTIFIERS & FILTER MA & CONTROL RECTIFIERS & FILTER O.V.P. REGULATOR 12.5 50 fosc : 100KHz V4 V3 I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING PWM & PFC CONTROL FAN RECTIFIERS & FILTER V2 +5V COM DETECTION CIRCUT FG Derating Curve Output Derating VS Input Voltage 100 100 90 80 80 70 60 LOAD (%) LOAD (%) 0 0 10 20 30 40 50 60 (HORIZONTAL) 40 60 50 40 20 -10 -10 90 100 115 135 155 230 264 AMBIENT TEMPERATURE ( ) INPUT VOLTAGE (VAC) 60Hz File Name:QP-150B,C-SPEC 2007-10-25 |
Price & Availability of QP-150 |