|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PSS40 Series 40 Watt Single Output AC/DC Power Supply FEATURES 2 Year Warranty Approvals: UL/TUV/CE Low Cost, High Reliability Fixed Switching Frequency Compact Size, Light Weight 100% Full Load Burn-In Tested Cooling by Free Air Convection Universal AC Input / Full Range Built-In EMI Filter, Low Ripple and Noise High Efficiency, Low Working Temperature Short Circuit, Overload, and Over Voltage Protected SPECIFICATIONS: PSS40 Series All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. INPUT SPECIFICATIONS Input Voltage Range 85 ~ 264VAC or 120 ~ 370VDC Input Frequency 47 to 63Hz AC Current (typical) 1.2A @ 115VAC 0.6A @ 230VAC Inrush Current (typical) Cold Start 25A @ 115VAC 50A @ 230VAC Leakage Current < 1mA @ 240VAC OUTPUT SPECIFICATIONS Output Voltage See Table Output Power See Table Voltage Tolerance (See Note 3) PSS-40-5: 2.0%; Other Models: 1.0% Voltage Adjustment Range See Table Line Regulation 0.5% Load Regulation PSS-40-5: 1.0%; Other Models: 0.5% Output Current See Table Ripple & Noise (max) (See Note 2) PSS-40-5: 75mVp-p; Other Models: 100mVp-p Setup, Rise Time 300ms, 50ms @ 230VAC 800ms, 50ms @ 115VAC and full load Hold Up Time (typical) 70ms @ 230VAC 15ms @115VAC and full load Temperature Coefficient 0.03%/C (0 ~ 50C) PROTECTION 115% to 135% (See Table) Over Voltage Protection Protection Type: Hiccup mode, recovers automatically after fault condition is removed. 105 ~ 150% rated output power Overload Protection Protection Type: Hiccup mode, recovers automatically after fault condition is removed. GENERAL SPECIFICATIONS Switching Frequency 75KHz Efficiency See Table Withstand Voltage 3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG) Isolation Resistance 100M/500DC (Input to Output, Input to FG, and Output to FG) ENVIRONMENTAL SPECIFICATIONS Working Temperature -10C to +60C (refer to output load derating curve) Storage Temperature -20C to +85C Working Humidity 20 ~ 90% RH non-condensing Storage Humidity 10 ~ 95% RH Cooling Free air convection Vibration 10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes. MTBF 314,100 hours min. @ 25C (MIL-HDBK-217F) PHYSICAL SPECIFICATIONS Weight 450 grams Dimensions 129(L) x 98(W) x 38(H) mm SAFETY & EMC Safety Standards UL1012, UL60950-1, TUV EN60950-1 Approved EMI Conduction & Radiation Compliance to EN55022 (CISPR22) Class B Harmonic Current Compliance to EN61000-3-2,-3 EMS Immunity Compliance to EN61000-4-2,3,4,5; ENV50204, EN55024, Light industry level, criteria A o Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 PSS40 Series 40 Watt Single Output AC/DC Power Supply OUTPUT VOLTAGE / CURRENT RATING CHART Model Number PSS-40-5 PSS-40-12 PSS-40-15 PSS-40-24 85 ~ 264VAC (120 ~ 370VDC) Input Voltage Output Voltage 5 VDC 12 VDC 15 VDC 24 VDC Voltage Adjust. Range 4.75 ~ 5.5V 10.8 ~ 13.2V 13.5 ~ 16.5V 21.6 ~ 26.4V Output Current 8A 3.5A 2.8A 1.8A Output Power 40W 42W 42W 43W Efficiency (115 VAC) Over Voltage Protection 5.75 ~ 6.75V 13.8 ~ 16.2V 17.25 ~ 20.25V 27.6 ~ 32.4V 72% 76% 76% 78% NOTES 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25C ambient temperature. 2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor. 3. Tolerances include set up tolerance, line regulation, and load regulation. 4. Line Regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 0% to 100% rated load. 6. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed that it still meets EMC directives. BLOCK DIAGRAM fosc: 75KHz DERATING CURVE STATIC CHARACTERISTICS (24V) Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 PSS40 Series 40 Watt Single Output AC/DC Power Supply MECHANICAL DRAWING Unit: mm Terminal Pin No. Assignment Pin No. 1 2 3 4 5 Assignment AC/L AC/N FG DC OUTPUT (-V) DC OUTPUT (+V) Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 |
Price & Availability of PSS-40-12 |