Part Number Hot Search : 
030PAAA MAX6967 0P100 332U0 N5672 BR3015 55C6V P4KE180
Product Description
Full Text Search
 

To Download PR1000PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
PHOTOFLASH RECTIFIER
VOLTAGE RANGE 1000 - 1800 Volts
FEATURES
* * * * * * Fast switching Low leakage Low forward voltage drop High current capability High surge capability High reliability
PR1000PT THRU PR1800PT
CURRENT 1.0 Ampere
DO-41
0.034(0.9) DIA. 0.028(0.7)
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.35 gram
1.0(25.4) MIN.
0.205(5.2) 0.166(4.2)
0.107(2.7) DIA. 0.080(2.0)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-41
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range IO 1.0 SYMBOL VRRM VRMS VDC PR1000PT PR1200PT PR1400PT PR1600PT PR1800PT 1000 700 1000 1200 840 1200 1400 980 1400 1600 1120 1600 1800 1260 1800
IFSM
20
Amps
CJ TJ,TSTG
10 -65 to +175
pF
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle 0.375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A SYMBOL VF IR 100 trr 300 uAmps nSec 2002-4 PR1000PT PR1200PT PR1400PT PR1600PT PR1800PT 1.5 5.0 UNITS Volts uAmps
RATING CHARACTERISTIC CURVES ( PR1000PT THRU PR1800PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 50/100 nS/cm -0.25A
(+) 25 Vdc (approx) (-)
D.U.T
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 1.50 INSTANTANEOUS FORWARD CURRENT, ( A ) 20.0 10.0
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT, ( A )
1.25
3.0
Pulse Width = 300uS 1% Duty Cycle
1.00
1.0 .3
.75
.50
Single Phase Half Wave 60Hz Resistive or Inductive Load
TJ =25oC
.1
.25
.03
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C )
O
.01 175 0.4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE, ( V ) 2.2
FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 25 JUNCTION CAPACITANCE, ( pF ) 200 100 60 40 20 10 6 4 2 1 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100 .1
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
20 15
8.3ms Single Half Sine-Wave (JEDEC Method)
10
TJ =25oC
5 0
.2
.4
1.0 2 4 10 20 REVERSE VOLTAGE, ( V )
40
100


▲Up To Search▲   

 
Price & Availability of PR1000PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X