Part Number Hot Search : 
SSP4N80 PLUS173B 9170B 2SC2579 D8305 AO4462 2SK2987 28000
Product Description
Full Text Search
 

To Download PL00251-WCY01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00251 Series SMD LED 1106 Package
Features
*Flat Lens Package 3.0 x 1.5 x 1.4mm with Reflector Cup *Small 60 Viewing Angle *GaAsP Yellow Chip used *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant & Pb free
Absolute Maximum Ratings at TA = 25C
Power Dissipation......................................................................................... 75mW Reverse Voltage (<100A) ................................................................................. 5.0V Max Forward Current ...................................................................................... 30mA Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) ...................................... 100mA Operating Temperature Range ............................................................... -40C to +85C Storage Temperature Range .................................................................... -40C to +85C Reflow Soldering Temperature......................................................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00251-WCY01 Yellow GaAsP Emitting Color Chip Material Peak Wave Length nm 589 Dominant Wave Length nm 590 Viewing Angle 21/2 Deg 60 Forward Voltage @20mA (V) Typ 2.0 Max 2.5 Luminous Intensity @20mA (mcd) Min 5.0 Typ 15.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
CATHODE MARK
3.0
0.45
2.1
0.45
1.5
1
2.0 1.5
1 2
2
1.4
Recommended Soldering Pad Layout
0.5
1.4 1.6 1.4
1.6
03-21-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00251-WCY01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X