Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download PL00250-WCW03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00250 Series SMD LED 1206 Package
Features
*Round Dome Lens 1206 Package 3.2 x 1.6 x 1.8mm *GaN Ultra Bright White Chip used *Narrow Viewing Angle *Low Current Requirements *Ultra High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *Other Colors available *1000 or 2000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation .................................................................................. 120mW
Reverse Voltage (<100A) ........................................................................................ 5.0V Max Forward Current .............................................................................................30mA Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) .............................................100mA Operating Temperature Range ........................................................................-40C to +85C Storage Temperature Range .............................................................................-40C to +85C Reflow Soldering Temperature.................................................................260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00250-WCW03 White GaN Emitting Color Chip Material Chromaticity Coordinates X 0.31 Y 0.31 Viewing Angle 21/2 Deg 40 Forward Voltage @20mA (V) Typ 3.5 Max 4.0 Luminous Intensity @20mA (mcd) Min 300.0 Typ 750.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
3.2 0.6 0.5 1.6 0.5
1 CATHODE MARK
CATHODE MARK
2
1
2
R0.8
1.60
1.8 0.25 1
Recommended Soldering Pad Layout
1.5
1.75
2.0
1.75
9-26-06 REV 0 RS


▲Up To Search▲   

 
Price & Availability of PL00250-WCW03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X