Part Number Hot Search : 
LT310 SC461 11800 LJ64KM01 RB521G BA5954FM 2SJ0164 HA1210
Product Description
Full Text Search
 

To Download PL00250-WCR26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00250 Series SMD LED 1206 Package
Features
*Round Dome Lens Package 3.2 x 1.6 x 1.8mm *AlGaInP Ultra Bright Red Chip used *Narrow Viewing Angle *Low Current Requirements *Ultra High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation.............................................................................. 72mW Reverse Voltage (<100A) ........................................................................ 5.0V Max Forward Current .......................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)................................... 150mA Operating Temperature Range .................................................... -40C to +85C Storage Temperature Range ....................................................... -40C to +85C Reflow Soldering Temperature............................................. 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00250-WCR26 Red AlGaInP Emitting Color Chip Material Peak Wave Length nm 650 Dominant Wave Length nm 630 Viewing Angle 21/2 Deg 40 Forward Voltage @20mA (V) Typ 1.95 Max 2.4 Luminous Intensity @20mA (mcd) Min 135.0 Typ 350.0
Package Dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
3.2 0.6 0.5 1.6 0.5
1 CATHODE MARK
CATHODE MARK
2
1
R0.8
1.60
2
1.8 0.25 1
Recommended Soldering Pad Layout
1.5
1.75
2.0
1.75
1-10-07 REV 0 RS


▲Up To Search▲   

 
Price & Availability of PL00250-WCR26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X