Part Number Hot Search : 
02SSL20 STM8450A P89LP 1N60T STM8458 IR2E51Y C74HC3 4N100
Product Description
Full Text Search
 

To Download PFC-W1206HFLF-03-50R0-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Frequency Chip Resistor Terminators
PFC HF Series * Long life self-passivating TaNFilm(R) element * Frequency performance characterized to 6GHz * Available in 0402, 0603, 0805 and 1206 chip sizes * Standard Sn/Pb and Pb-free terminations available
IRC Advanced Film Division
Wraparound termination with non-leaching Nickel barrier
Ultra stable Tantalum Nitride resistor film system
The PFC-HF series of high frequency chip terminators are available in standard chip resistor sizes. Available in 0402, 0603, 0805 and 1206 chip sizes, the PFC-HF is a drop-in replacement for poorer performing standard size chips. With operation characterized to 6GHz, the PFC-HF series is suitable for RF and microwave transmission line termination as well as high speed digital line termination. Applications include SCSI bus termination, DDR memory termination, RF and microwave transmit and receive line terminations and general high speed transmission line termination.
Electrical Data
Model W0402HF W0603HF 50 and 75 W0805HF W1206HF 250mW 333mW Impedance Power Rating @ 70C 50mW 100mW 10%, 5%, 2%, 1% -55C to 125C <-25dB 60/40 Sn/Pb Plate or Matte Tin Finish 99.5% Alumina Available Tolerances Operating Temperature Range Noise Termination Substrate
Environmental Data
Environmental Test MIL-PRF-55342 Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Effects of Solder Moisture Resistance Life Maximum R per Characteristic E 0.10% 0.10% 0.10% 0.10% 0.20% 0.20% 0.50% Performance Typical 0.02% 0.01% 0.01% 0.03% 0.01% 0.03% 0.03% Maximum 0.10% 0.05% 0.05% 0.10% 0.10% 0.10% 0.10%
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc PFC HF Series Issue June 2008 Sheet 1 of 4
High Frequency Chip Resistor Terminators
Frequency Performance Data
0
W0402HF Return Loss (S11, S22) Magnitude (dB)
IRC Advanced Film Division
-10 -20 -30 -40
50
-50 30KHz
Frequency
6GHz
0
W0603HF Return Loss (S11, S22) Magnitude (dB)
-10 -20 -30
75
-40 -50 30KHz
Frequency
50
6GHz
0
W0805HF
Return Loss (S11, S22) Magnitude (dB)
-10 -20 -30
75
-40 -50 30KHz
Frequency
50
6GHz
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 2 of 4
High Frequency Chip Resistor Terminators
Frequency Performance Data
0
W1206HF Return Loss (S11, S22) Magnitude (dB)
IRC Advanced Film Division
-10 -20 -30
75
-40 -50 30KHz
Frequency
50
6GHz
Modeling Data for 50 Terminator
W0402HF
1.1nH 175fF 3.0nH 50R
W0603HF
1.65nH 350fF 1.75nH 50R
120fF
225fF
W0805HF
W1206HF
1.71nH
2nH
1.4nH 50R
485fF
1.4nH 50R
500fF
255fF
275fF
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 3 of 4
High Frequency Chip Resistor Terminators
Physical Data
Top W Side H
IRC Advanced Film Division
Bottom b
L
a Dimensions (mm) L W0402HF W0603HF W0805HF W1206HF 0.040 0.002 0.063 0.004 0.081 0.005 0.126 0.006 W 0.021 0.002 0.031 0.004 0.050 0.005 0.063 0.005 H 0.012 0.003 0.020 0.004 0.020 0.006 0.024 0.004 a 0.008 0.002 0.012 0.005 0.016 0.008 0.025 0.010 b 0.010 0.002 0.015 0.005 0.016 0.008 0.025 0.010
Power Derating Curve
100
Ordering Data
Prefix PFC - W0603 HF - 01 50R0 - F Model
W0402; W0603; W0805; W1206
% Of Rated Power
Termination
50
HF = 60/40 Sn/Pb plated solder HFLF = 100% tin plated (Pb-free)
TCR Code
01 = 100ppm/C; 02 = 50ppm/C; 03 = 25ppm/C
Resistance Code
10
50R0 = 50; 75R0 = 75
25
70
150
Tolerance Code
K = 10%; J = 5%; G = 2%; F = 1%
Ambient Temperature (C)
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PFC HF Series Issue June 2008 Sheet 4 of 4


▲Up To Search▲   

 
Price & Availability of PFC-W1206HFLF-03-50R0-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X