Part Number Hot Search : 
E000473 FSGM300 CMQ04 1N473 GVXO46 FSF05A20 AD73460 OP284
Product Description
Full Text Search
 

To Download PFC-W1206HF-07-75R0-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mil-Screened High Frequency Chip Resistors
PFC HF MIL Series
* * * * Long life TaNFilm(R) element Military screening per MIL-PRF-55342 Available in 0603, 0805 and 1206 chip sizes Standard 60/40 Sn/Pb solder plated terminations
Ultra stable Tantalum Nitride resistor film system Wraparound termination with non-leaching Nickel barrier
IRC offers MIL-screened high frequency chip terminators are available in standard chip resistor sizes. Available in 0603, 0805 and 1206 chip sizes, the PFC-HF MIL is a drop-in replacement for poorer performing standard size chips. Built on the same production line as our mil-qualified, tantalum nitride PFC chip resistors with Group A screening to MIL-PRF-55342 assures the highest level of performance and reliability. With operation characterized to 6GHz, the PFC-HF MIL series is suitable for RF and microwave transmission line termination as well as high speed digital line termination. Applications include SCSI bus terminations, DDR memory terminations, RF and microwave transmit and receive line terminations.
Electrical Data
Maximum Continuous Power Rating W0603HF W0805HF W1206HF 100mW 150mW 250mW 50.0 and 75.0 KJGF -55C to 150C <-25dB 60/40 Sn/Pb Plate 99.5% Alumina Ohmic Value Available Tolerances Temperature Range Noise Termination Substrate
Environmental Data
Environmental Test MIL-PRF-55342 Thermal Shock Low Temperature Operation Short-time Overload High Temperature Exposure Effects Of Solder Moisture Resistance Life
General Note
Maximum R Per Characteristic E 0.10% 0.10% 0.10% 0.10% 0.20% 0.20% 0.50%
Performance Typical 0.02% 0.01% 0.01% 0.03% 0.01% 0.03% 0.03% Maximum 0.10% 0.05% 0.05% 0.10% 0.10% 0.10% 0.10%
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc PFC HF MIL Series Issue January 2009 Sheet 1 of 4
Mil-Screened High Frequency Chip Resistors
Return Loss Data (S11, S22) W0603HF Frequency Performance
Attenuation (dB)
Frequency
W0805HF Frequency Performance
Attenuation (dB)
Frequency
W1206HF Frequency Performance
Attenuation (dB)
Frequency
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com PFC HF MIL Series Issue January 2009 Sheet 2 of 4
Mil-Screened High Frequency Chip Resistors
Physical Data
Top W Side H Bottom b
L
a
L W0603 W0805 W1206 0.0630.004 0.0810.005 0.1260.006
W 0.0310.004 0.0500.005 0.0630.005
H 0.0200.004 0.0200.006 0.0240.004
a 0.0120.005 0.0160.008 0.0250.010
b 0.0150.005 0.0160.008 0.0250.010
Modeling Data
W0603HF
1.65nH 350fF 1.75nH 50R 255fF 1.4nH 50R 275fF 485fF 1.4nH 50R 500fF
W0805HF
W1206HF
1.71nH
2nH
225fF
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PFC HF MIL Series Issue January 2009 Sheet 3 of 4
Mil-Screened High Frequency Chip Resistors
Power Derating Curve
100
Ordering Data
Prefix Model PFC - W0603HF 05 50R0 - F
W0603HF = High frequency 0603 chip W0805HF = High frequency 0805 chip W1206HF = High frequency 1206 chip
% Of Rated Power
50
Characteristic Code
10
04 = MIL Screening IAW MIL-PRF-55342 Characteristic M 05 = MIL Screening IAW MIL-PRF-55342 Characteristic K 06 = MIL Screening IAW MIL-PRF-55342 Characteristic H 07 = MIL Screening IAW MIL-PRF-55342 Characteristic E
25
70
150
Resistance Code
Temperature (C)
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
50R0 = 50; 75R0 = 75
Tolerance Code
K = 10%; J = 5%; G = 2%; F = 1%
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PFC HF MIL Series Issue January 2009 Sheet 4 of 4


▲Up To Search▲   

 
Price & Availability of PFC-W1206HF-07-75R0-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X