Part Number Hot Search : 
1N5398 T74FCT TMA106I PAW3402 PQ2CF1 10100C ON2858 L6382D5
Product Description
Full Text Search
 

To Download P6KE91PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 400 VOLTS 600 WATTS PEAK POWER 5.0 WATTS STEADY STATE
FEATURES
Plastic package 600W surge capability at 1ms Glass passivated chip junction in DO-15 Package Excellent clamping capability Low Zener lmpedance Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed: 300 degree C/10seconds/.375"(9.5mm) lead length/51 bs., (2.3k) tension
1.0(25.4) MIN.
P6KE SERIES
* * * * * *
DO-15
0.034(0.9) DIA. 0.028(0.7)
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
0.300(7.6) 0.230(5.8)
0.140(3.6) DIA. 0.104(2.6)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-15
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For Bidirectional use C or CA Suffix for types P6KE6.8 thru types P6KE400 Electrical characteristics apply in both directions.
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS SYMBOL VALUE UNITS
Peak Power Dissipation at TA = 25oC, Tp = 1ms ( Note1 )
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL = 75oC Lead Lengths .375" (9.5mm) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 )
PD
5.0
Watts
IFSM
100
Amps
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
o
C
NOTES : 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
2001-6
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. P6KE6.8PT P6KE6.8APT P6KE7.5PT P6KE7.5APT P6KE8.2PT P6KE8.2APT P6KE9.1PT P6KE9.1APT P6KE10PT P6KE10APT P6KE11PT P6KE11APT P6KE12PT P6KE12APT P6KE13PT P6KE13APT P6KE15PT P6KE15APT P6KE16PT P6KE16APT P6KE18PT P6KE18APT P6KE20PT P6KE20APT P6KE22PT P6KE22APT P6KE24PT P6KE24APT P6KE27PT P6KE27APT P6KE30PT P6KE30APT P6KE33PT P6KE33APT P6KE36PT P6KE36APT P6KE39PT P6KE39APT P6KE43PT P6KE43APT P6KE47PT P6KE47APT P6KE51PT P6KE51APT P6KE56PT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 MAX. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4
Ir ( uA ) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 56 57 51 53 48 50 44 45 40 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 15 16 14 14.4 12.6 13.2 11.6 12.0 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4
( %C ) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. P6KE56APT P6KE62PT P6KE62APT P6KE68PT P6KE68APT P6KE75PT P6KE75APT P6KE82PT P6KE82APT P6KE91PT P6KE91APT P6KE100PT P6KE100APT P6KE110PT P6KE110APT P6KE120PT P6KE120APT P6KE130PT P6KE130APT P6KE150PT P6KE150APT P6KE160PT P6KE160APT P6KE170PT P6KE170APT P6KE180PT P6KE180APT P6KE200PT P6KE200APT P6KE220PT P6KE220APT P6KE250PT P6KE250APT P6KE300PT P6KE300APT P6KE350PT P6KE350APT P6KE400PT P6KE400APT 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 MAX. 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 47.8 50.2 53.0 55.1 58.0 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342
Ir ( uA ) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 7.8 6.8 7.1 6.1 6.5 5.5 5.8 5.1 5.3 4.5 4.8 4.2 4.4 3.8 4.0 3.5 3.6 3.2 3.3 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.75 1.83 1.67 1.75 1.40 1.45 1.20 1.25 1.05 1.10
( %C ) 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
NOTES : 1. Vbr measured after IT applied for 300 us. IT = Square Wave Pulse or equivalent. 2. Surge Current Waveform per Figure 3 and Derated per Figure 2. 3. Vf = 3.5 V max. at If= 50 A ( P6KE6.8 thru P6KE91A ) Vf = 5.0 V max. at If = 50 A ( P6KE100 thru P6KE400A ) on 1/2 Square or equivalent Sine Wave. PW = 8.3ms, Duty Cycle = 4 Pulses per minute maximum. 4. For Bipolar types having VR of 10 Volts and under, the IR limit is doubled.
RATING CHARACTERISTIC CURVES ( P6KE6.8PT ~ P6KE400APT )
FIG. 1 - PEAK PULSE POWER RATING CURVE 100 PPPM, PEAK PULSE POWER, KW
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25 OC
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE,% 100
75
10
50
1.0
25
0.1 0.1uS
0 0 25 50
1.0uS
10uS
100uS
1.0mS
10mS
75
100
125
150
175
200
TP, PULSE WIDTH, Sec
TA, AMBIENT TEMPERATURE,( OC)
FIG. 3 - PULSE WAVEFORM 150
tr = 10usec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNI-DIRECTIONAL 6,000
f = 1.0 MHz Vsig = 50mVp-p TJ = 25 OC
IPPM, PEAK PULSE CURRENT,%
CJ, CAPACITANCE, pF
Peak Value IPPM
Measured at Zero Bias
100
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
1,000
50
100
Measured at Stand off Voltage,VWM
0 0
td
10 1.0 2.0 t, TIME,mS 3.0 4.0
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
RATING CHARACTERISTIC CURVES ( P6KE6.8PT ~ P6KE400APT )
FIG. 5 - STEADY STATE POWER DERATING CURVE 5.00 PM(AV), STEADY STATE POWER DISSIATION, WATTS 200 IFSM, PEAK FORWARD SURGE CURRENT AMPERES FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNI-DIRECTIONAL
8.3ms Single Half Sine-Wave (JEDED Method)
L = 0.375"(9.5mm)
Lead Lengths
60Hz Resistive or Inductive Load
3.75
100
2.50
1.6X1.6X.040" (40X40X1mm) Copper Heat Sinks
1.25
0 0
25
50
75
100
125
150
175
200
10 1
10 NUMBER OF CYCLES AT 60 Hz
100
TL, LEAD TEMPERATURE ( OC)
FIG. 7 -TYPICAL REVERSE LEAKAGE CHARACTERISTICS 1000 IR, INSTANTANEOUS REVERSE LEAKAGE CHRRENT, MICROAMPERES
100
10
1
0.1
0.01
.001 0 100 200 300 400 500 V(BR) BREAKDOWN VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of P6KE91PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X