Part Number Hot Search : 
YAAMUA AOL1436 6010QM3 GS001 274QS16E A5954 5N03L LSIT124
Product Description
Full Text Search
 

To Download NA0108B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 nanoNET TRX
High Performance Transceiver for the 2.45 GHz ISM Band
Overview
The nanoNET TRX transceiver is a highly integrated mixed signal chip utilizing the unique wireless communication technology CSS (Chirp Spread Spectrum) developed by Nanotron Technologies. nanoNET TRX allows a high range of up to 900 meters in free space and 60 meters indoors in the 2.45 GHz ISM band (@ 1 Mbps). The system is extremely robust against disturbances such as noise and multipath fading. Due to its primarily analog signal processing and the robustness of the chirp signal, nanoNET TRX has an extremely low power consumption per successfully transmitted bit. For battery-powered applications requiring a long life and high data rates, this IC offers the ideal solution. The data rate is selectable between 500 kbps, 1 Mbps, and 2 Mbps. Due to the unique chirp pulse, adjustment of the antenna is not critical, which significantly simplifies the installation and maintenance of the system ("pick and place"). The nanoNET TRX transceiver includes a MAC controller with CSMA/CA and TDMA support, as well as Forward Error Correction (FEC), and 128 bit encryption. Driver software, a Portable Protocol Stack (PPS), an Evaluation Kit, and a Development Kit are also available.
Main Features
Operating worldwide in the 2.45 GHz ISM band Data rates: 2 Mbps and 1 Mbps Range: max 900 m free space, 60 m indoors (@ 8 dBm TX power, 1 Mbps) CSMA/CA and TDMA Support Modulation technique: Chirp Spread Spectrum Chirp bandwidth: 64 MHz effective Processing gain: 17 dB Carrier to Interference ratio: -3 dB to 0 dB (@ BER=10-3, C=-82 dBm, 1Mbps) Maximum RF output power: 8 dBm TX power adjustment in 19 steps from -27 dBm to 8 dBm Receiver sensitivity: -92 dBm (@ BER=10-3, 1Mbps) Supply voltage: 2.4 V to 3.6 V Current consumption: 35 mA (RX), 78 mA (TX, 8 dBm), 64 m (TX, 0 dBm) Standby current with active RTC is 1.5 A Operating temperature range: -40 C to +85 C Integrated MAC controller with FEC and CRC SPI interface to external c (up to 16 MHz SPI clock) 4 channel digital I/O Automatic address matching (48 bit)
(c) Nanotron Technologies GmbH | All rights reserved Subject to change without notice. NA-05-S-0007-E-2.00
Applications
Active RFID Industrial Monitoring and Control Medical Applications Building Safety Meter and Sensor Reading Multimedia
RF Modules nanoPAN 5360, 5361
For easy product development and fast market entry, Nanotron Technologies provides the RF modules nanoPAN 5360 and nanoPAN 5361. They contain the complete RF part of a nanoNET node and provide asymmetrical 50 antenna port. The nanoPAN 5360 contains an additional ISM band pass filter for an even improved robustness.
Sample Application
The nanoNET TRX transceiver can work with almost every microcontroller and is designed in such a way that only a minimal number of external components are required to build a fully operational bi-directional wireless communication node, which reduces the BOM to a minimum.
Ordering Information
Number NA0108B Description nanoNET TRX Transceiver Chip (RoHS compliance certificate available)
Further Information: Nanotron Technologies GmbH Alt-Moabit 60 | 10555 Berlin | Germany Phone +49 30 399 954 - 0 | Fax +49 30 399 954 - 188 E-mail sales@nanotron.com | Web www.nanotron.com
(c) Nanotron Technologies GmbH | All rights reserved Subject to change without notice. NA-05-S-0007-E-2.00


▲Up To Search▲   

 
Price & Availability of NA0108B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X